Part Number Hot Search : 
IDT72V ASI10466 SCA24CA DA120 03800 SC3027B BD3988FV 5SDF1
Product Description
Full Text Search
 

To Download CDRH4D16FB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDRH4D16FB,CDRH4D16F/LD
Product Description
4.15x4.15mm Max.(LxW), 1.8mm Max. Height. (CDRH4D16FB) 4.5x4.5mm Max.(LxW), 1.8mm Max. Height. (CDRH4D16F/LD) Inductance range:1.322H(CDRH4D16FB); 2.033uH(CDRH4D16F/LD). Rated current range: 0.522.3A(CDRH4D16FB); 0.220.9A(CDRH4D16F/LD). In addition to the standards versions shown here, custom inductors are also available to meet your exact requirements.
Feature
Magnetically shielded construction. Ideally used in Mobile phone,PDA,MP3,HDD,DSC/DVC,etc as DC-DC Converter inductors. RoHS Compliance.
Dimensions (mm)
0. 65 0. 15 2 0. 1 1. 3. 1
4.00.15
1.650.15
4.00.15
0. 65 0. 15
4. 9- +0 4. 0 .3 4- +0 .2
0. .3 2
CDRH4D16FB
ELECTRODE
CDRH4D16F/LD Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
POWER INDUCTORS
Type: CDRH4D16FB,CDRH4D16F/LD
Land Pattern (mm)
1.4 1.1 2.8 5.0
CDRH4D16FB CDRH4D16F/LD
1.1
Specification(CDRH4D16FB)
Part Name
CDRH4D16FB/NP-1R3N CDRH4D16FB/NP-1R8N CDRH4D16FB/NP-2R4N CDRH4D16FB/NP-3RON CDRH4D16FB/NP-3R9N CDRH4D16FB/NP-4R7N CDRH4D16FB/NP-6R8N CDRH4D16FB/NP-8R5N CDRH4D16FB/NP-1OOM CDRH4D16FB/NP-15OM CDRH4D16FB/NP-22OM
Inductance Stamp Within 100kHz/1V
A B C D E F G H J K L 1.3H25% 1.8H25% 2.4H25% 3.0H25% 3.9H25% 4.7H25% 6.8H25% 8.5H25% 10H20% 15H20% 22H20%
D.C.R. (m) Max.(Typ.) (at 20) 29.3(22.5) 34.5(27.6) 37.9(30.3) 39.6(31.7) 56.7(43.6) 58.5(46.8) 81.25(65.0) 107.0(89.1) 118.0(98.0) 178.8(149.0) 288.0(240.0)
Saturation current ()1 (at20) 2.30 1.90 1.70 1.50 1.35 1.20 1.00 0.90 0.80 0.65 0.52 (at100) 1.50 1.30 1.20 1.10 1.00 0.90 0.75 0.65 0.60 0.50 0.40
Temperature rise current (A)2
2.8 2.7 2.6 2.4 2.1 2.0 1.5 1.3 1.2 1.0 0.75
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
POWER INDUCTORS
Type: CDRH4D16FB,CDRH4D16F/LD
Specification(CDRH4D16F/LD)
Part Name CDRH4D16F/LDNP-2RON CDRH4D16F/LDNP-2R6N CDRH4D16F/LDNP-4R7N CDRH4D16F/LDNP-6R8N CDRH4D16F/LDNP-1OON CDRH4D16F/LDNP-15ON CDRH4D16F/LDNP-22ON CDRH4D16F/LDNP-33ON
Inductance
Stamp
Within 100kHz/1V
2.0H 25 2.6H 25 4.7H 25 6.8H 25 10H 25 15H 25 22H 25 33H 25
D.C.R.(m) Max.(Typ.) (at 20) 25.2(21.0) 28.9(24.1) 42.4(35.3) 51.2(42.7) 68.2(56.8) 108.7(90.6) 169.2(141.0) 234.0(195.0)
Saturation current mA 900 800 600 500 400 350 300 220
Temperature rise current (A)2 3.4 3.2 2.5 2.4 2.0 1.4 1.0 0.85
A B C D E F G H
Description of part name
CDRH4D16F/LDNP-2RON B Box C Carrier Tape
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value .(Ta20) 2 Temperature rise current:The DC current at which the temperature rise is t40. (Ta20)
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3


▲Up To Search▲   

 
Price & Availability of CDRH4D16FB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X