Part Number Hot Search : 
1X392K 54FCT MC74HC 5ETTTS TEVAL 16N50C 1570E5 SMCJ30
Product Description
Full Text Search
 

To Download CDRH2D16LDNP-3R3N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDRH2D16/LD
Product Description 3.2x3.2mm Max.(LxW),1.8mm Max. Height. Inductance range: 2.227H. Rated current range: 0.260.86 A. In addition to the standards versions shown here, custom inductors are also available to meet your exact requirements.
Feature
Magnetically shielded construction. Ideally used in Mobilephone,PDA,MP3,DSC/DVC,etc as DC-DC Converter inductors. RoHS Compliance.
Dimensions (mm)
2 0 1. 1 0.
3.00.2
1
2.
1
3. 3
1 Not including terminal dimension
Electrode
Land Pattern (mm)
1. 3
Please refer to the sales offices on our website for a representative near you www.sumida.com
4.
1
3.00.2
(1.6) 1. 8 M ax.
2
Ma
2
x.
0. 2
3 4. 7 1. 3 1.
1/2
POWER INDUCTORS
Type: CDRH2D16/LD
Specification
Part Name CDRH2D16LDNP-2R2N CDRH2D16LDNP-2R7N CDRH2D16LDNP-3R3N CDRH2D16LDNP-3R9N CDRH2D16LDNP-4R7N CDRH2D16LDNP-5R6N CDRH2D16LDNP-6R8N CDRH2D16LDNP-8R2N CDRH2D16LDNP-1OON CDRH2D16LDNP-12ON CDRH2D16LDNP-15ON CDRH2D16LDNP-18ON CDRH2D16LDNP-22ON CDRH2D16LDNP-27ON Stam p A B C D E F G H I J K L M N Inductance (H) Within 100kHz/1V 2.230 2.730 3.330 3.930 4.730 5.630 6.830 8.230 10.030 12.030 15.030 18.030 22.030 27.030 D.C.R.(m) Max.(Typ.) (at 20) 47(38) 61(49) 67(54) 75(60) 101(81) 123(98) 158(127) 171(137) 195(156) 223(179) 248(198) 316(252) 418(335) 466(373) Saturation current ()1 (at 20) 0.86 0.82 0.72 0.70 0.62 0.57 0.50 0.45 0.42 0.39 0.35 0.32 0.28 0.26 (at100) 0.65 0.60 0.52 0.48 0.45 0.40 0.35 0.33 0.30 0.28 0.26 0.23 0.21 0.18 2.20 1.90 1.74 1.60 1.32 1.25 1.00 0.95 0.92 0.85 0.81 0.73 0.60 0.53 Temperature rise current (A)2
Description of part name
CDRH2D16LDNP-2R2N B Box C Carrier Tape 1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value 2 Temperature rise current: The DC current at which the temperature rise is t40.(Ta20)
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDRH2D16LDNP-3R3N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X