Part Number Hot Search : 
NTE23 2SC411 A1146 AD9779 351307 M5230 LT1085IG MS4024F
Product Description
Full Text Search
 

To Download CDRH103R06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDRH103R
Product Description
10.3x10.5mm Max.(LxW), 3.1mm Max. Height. Inductance Range:0.8150H Rated current range: 0.518.3A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically shielded construction. Ideally used in Notebook PC, LCD TV,DVD, Game machine, STB ,Projector etc as DC-DC Converter inductors. RoHS Compliance
Dimensions (mm)
10.20.3
10.00.3
2.80.3 Electrode
3.00.1
Land Pattern (mm)
1.6
3.2
Please refer to the sales offices on our website for a representative near you
1.6
7.3
www.sumida.com
1.20.15
1/2
7.70.3
.5 13 X. MA
POWER INDUCTORS
Type: CDRH103R
Specification
Part Name CDRH1O3RNP-OR8N-B CDRH1O3RNP-1R5N-B CDRH1O3RNP-2R2N-B CDRH1O3RNP-3R3N-B CDRH1O3RNP-4R7N-B CDRH1O3RNP-6R8N-B CDRH1O3RNP-8R2N-B CDRH1O3RNP-1OON-B CDRH1O3RNP-15ON-B CDRH1O3RNP-22ON-B CDRH1O3RNP-33ON-B CDRH1O3RNP-47ON-B CDRH1O3RNP-56ON-B CDRH1O3RNP-68ON-B CDRH1O3RNP-82ON-B CDRH1O3RNP-1O1N-B CDRH1O3RNP-121N-B CDRH1O3RNP-151N-B Stamp 0R8 1R5 2R2 3R3 4R7 6R8 8R2 100 150 220 330 470 560 680 820 101 121 151 Inductance Within 100kHz/1V 0.8H30% 1.5H30% 2.2H30% 3.3H30% 4.7H30% 6.8H30% 8.2H30% 10H30% 15H30% 22H30% 33H30% 47H30% 56H30% 68H30% 82H30% 100H30% 120H30% 150H30% D.C.R.(m) Max.(Typ.) (at 20) 5.7(4.4) 11.0(8.5) 16.9(13) 21.0(16) 30.0(23) 35.0(27) 50.0(38) 59.0(45) 91.0(70) 143(110) 202(155) 299(230) 325(250) 429(330) 494(380) 683(525) 754(580) 871(670) Saturation Current A1 11.2 8.0 6.7 5.56 4.65 3.84 3.54 3.18 2.60 2.16 1.74 1.43 1.36 1.22 1.14 1.02 0.89 0.84 Temperature Rise current (A) 2 8.30 5.80 5.10 4.70 4.00 3.60 3.00 2.80 2.05 1.60 1.35 1.20 1.15 0.95 0.80 0.70 0.65 0.51
Description of part name
CDRH103RNP-0R8N-B B Box C Carrier Tape
1. Saturation current: The DC current at which the inductance decreases to 65% of it's nominal value. 2. Temperature rise current: The DC current at which the temperature rise is t40.(Ta20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDRH103R06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X