![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER INDUCTORS Type: CDR910 *Y Product Description *E *E *E 12.95A 9.4mm Max.(LA W), 11.3mm Max. Height. 1.0mH 4.8A *E Inductance Range: 10 uH Rated current range: 0.44 In addition to the standards versions shown here, custom inductors are also available to meet your exact requirements. *Y *E *E *E Feature Magnetically unshielded construction. Ideally used in Communication devices like *~ DSL modem, router and access point. RoHS Compliance. *Y Dimensions (mm) 9.4 Max. 11.3 Max. 2.54 2.6 1 12.95 Max. 8.5 7.6 2 *Y Land Pattern (mm) 2.79 Ref. Please refer to the sales offices on our website for a representative near you 2.92 Ref. 7.37 Ref. www.sumida.com 1/2 POWER INDUCTORS Type: CDR910 *Y Specification Part Name *| CDR910NP-100M* CDR910NP-150M* CDR910NP-180M* CDR910NP-220M* CDR910NP-330M* CDR910NP-470M* CDR910NP-680M* CDR910NP-101M* CDR910NP-151M* CDR910NP-221M* CDR910NP-331M* CDR910NP-471M* CDR910NP-681M* CDR910NP-102M* Stamp 100 150 180 220 330 470 680 101 151 221 331 471 681 102 Inductance *m Within*n 100kHz/1V 10uH*} 15uH*} 18uH*} 22uH*} 33uH*} 47uH*} 68uH*} 100uH*} 150uH*} 220uH*} 330uH*} 470uH*} 680uH*} 1000uH*} 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% D.C.R.(m ) Max.(Typ.) (at 20*Z ) 24 (20) 29 (24) 32 (26) 45 (36) 65 (54) 85 (68) 125 (100) 190 (155) 280 (230) 360 (300) 565 (470) 820 (670) 1260 (1050) 1850 (1522) Saturation Current Max.(Typ.) *i A*j*| 1 6.88(8.60) 5.76(7.20) 5.29 (6.62) 4.72 (5.90) 3.76 (4.70) 3.20 (4.00) 2.68 (3.35) 2.18 (2.72) 1.76 (2.20) 1.46 (1.83) 1.20 (1.50) 1.00 (1.25) 0.84 (1.05) 0.68 (0.85) Temperature rise current Max.(Typ.) (A)*| 2 4.80 (5.50) 4.30 (4.90) 4.00 (4.60) 3.40 (3.90) 2.60 (3.00) 2.42 (2.78) 1.90 (2.20) 1.50 (1.72) 1.20 (1.38) 1.10 (1.25) 0.85 (0.96) 0.71 (0.81) 0.54 (0.62) 0.44 (0.50) *| Description of part name CDR910NP-100M* B C *| Box Carrier Tape 1.Saturation current: The DC current at which the inductance decreases to 90% of it's initial value. (Ta** 20*Z ) t** 40*Z .(Ta** 20*Z ) *| 2.Temperature rise current: The DC current at which the temperature rise is * Please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 |
Price & Availability of CDR910NP-180MB
![]() |