Part Number Hot Search : 
BC847C HMC29006 A7986A HER302 T1213 FJP555 00113 U1001H
Product Description
Full Text Search
 

To Download CDMC104NP-R56M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDMC104
Product Description
11.5x10.2mm Max. (LxW), 4.0mm Max. height Inductance range: 0.360.56H Rated Current Range: 21.025.0A
Feature
Magnetically shielded construction. Metal Powder Molded Type,Super high current inductors. High Current Inductor for Server, Notebook PC ,CPU, etc, as DC-DC Converter inductors. RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
3.8
6.0
3.8
Electrode
Specification
Inductance H D.C.R.(m) Within (at 20) Saturation CurrentA1 Temperature rise current (A)2
Part Name
Stamp
Within 1MHz/1V
(at 20) (at 125) 28.0 22.0 27.0 21.0
CDMC1O4NP-R36M CDMC1O4NP-R56M
R36M R56M
0.3620 0.5620
1.1010 1.4810
25.0 21.0
1 Saturation current: The DC current at which the inductance decreases to 80% of it's initial
value.
2. Temperature rise current: The DC current at which the temperature rise is t40.
(Ta20).
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4.6
1/1


▲Up To Search▲   

 
Price & Availability of CDMC104NP-R56M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X