Part Number Hot Search : 
NTXV1 MX25L S1C33S01 KSA2690 PT12310 39054 ON2246 1N3062
Product Description
Full Text Search
 

To Download CDH28D14NP-4R7M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDH28D14
Product Description
3.0x3.0mm Max.(LxW), 1.5mm Max. Height. Inductance range: 2.222H. Rated current range: 0.381.33A. Custom design is available.
Feature
Magnetically unshielded construction. Ideally used in Mobilephone,PDA,MP3,DSC/DVC,HDD,etc as DC-DC Converter inductors. RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Specification
Part Name CDH28D14NP-2R2M CDH28D14NP-4R7M CDH28D14NP-100M CDH28D14NP-150M Stamp 2R2 4R7 100 150 Inductance (H)Within 100kHz/1V 2.220 4.720 1020 1520 D.C.R.() Max.(Typ.) (at 20) 134m(107m) 243m(195m) 491m(393m) 1.14(913m) Saturation Current A1 2.00 1.35 950m 610m Temperature Rise current (A) 2 1.33 950m 650m 380m
Description of part name
CDH28D14NP-2R2M B Box C Carrier Tape
1.Saturation Current: The DC current at which the inductance decreases to 70% of it's nominal value. 2 Temperature rise current: The DC current at which the temperature rise is t40.(Ta20) This datasheet is not a final issue, and maybe something will be changed before production.
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of CDH28D14NP-4R7M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X