Part Number Hot Search : 
57FKR N74ACT C17ASN48 F1257 00C12 SI7617 00C12 7628KN
Product Description
Full Text Search
 

To Download CDCH10D68 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDCH10D68/A
Product Description
10.5x10.5mm Max.(LxW), 7.0mm Max. Height.
Inductance range: 10560H Rated current range:0.32.72A(125) In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically unshielded construction. High reliable inductors, suitable to use in high temperature environment(125) Ideally for automotive applications as converter inductors. RoHS Compliance
Dimensions (mm)
10.00.5 7.0 Max.(6.8 Typ.) 9.00.5 4.00.5
0. 8 1. 3
10.00.5
.8 14
x. Ma
Electrode terminal
Land Pattern (mm)
11.0 3.2
Schematics(Bottom)
45
11.0
3.2
Please refer to the sales offices on our website for a representative near you www.sumida.com
4.00.5 9.00.5
) .5 .5 (7 0 .9 11 3 0. 2 2.
3 0. 2 2.
3 3. 4 3.
1/2
POWER INDUCTORS
Type: CDCH10D68/A
Specification
Part Name CDCH1OD68/ANP-1OOK CDCH1OD68/ANP-12OK CDCH1OD68/ANP-15OK CDCH1OD68/ANP-18OK CDCH1OD68/ANP-22OK CDCH1OD68/ANP-27OK CDCH1OD68/ANP-33OK CDCH1OD68/ANP-39OK CDCH1OD68/ANP-47OK CDCH1OD68/ANP-56OK CDCH1OD68/ANP-68OK CDCH1OD68/ANP-82OK CDCH1OD68/ANP-1O1K CDCH1OD68/ANP-121K CDCH1OD68/ANP-151K CDCH1OD68/ANP-181K CDCH1OD68/ANP-221K CDCH1OD68/ANP-271K CDCH1OD68/ANP-331K CDCH1OD68/ANP-391K CDCH1OD68/ANP-471K CDCH1OD68/ANP-561K Description of part name D C H 1 O D 6 8 / ANP1OOK Inductance Within 100kHz/1V 10H10 12H10 15H10 18H10 22H10 27H10 33H10 39H10 47H10 56H10 68H10 82H10 100H10 120H10 150H10 180H10 220H10 270H10 330H10 390H10 470H10 560H10 D.C.R.() Max.(Typ.) (at 20) 34m(27m) 41m(33m) 55m(44m) 65m(52m) 71m(57m) 93m(74m) 115m(92m) 123m(98m) 140m(112m) 174m(139m) 224m(179m) 275m(220m) 0.33(0.26) 0.39(0.31) 0.45(0.36) 0.58(0.46) 0.74(0.59) 0.96(0.77) 1.09(0.87) 1.40(1.12) 1.58(1.26) 1.79(1.43) Rated current (A)(at 125) 1 2.72 2.41 1.97 1.85 1.70 1.41 1.30 1.28 1.16 1.01 0.92 0.81 0.73 0.65 0.60 0.52 0.45 0.40 0.37 0.34 0.32 0.30
Stamp 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561

Box Carrier Tape
1. Rated current: The DC current at which the inductance decreases to 90 % of it's initial value or when t30, whichever is lower (Ta=125).
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDCH10D68

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X