Part Number Hot Search : 
A1305 RDA1U4 6050520 1N4819 EMTG30 BZ5239 ADM1085 3323U203
Product Description
Full Text Search
 

To Download BPD-BQBA34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BPD-BQBA34
END- LOOK PACKAGE PIN PHOTO DIODE
Features
1. Wide receiving angle 2. Linear response vs. irradiance 3. Fast switching time 4. End-looking Package ideal for space limited applications 5. Lens Appearance: Black 6. This product doesn't contain restriction substance, comply ROHS standard
Package Dimensions:
5.0(.197)
8.6(.339) 1.0(.039) Anode 1.5(.059) MAX. Cathode
23.4(.921) MIN.
0.5(.020) SQ.TYP.
5.7(.224)
Description
The BPD-BQBA34 device consists of a PIN silicon photodiode molded in a black epoxy package which allows spectral response infrared light wavelengths. The wide receiving angleprovides relatively even reception over a large area. The side-looking package is designed for easy PC board mounting. This photodiode is mechanically and spectrally matched to BRIGHT's GaAs and GaAlAs series of infrared emitting diodes.
NOTES:
1.All dimensions are in millimeters (inches).
1.00(.039) MIN. 2.54(.100) NOM.
Anode
Cathode
2.Tolerance is 0.25mm (0.01') unless otherwise specified. 3.Lead spacing is measured where the leads emerge from the package 4. Specifications are subject to change without notice
Absolute Maximum Ratings(Ta=25)
Parameter Power Dissipation Reverse Breakdown Voltage Operating Temperature Storage Temperature Range Lead Soldering Temperature
Maximum Rating 100 60V -45~+85 -45~+100
Unit mW
260 for 5 seconds
Rev.2.1
Page:1 of 3
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BPD-BQBA34
Electrical Characteristics (TA=25 unless otherwise noted)
SYM BOL IL ID V(BR) VF CT tr/tf
PARAMETER Reverse Light Current Reverse Dark Current Reverse Break down Voltage Forward Voltage Total Capacitance Rise Time/ Fall Time
MIN 60 -
TYP 42 21 40
MAX 30 1.2 -
UNITS A nA V V PF ns
TEST CONDITIONS VR=5V.Ee=1mW/cm2 VR=10V.Ee=0 mW/cm2 IR=100A IF=1mA VR=5V.Ee=0,f=1.0MHZ VR=20V,=850nm.RL=50
Typical Optical-Electrical Characteristic Curves
Relative Response vs. Wavelength Relative Response-%
Coupling Characteristics Relative Output Current
VR=5V IF=20mA
-Wavelength-nm
Distance Between Lens Tips-inches
Normalized Light Current
TA=25 Ee=0mW/cm2 f=1MHZ
Normalized Dark Current
VR=5V =935nm Normalized to TA=25 c
Light Current
TA=25C =935nm Normalized to VR=5V
Dark Cuttent
Reverse Voltage
Reverse Voltage
Ambient Temperature Light Current vs. Angular Displacement
Light Current vs. lrradiance Switching Time Test Circuit IL-light Current-uA Normalized Current
VR=5V TA=25C =935nm
IF
VR
OUT
Note: See Above For. Conditions lrradiance-mW/cm
2
RL
Test Conditions =935nm VR=5V Distance Lens to Lens=1.5inches
Angular Displacement-Deg
Rev.2.1
Page:2 of 3
Normalized Light Current
Normalized Light Current vs Reverse Voltage
Total Capacitance vs Reverse Voltage
Normalized Light and Dark Current vs Ambient Temperture
Total Capacitance
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BPD-BQBA34
Tapping and packaging specifications(Units: mm)
Packaging Bag Dimensions
Notes: 1500pcs per bag,5Kpcs per box. 2All dimensions are in millimeters(inches). 3Specifications are subject to change without notice.
Rev.2.1
Page:3 of 3


▲Up To Search▲   

 
Price & Availability of BPD-BQBA34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X