Part Number Hot Search : 
TP32C DP83816A 2SB1220G C7108A D5287 MBR1015 PDF2311 AD598
Product Description
Full Text Search
 

To Download BL-PSY-CSS-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DomiLED Right Angle AlInGaP : BL-PSx-xSS
* * * * *
High brightness surface mount LED. Designed for sideway illumination. Small package outline. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to both IR reflow soldering and TTW soldering.
Part Ordering Number
Chip Technology / Color AlInGaP / Super-red, 632 nm
dom ( nm ) 120
Luminous Intensity @ If = 20mA Iv ( mcd ) 45.0 ... 112.5
45.0 ... 56.0 56.0 ... 71.5 71.5 ... 90.0 90.0 ... 112.5
BL-PSS-SSS-C10
BIN P1 BIN P2 BIN Q1 BIN Q2
BL-PSR-CSS-C20
- BIN P1 - BIN P2 - BIN Q1 - BIN Q2 (OBSOLETE)
AlInGaP / Red, 625 nm
120
45.0 ... 112.5
45.0 ... 56.0 56.0 ... 71.5 71.5 ... 90.0 90.0 ... 112.5
BL-PSR-CSS-C10
BIN Q1 BIN Q2 BIN R1 BIN R2
71.5 ... 180.0
71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0
BL-PSR-SSS-C20
- BIN Q1 - BIN Q2 - BIN R1 - BIN R2 (OBSOLETE)
71.5 ... 180.0
71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0
BL-PSR-TSS-C10
BIN S1 BIN S2 BIN T1 BIN T2
TS AlInGaP / Red, 625 nm
180.0 ... 450.0
180.0 ... 224.0 224.0 ... 285.0 285.0 ... 355.0 355.0 ... 450.0
BL-PSA-CSS-C10
BIN Q1 BIN Q2 BIN R1 BIN R2
AlInGaP / Amber, 615 nm
120
71.5 ... 180.0
71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0
BL-PSA-SSS-C10
BIN R1 BIN R2 BIN S1 BIN S2
112.5 ... 285.0
112.5 ... 140.0 140.0 ... 180.0 180.0 ... 224.0 224.0 ... 285.0
Part Ordering Number
Chip Technology / Color AlInGaP / Orange, 605 nm
dom ( nm ) 120
Luminous Intensity @ If = 20mA Iv ( mcd ) 71.5 ... 180.0
71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0
BL-PSO-CSS-C10
BIN Q1 BIN Q2 BIN R1 BIN R2
BL-PSO-SSS-C10
BIN R1 BIN R2 BIN S1 BIN S2 AlInGaP / Yellow, 587 nm
112.5 ... 285.0
112.5 ... 140.0 140.0 ... 180.0 180.0 ... 224.0 224.0 ... 285.0
BL-PSY-CSS-C10
BIN Q1 BIN Q2 BIN R1 BIN R2
120
71.5 ... 180.0
71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0
BL-PSY-SSS-C10
BIN R1 BIN R2 BIN S1 BIN S2
112.5 ... 285.0
112.5 ... 140.0 140.0 ... 180.0 180.0 ... 224.0 224.0 ... 285.0
BL-PSG-SSS-C10
BIN P1 BIN P2 BIN Q1 BIN Q2
AlInGaP / Green, 572 nm
120
45.0 ... 90.0
45.0 ... 56.0 56.0 ... 71.5 71.5 ... 90.0 90.0 ... 112.5
NOTE: 1. All part number above comes in a standard quantity of 2500 units per reel. 2. Other luminous intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of 11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 5. Vf binning is optional. Vf binning scheme is as per the following table. Please contact marketing for special part number.
Wavelength Grouping.
Color BL-PSS; Super Red BL-PSR-CS, -SS; Red (AS) BL-PSR-TS; Red (TS) BL-PSA; Amber Full W X BL-PSO; Orange Full W X Y Z BL-PSY; Yellow Full W X Y Z BL-PSG; Green Full W X Y Z Group Full Full Wavelength distribution (nm) 625 - 640 620 - 630 620 - 635 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5
Dominant wavelength is measured with an accuracy of 1 nm.
Vf Binning (Optional). Vf Bin @ 20mA 01 02 03 04 Forward voltage (V) 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45 2.45 ... 2.75
Forward voltage, Vf is measured with an accuracy of 0.1 V.
Absolute Maximum Ratings
Maximum Value DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. ESD Threshold; HBM LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature ) 20 200 12 2000 125 -40 ... +100 -40 ... +100 50 Unit mA mA V V C C C mW
Recommended Solder Pad
Relative luminous intensity vs. forward current.
Intensity vs. DC Forward Current
Forward current vs. forward voltage.
Forward Current (mA) vs. Forward Voltage
35
Relative intensity. Normalized at 20 mA.
2.2 2
30
Forward Current (mA)
1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 FORWARD CURRENT (mA)
25
AS AlInGaP
20 15
TS AlInGaP
10 5 0 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 Forward Voltage (V)
Radiation pattern.
30 20
10 0
1.0
Maximum current vs. ambient temperature
25 20
Forward Current, If
40
0.8
15 10 5
50
0.6
60
0.4
70
80 90
0.2
0
0
0
10
20
30
40
50
60
70
80
90 100
Am bient Tem perature
Relative Intensity vs. Wavelength
Relative Spectra Emission
1.0 0.9 0.8
Orange Red Super Red Green Hyper Red
Relative Intensity
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 500 550 600 650 700
750
800
Wavelength (nm)
Taping And Orientation.
Reels come in quantity of 2500 units. Reel diameter is 180 mm.
Recommended Sn-Pb IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020C)
275 250 225
Ramp-up 3 oC/sec 60-150s 235-240oC 10-30s
Temperature (oC)
200 175 150 125 100 75 50
183 C
o
Ramp-down 6 oC/sec max. Preheat 60-120s 360s max
25 0 50 100 150 200
Time (sec)
Recommended Pb Free IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020C)
300 275 250 Ramp-up 3 oC/sec max. 60-150s 255-260oC 10-30s
Temperature ( C)
225 200 175 150 125 100 75 50 25 0
217 oC
o
Ramp-down 6 oC/sec max. Preheat 60-180s 480s max 50 100 150 200
Time (sec)


▲Up To Search▲   

 
Price & Availability of BL-PSY-CSS-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X