Part Number Hot Search : 
T1212DH BR10100 021006PE 1M10V4 UTC8050 UPA1707 CT1010 LL19A
Product Description
Full Text Search
 

To Download BL-PDH-GRS-C20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlGaAs DOMILED BL-PDH-GRS Series
*
Feature: 1. Surface mount LED. 2. 120 viewing angle. 3. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8 mm. 4. Qualified according to JEDEC moisture sensitivity Level 2. 5. Compatible to both IR reflow soldering and TTW soldering.
*
Package Dimension:
Anode marking
Recommended Solder Pad
V.1 Page: 1 of 5
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlGaAs DOMILED BL-PDH-GRS Series
*
Optical Characteristics:
Chip Technology / Color (dom. WL) AlGaAs/ Hyper Red, 645 nm Luminous Intensity @ If = 20mA Iv ( mcd ) 18.0 ... 45.0
18.0 ... 22.4 22.4 ... 28.5 28.5 ... 35.5 35.5 ... 45.0
Part Number BL-PDH-GRS-C10
* * * BIN M1 BIN M2 BIN N1 BIN N2
*
BL-PDH-GRS-C20
* * * BIN N1 BIN N2 BIN P1 BIN P2
28.5 ... 71.5
28.5 ... 35.5 35.5 ... 45.0 45.0 ... 56.0 56.0 ... 71.5
*
Forward voltage @ If=20 mA. 1.9 V (typ.); 2.6 V (max) NOTE:
Chip Type AlGaAs
Viewing angle at 50% Iv 120
Reverse current, IR @ VR = 5V, (max) 100 A
1. Other luminous intensity groups are also available upon request. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 4. An optional Vf binning is also available upon request. Binning scheme is as per following table.
*
Absolute Maximum Ratings:
Maximum Value Unit mA mA V C C C mW
DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature )
30 500 5 100 -40 ... +100 -40 ... +100 75
V.1 Page: 2 of 5
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
01 02 03 04
AlGaAs DOMILED BL-PDH-GRS Series
Vf Binning: Forward voltage (V) 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45 2.45 ... 2.60
Vf Bin @ 20mA
Forward voltage, Vf is measured with an accuracy of 0.1 V.
*
Wavelength Grouping: Group
Full
Color
BL-PDH; Hyper Red
Wavelength distribution (nm)
640 - 650
Wavelength is measured with an accuracy of 1 nm.
*
Typical electro-optical characteristics curves:
Fig. 2 Forward current vs. forward voltage.
Forward Current vs. Forward Voltage
40
Fig. 1 Relative luminous intensity vs. forward current.
Intensity vs. DC Forw ard Current
Relative intensity. Normalized at 20 mA.
2.2
1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 FORW ARD CURRENT (m A)
Forward Current (mA)
2
35 30 25 20 15 10 5 0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
AlGaAs
Forward Voltage (V)
Fig. 3 Radiation pattern
30 20 10 0
1.0
Fig. 4 Maximum forward current vs. temperature.
35
30
40
0.8
Forward Current, If
25
20
50
0.6
15
60 70 80 90
0.4
10
5
0.2
0 10 20 30 40 50 60 70 80 85 Ambient Temperature
0
V.1 Page: 3 of 5
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlGaAs DOMILED BL-PDH-GRS Series
Rig. 6 Recommended IR-reflow Soldering Profile
Fig. 6 Recommended TTW Soldering Profile
V.1 Page: 4 of 5
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlGaAs DOMILED BL-PDH-GRS Series
*
Taping And Orientation:
Reels come in quantity of 2000 units. Reel diameter is 180 mm.
V.1 Page: 5 of 5


▲Up To Search▲   

 
Price & Availability of BL-PDH-GRS-C20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X