Part Number Hot Search : 
1H100 B2567 AT1312C SB206 LM267 GS711 1N4740 FMMTA20
Product Description
Full Text Search
 

To Download BF-NB100505-060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Ferrite Chip Bead
Dimensions
Part Number BF-NB 100505 BF-NB 160808 BF-NB 201209 BF-NB 321611 Inch 0402 0603 0805 1206 A 1.0 0.15 1.6 0.20 2.0 0.20 3.2 0.20 B 0.50 0.15 0.80 0.15 1.25 0.20 1.60 0.20
(BF-NB Series)
C 0.50 0.15 0.80 0.15 0.90 0.20 1.10 0.20 D 0.25 0.15 0.30 0.20 0.50 0.30 0.50 0.30
D A D
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
C
(Not to scale)
B
Dimensions in mm
Part Numbering Guide
BF-NB 100505 - 060 Y - T
Series
NB=Narrow Band
Packaging Style
B=Bulk T=Tape & Reel
Dimensions
(Length, Width, Height)
Tolerance
Y=25%
Impedance Code
Features
Impedance Range Tolerance Operating Temperature 6 Ohms to 1500 Ohms 25% -25C to +85C
Electrical Specifications
Part Number
BF-NB100505-060 BF-NB100505-100 BF-NB100505-400 BF-NB100505-800 BF-NB100505-121 BF-NB160808-060 BF-NB160808-100 BF-NB160808-400 BF-NB160808-800 BF-NB160808-121 BF-NB160808-241 BF-NB160808-301 BF-NB160808-481 BF-NB160808-601 BF-NB201209-060 BF-NB201209-110 BF-NB201209-260 BF-NB201209-320 BF-NB201209-600 BF-NB201209-750
Impedance (Ohms)
6 10 40 80 120 6 10 40 80 120 240 300 480 600 6 11 26 32 60 75
Test Freq (MHz)
100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
DCR Max (Ohms)
0.05 0.07 0.20 0.30 0.40 0.50 0.70 0.30 0.50 0.50 0.60 0.60 0.70 0.80 0.70 0.10 0.20 0.20 0.30 0.30
IDC Max (mA)
400 300 200 200 150 500 400 300 300 300 200 200 150 100 800 700 600 600 500 500
Part Number
BF-NB201209-900 BF-NB201209-121 BF-NB201209-151 BF-NB201209-171 BF-NB201209-221 BF-NB201209-301 BF-NB201209-401 BF-NB321611-320 BF-NB321611-600 BF-NB321611-800 BF-NB321611-900 BF-NB321611-121 BF-NB321611-151 BF-NB321611-201 BF-NB321611-221 BF-NB321611-351 BF-NB321611-401 BF-NB321611-601 BF-NB321611-122 BF-NB321611-152
Impedance (Ohms)
90 120 150 170 220 300 400 32 60 80 90 120 150 200 220 350 400 600 1200 1500
Test Freq (MHz)
100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
DCR Max (Ohms)
0.30 0.40 0.40 0.50 0.50 0.60 0.60 0.20 0.30 0.30 0.30 0.40 0.40 0.50 0.50 0.60 0.60 0.80 1.00 1.20
IDC Max (mA)
500 400 400 400 300 300 300 600 500 500 500 400 400 300 300 300 300 300 200 150
Rev. 10/00
Specifications subject to change without notice.
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of BF-NB100505-060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X