Part Number Hot Search : 
LG2A09NL ET7805B ENA1047 ENA1456A N4733 NX8045G SDA165F C18F25
Product Description
Full Text Search
 

To Download B82498F3689000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMT Inductors, SIMID Series SIMID 0805-F
B82498F
Size 0805 (EIA) or 2012 (IEC) Rated inductance ceramic 2.7nH to 820nH Rated inductance ferrite 1000nH to 6800nH Rated current from 90 to 1000 mA Construction Cubic coil with ceramic or ferrite core Epoxy moulded flat top for vacuum pickup Wire welded to terminations Features High resonance frequency Close inductance tolerance Suitable for reflow (IR and vapor phase) and wave soldering Applications Antenna amplifiers DECT systems Mobile phones Keyless entry GPS (Global Positioning System) Terminals Thick-film coating of Ag/Pd/Pt Base material AL2O3 ceramic or NiZn ferrite Marking No marking on component Minimum data on reel: Manufacturer, part number, ordering code, L-Value and tolerance of L-value, quantity, date of packing Delivery mode 8-mm blister tape, wound on 178-mm reel For details on taping, packing and packing units see databook
The information contained in this datasheet describes the type of component and shall not be considered as guaranteed characteristics.
B82498-F****-*-2-7659
1
11.11.2004
7 pages
SMT Inductors, SIMID Series SIMID 0805-F
B82498F
General technical data Rated inductance LR Measured with impedance analyzer HP 4291A and test fixture 16197 at frequency fL; short dimensions 2.0 x 1.2 x 0.8 (mm); 0.9 + 0.1 (mm) pad distance; short inductance 200 pH unconsidered Measured with impedance analyzer HP 4291A and test fixture 16197 at frequency fQ; short dimensions 2.0 x 1.2 x 0.8 (mm); 0.9 + 0.1(mm) pad distance; short inductance 200 pH unconsidered Maximum permissible DC with inductance decreaseL/L0 10% and temperature increase of 25 K at rated temperature of 125 C Measured with network analyzer HP 8720D Measured at 20C ambient temperature, measuring current < IR In accordance with IEC 60068-1 55/150/56 (-55 C/ +150 C/ 56 days damp heat test) In accordance with IEC 60068-2-58 (lead free) (245 3) C, (3 0,3) s Wetting of soldering area: 90% In accordance with IEC 60068-2-20 260 C, 10 s L/L 3% 2 mm (100 mm long standard PCB) Approx. 8,5mg (ceramic), 12,5mg (ferrite)
Q factor Qmin
Self-resonance frequency fres,min DC resistance Rmax Climatic category Solderability
Resistance to soldering heat
Permissible PCB bending Weight
The information contained in this datasheet describes the type of component and shall not be considered as guaranteed characteristics.
B82498-F****-*-2-7659
2
11.11.2004
7 pages

Rated current IR
SMT Inductors, SIMID Series SIMID 0805-F
B82498F
Dimensional drawing
The information contained in this datasheet describes the type of component and shall not be considered as guaranteed characteristics.
B82498-F****-*-2-7659
3
11.11.2004
7 pages
SMT Inductors, SIMID Series SIMID 0805-F
B82498F
Characteristics and ordering codes LR nH 2,7 5,6 6,8 8,2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820
1) 2)
Toler- ance 1)
fL MHz
Qmin
fQ MHz
IR mA 1000 900 800 700 700 700 650 700 700 700 600 600 600 600 500 500 450 440 400 340 320 270 220 210 190 230 190 180
Rmax 0.03 0.04 0.05 0.09 0.09 0.09 1.13 0.08 0.08 0.09 0.11 0.12 0.13 0.14 0.18 0.19 0.28 0.31 0.42 0.53 0.70 1.0 1.5 1.6 1.9 1.3 1.7 1.9
fres,min Ordering code 2) ( 180-mm reel) MHz 9000 7000 6000 5000 5000 4000 3300 3300 2500 2500 2200 2100 2000 1700 1600 1500 1350 1250 1150 1050 950 900 800 700 650 400 300 300 B82498F3279+000 B82498F3569+000 B82498F3689+000 B82498F3829+000 B82498F3100+000 B82498F3120+000 B82498F3150+000 B82498F3180+000 B82498F3220+000 B82498F3270+000 B82498F3330+000 B82498F3390+000 B82498F3470+000 B82498F3560+000 B82498F3680+000 B82498F3820+000 B82498F3101+000 B82498F3121+000 B82498F3151+000 B82498F3181+000 B82498F3221+000 B82498F3271+000 B82498F3331+000 B82498F3391+000 B82498F3471+000 B82498F3561+000 B82498F3681+000 B82498F3821+000
Core material: ceramics
intermediate values and closer tolerances upon request Replace the + by the code letter for the required inductance tolerance.
The information contained in this datasheet describes the type of component and shall not be considered as guaranteed characteristics.
| |
|
10% K
250 250 250 250 250 250 250 250 250 250 250 250 200 200 200 150 150 150 100 100 100 100 100 100 50 25 25 25
50 50 50 50 50 50 50 60 60 60 65 65 65 60 60 60 55 50 45 45 45 45 45 40 30 23 23 23
1500 1000 1000 1000 500 500 500 500 500 500 500 500 500 500 500 500 500 250 250 250 250 250 250 250 100 50 50 50
2% G 5% J
B82498-F****-*-2-7659
4
11.11.2004
7 pages
SMT Inductors, SIMID Series SIMID 0805-F
B82498F
Characteristics and ordering codes (continued) LR nH Toler- ance 1) fL MHz Qmin fQ MHz IR mA Rmax fres,min Ordering code 2) ( 180-mm reel) MHz
Core material: ferrite
1800 2200 2700 3300 3900 4700 5600 6800
1) 2)
intermediate values and closer tolerances upon request Replace the + by the code letter for the required inductance tolerance.
The information contained in this datasheet describes the type of component and shall not be considered as guaranteed characteristics.
1000 1200 1500
(c)
5% J
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96
20 20 20 20 20 20 20 20 20 20 20
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96
240 220 200 190 130 120 100 95 90 85 80
0.55 0.65 0.70 0.98 1.60 2.00 3.30 3.60 3.80 4.30 4.70
440 420 380 350 330 270 250 230 210 180 140
B82498F1102J000 B82498F1122J000 B82498F1152J000 B82498F1182J000 B82498F1222J000 B82498F1272J000 B82498F1332J000 B82498F1392J000 B82498F1472J000 B82498F1562J000 B82498F1682J000
B82498-F****-*-2-7659
5
11.11.2004
7 pages
SMT Inductors, SIMID Series SIMID 0805-F
B82498F
Q factor (ceramic core) versus frequency f measured with HP 4291A
90
Q factor (ferrite core) versus frequency f measured with HP 4291A
40
Q
80 Q 27 nH 70 100 nH 60 6,8 nH 50 2,7 nH 25 30 6800 nH 35
40
20 1000 nH 15 2700 nH 4700 nH 10
30
20
820 nH 470 nH
10
0 10
1
10
2
MHz f
10
3
5 10
0
10
1
MHz f
Impedance |Z| versus frequency f (ceramic core) measured with HP 4291A
10
5
Impedance |Z| versus frequency f (ferrite core) measured with HP 4291A
10
5
|Z| |Z| 10
4
6800 nH 10
4
4700 nH
820nH 470 nH 10
3
10
3
2700 nH 1000 nH
10
2
10 100 nH
2
10
1
10
1
10
0
10 10
0
0
10
1
10
2
MHz f
10
3
10
0
10
1
10
2
MHz f
10
3
The information contained in this datasheet describes the type of component and shall not be considered as guaranteed characteristics.
B82498-F****-*-2-7659
6
11.11.2004
7 pages
SMT Inductors, SIMID Series SIMID 0805-F
B82498F
Current derating I op/I R versus ambient temperature TA
1,2
Inductance L versus dc load current I DC measured with HP 4275A
10
1
H
I op I R 10
0,8
0
1
L
0,6
_
10
1
0,4
_
10
0,2
2
0 0 20 40 60 80 100 120
A
C
160
10
_3
10
-2
10
-1
10
0
A
DC
10
1
3 2 1
The information contained in this datasheet describes the type of component and shall not be considered as guaranteed characteristics.
B82498-F****-*-2-7659
7
11.11.2004
7 pages


▲Up To Search▲   

 
Price & Availability of B82498F3689000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X