Part Number Hot Search : 
TC1226 C7893 BAS121C PF1206F6 SP708TEP F1215 SAF7115 MBR890
Product Description
Full Text Search
 

To Download B39431-B3567-U310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B3567
SAW Components Low-loss Filter Data Sheet
B3567 433,42 MHz
Ceramic package QCC8C
Features
q RF low-loss filter for remote control receivers q Package for Surface Mounted Technology
(SMT)
q Balanced and unbalanced operation possible
Terminals
q Ni, gold plated
typ. dimensions in mm, approx. weight 0,1 g
Pin configuration 1 2 5 6 7 4,8 3 Input Ground or balanced input Input Output Output Ground or balanced output External coupling coil Case-Ground to be grounded
Type B3567
Ordering code B39431-B3567-U310
Marking and package according to C61157-A7-A56
Packing according to F61074-V8070-Z000
Electrostactic Sensitive Device (ESD)
Maximum ratings Operable temperature range TA Storage temperature range Tstg DC voltage VDC PS Source power - 35/+ 85 - 45/+ 90 0 10 C C V dBm
2
May 09, 2001
SAW Components Low-loss Filter Data Sheet
Characteristics Reference temperature: Terminating source impedance: Terminating load impedance:
B3567 433,42 MHz
TA = -20 ... 70 C ZS = 50 and matching network ZL = 50 and matching network
min. typ. 433,42 max. -- MHz
Center frequency (center frequency between 3 dB points)
fC
--
Minimum insertion attenuation min 433,31 ... 433,53 MHz (including loss in matching coils) Amplitude ripple (p-p) 433,34 ... 433,50 MHz 433,31 ... 433,53 MHz Relative attenuation (relative to min) 10,00 ... 429,00 429,00 ... 432,62 433,92 ... 434,22 434,22 ... 434,42 434,42 ... 460,00 460,00 ...1000,00 rel MHz MHz MHz MHz MHz MHz
--
3,3
4,8
dB
-- --
0,5 1,0
2,0 3,0
dB dB
50 35 12 32 40 50
60 45 22 40 48 58
-- -- -- -- -- --
dB dB dB dB dB dB
Impedance for pass band matching 2) Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency 1) Frequency inversion point
1)Temperature 2)
-- --
415 || 1,6 420 || 1,7 -0,03 --
-- -- -- 40
|| pF || pF ppm/K2 C
TCf T0
-- 10
dependance of fC: fC(TA) = fC(T0) (1 + TCf(TA - T0)2)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input impedance into the input matching / output matching network is calculated. The conjugate complex value of these characteristic impedances are the input and output impedances for flat passband. For more details, we refer to EPCOS application note #4.
3
May 09, 2001
SAW Components Low-loss Filter Data Sheet
Matching network to 50 (element values depend on pcb layout and equivalent circuit) Ls1 = 47 nH Ls2 = 47 nH Lk = 39 nH
B3567 433,42 MHz
Minimising the crosstalk For a good ultimate rejection a low crosstalk is necessary. Low crosstalk can be realised with a good RF layout. The major crosstalk mechanism is caused by the "ground-loop" problem. Grounding loops are created if input-and output transducer GND are connected on the top-side of the PCB and fed to the system grounding plane by a common via hole. To avoid the common ground path, the ground pin of the input- and output transducer are fed to the system ground plane (bottom PCB plane) by their own via hole. The transducers' grounding pins should be isolated from the upper grounding plane. A common GND inductivity of 0.5nH degrades the ultimate rejection (crosstalk) by 20dB. The optimised PCB layout, including matching network for transformation to 50 Ohm, is shown here. In this PCB layout the grounding loops are minimised to realise good ultimate rejection.
Optimised PCB layout for SAW filters in QCC8C package, pinning 2,5 (top side, scale 1:1) The bottom side is a copper plane (system ground area). The input and output grounding pins are isolated and connected to the common ground by separated via holes. For good contact of the upper grounding area with the lower side it is necessary to place enough via holes.
4
May 09, 2001
SAW Components Low-loss Filter Data Sheet
Normalized frequency response
B3567 433,42 MHz
Normalized frequency response (wideband)
5
May 09, 2001
SAW Components Low-loss Filter Data Sheet
B3567 433,42 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW CE AE PD P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2001. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices.
6
May 09, 2001


▲Up To Search▲   

 
Price & Availability of B39431-B3567-U310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X