Part Number Hot Search : 
IRFS4 IMX17 N101C 25HBF KSZ8993M BZX84C10 PVR2300 THC929
Product Description
Full Text Search
 

To Download ASD20-48S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I s o l a t e d a n d R e gulated 20 WATT Modular DC/DC Converters
Wide 4:1 Input Range 1500V Isolation Short Circuit Protection Remote On/Off Control High Efficiency Input PI Filter
Unit measures 1.6"W x 2"L x 0.45"H
ASD20
series
Model Number
SINGLE OUTPUT ASD20-12S3 ASD20-48S3 ASD20-12S5 ASD20-48S5 ASD20-12S12 ASD20-48S12 ASD20-12S15 ASD20-48S15 DUAL OUTPUT ASD20-12D5 ASD20-48D5 ASD20-12D12 ASD20-48D12 ASD20-12D15 ASD20-48D15
Output Voltage
Output Amps
Input Range
Efficiency
3.3 VDC 5 VDC 12 VDC 15 VDC
4 4 4 4 1.67 1.67 1.33 1.33 +/-2.0 +/-2.0 +/-833 +/-833 +/-666 +/-666
9-36 VDC 18-72 VDC 9-36 VDC 18-72 VDC 9-36 VDC 18-72 VDC 9-36 VDC 18-72 VDC 9-36 VDC 18-72 VDC 9-36 VDC 18-72 VDC 9-36 VDC 18-72 VDC
78.00% 78.00% 81.00% 82.00% 83.00% 84.00% 83.00% 84.00% 83.00% 84.00% 83.00% 84.00% 83.00% 84.00%
+/-5 VDC +/-12 VDC +/-15 VDC
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 20 WATT Modular DC/DC Converters
INPUT SPECIFICATIONS
Input Voltage Ranges: Input Filter Remote On/Off Control Logic Compatibility EC-On EC-Off Control Common 12 VDC Nominal 24 VDC Nominal PI Type 9-36 VDC 18-72 VDC
ASD20
1500VDC 10-8nth Ohm min. 300Khz UL60950 Six Sided Shielding MIL-HDBK-217F Ground Benign, 25C 880,584 Hrs.
series
GENERAL SPECIFICATIONS
Input-Output Isolation Isolation Resistance Switching Frequency Safety RFI MTBF
CMOS or Open Collector TTL >+5.5VDC or Open Circuit <1.8VDC Ref. to - Input
OUTPUT SPECIFICATIONS
Voltage and Current Load Regulation (25% to FL) Line Regulation Temperature Coefficient Ripple/Noise Voltage Accuracy See Selection Chart +/-0.5% (HL-LL) +/-0.5% +/-0.02%/C RMS 20mV max. P-P 75mVp-p max. Single O/P +/-1% Dual +O/P +/-1% Dual -O/P +/-2% +/-1% Continuous See Selection Chart <500uS <500uS
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Derate Above 60C Case Temperature Storage Temperature -25 to +71C w. Derate Linearly to Zero Power +100C 100C max. -55 to +105C *
PHYSICAL SPECIFICATIONS
Case Material Construction Weight Dimensions Black coated Copper w. Non-conductive base Fully Encapsulated 2 oz, (57g) 1.6" x 2" x 0.45"
Voltage Balance (Dual FL) Short Circuit Protection Efficiency Transient Response Single 25% Load Change Dual Full Load to 1/2 Load Trim +/-10%
All specifications are typical at nominal input, full load, and 25C unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 20 WATT Modular DC/DC Converters
MECHANICAL DIMENSIONS Pin #
1 3 4 5 6 7 8
ASD20
Single Outputs
On/Off Control - Input + Input Trim - Vout + Vout No Pin
series
Dual Outputs
On/Off Control - Input + Input Trim - Vout Common + Vout
All Dimensions In Inches (mm) Tolerance .xx = +/-0.04, .xxx = +/- 0.010
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of ASD20-48S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X