Part Number Hot Search : 
BU150 HCC4094B G4BC30 MM1Z3V6 RHE400 AT102 TA820 S2222A
Product Description
Full Text Search
 

To Download AS320-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3 2 0 W S i n g l e O320WSingleOutputSwitchingPowerSupply u t put Switching Power Supply
aS --332200 ss eirei e s s er s

SPECIFICATION
MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE VOLTAGETOLERANCE Note.3 LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE FREQUENCY RANGE INPUT EFFICIENCY(Typ.) ACCURRENT (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERLOAD OVERVOLTAGE S-320-5 as320-5 5V 50A 0~50A 250W 4.5~5.7V 2.0% 0.5% 1.0% 24msatfullload 88~132VAC/176~264VACbyswitch248~370VDC 47~63Hz 77% 80% 82% 83% 84% 86% 86% 87% 6A/115VAC3.5A/230VAC 18A/115VAC36A/230VAC <3.5mA /240VAC 105~135% ratedoutputpower Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved 5.75~6.75V 9.4~10.9V 13.8~16.2V 15.5~18.2V 18~21V 27.6~32.4V Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved RTH1 65 FANON, 55 FANOFF, 70 (5~15V) RTH1 70 FANON, 65 FANOFF, 80 (24~48V) Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved -10~+60 (Refertooutputloadderatingcurve) 20~90%RH non-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 10~500Hz,2G10min./1cycle,Periodfor60min. eachalongX, Y,Zaxes UL60950-1 Approved I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC 188.7Khrsmin.MIL-HDBK-217F(25 215*115*50mm(L*W*H) 1.08Kg;12pcs/13.8Kg/0.92CUFT ) 33.7~39.2V 57.6~67.2V S-320-7.5 as320-7.5 7.5V 36A 0~36A 270W 150mVp-p 6~9V 2.0% 0.5% 1.0% S-320-12 as320-12 12V 25A 0~25A 300W 150mVp-p 10~13.2V 1.0% 0.5% 0.5% S-320-13.5 as320-13.5 13.5V 22A 0~22A 297W 150mVp-p 12~15V 1.0% 0.5% 0.5% S-320-15 as320-15 15V 20A 0~20A 300W 150mVp-p 13.5~18V 1.0% 0.5% 0.5% S-320-24 as320-24 24V 12.5A 0~12.5A 300W 150mVp-p 20~26.4V 1.0% 0.5% 0.5% S-320-27 as320-27 27V 11A 0~11A 297W 200mVp-p 26~32V 1.0% 0.5% 0.5% S-320-48 as320-48 48V 6.5A 0~6.5A 312W 240mVp-p 41~56V 1.0% 0.5% 0.5%
RIPPLE&NOISE(max.) Note.2 150mVp-p
2000ms,20msatfullload
PROTECTION
FANCONTROL O.T.P. WORKINGTEMP. WORKINGHUMIDITY ENVIRONMENT STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION SAFETY STANDARDS SAFETY & WITHSTANDVOLTAGE EMC ISOLATIONRESISTANCE MTBF OTHERS DIMENSION PACKING
NOTE

WWW.asTRODYNE.COM
300 Myles standish Blvd., Taunton, Ma 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
FileName:S-320-SPEC2005-10-27
3 2 0 W S i n g l e O320WSingleOutputSwitchingPowerSupply u t put Switching Power Supply
MechanicalSpecification
27.5 32.5 117.5 177.5 150 47.5
aS --332200 ss eirei e s s er s
CaseNo.912A Unit:mm
LED +V ADJ. 9 8 7
36.5
135
50
9.5
6 5 4 3 2 1 5-M3L=3mm 4-M4L=5mm
32.5
8
50.5
15 215 32.5 150 Airflow direction
16
25
Terminalpinnumberassignment:
PinNo. 1 2 3 Assignment AC/L AC/N FG PinNo. Assignment 4~6 DCOUTPUT -V 7~9 DCOUTPUT +V
4-M4L=6mm
DeratingCurve
StaticCharacteristics
12~48V 24~48V Ta=25
100
100 90
80
80
60
5~15V
70
5~7.5V
LOAD(%)
LOAD(%)
40
60 50 40
20
-10
0
10
20
30
40
50
60
(HORIZONTAL)
88 176
95 190
115 230
50
C L
10
130 260
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
WWW.asTRODYNE.COM
300 Myles standish Blvd., Taunton, Ma 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
FileName:S-320-SPEC2005-10-27
115
95


▲Up To Search▲   

 
Price & Availability of AS320-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X