Part Number Hot Search : 
EN2537A MSMA152 N4006 MT140 THL42A SF81S THL42A THL42A
Product Description
Full Text Search
 

To Download ACL100B-775K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radio Control Clock Antenna< Pin Type: ACL Series>
Type: ACL100B
Product Description
103.0x14.5mm Max.(LxW),19.5mm Max. Height. Operating frequency: 40kHz,60kHz,77.5kHz.
Feature
Radio control clock antenna with capacitor. Ideally used in Radio control clock receiver, car, highway, railway, and hospital,etc. RoHS Compliance.
Dimensions (mm)
14.0 0.5
Schematics(Bottom)
S
(K )

"S" is winding start.
19.0 0.5
(J )
( I)3.0+1.0
-0.5
(L )
0.7 0.10
20.0 1.5 (F)
(H) 7.5 0.3
5.0 0.3(D) (E) 5.0 0.3 (C )60.0 0.5 ( B ) 65.0 0.5 (A )10 0.0 3.0
Specification
NO. 1 2 3 Part Name ACL100B-40K ACL100B-60K ACL100B-775K Stamp 40K 60K 77K Impedance (TYP.) 390k 230k 120k Frequency Preset 1V Within 40.0kHz0.2kHz 60.0kHz0.3kHz 77.5 kHz0.4kHz Capacitor (Internal) 1500pF 1000pF 2200pF
Please refer to the sales offices on our website for a representative near you
www.sumida.com
7.5 0.3 (G)
1/1


▲Up To Search▲   

 
Price & Availability of ACL100B-775K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X