Part Number Hot Search : 
MB39A115 XN6211H MIC2982 LSI2041 3388008 MS3130 855728 2SB924
Product Description
Full Text Search
 

To Download AB-33W2-24V-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A - B RI G H T
A-BRIGHT INDUSTRIAL CO., LTD.
MULTI LAMPS LED BULB
Data Sheet
Description: These multi lamps LED Bulbs are specifically designed for flashlight electric equipment, indicator light switch and where a wide view angle. The 3mm round shaped radiation pattern (60) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential.
Feature: Wide view angle High efficiency LED High luminous output materials are used in this Seven kind color Bulb. Every lamp is made with an Solid-state Vibration advanced optical grade resistant Saving power epoxy offering superior Long life high shock and high temperature resistance in outdoor applications. Option: 6V to 240V AC or DC Other industry standard base
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.
A-BRIGHT 1
10/30/2006
A - B RI G H T
PACKAGE DIMENSIONS:
A-BRIGHT INDUSTRIAL CO., LTD.
Multi Lamps LED Bulb
Part No.: AB-33W2-24V-B
NOTE:
1.All dimensions are in millimeter. 2.Bulb base : BA9S. 3.All tolerance are 0.5mm.
A-BRIGHT 2
10/30/2006
A - B RI G H T
FEATURE:
A-BRIGHT INDUSTRIAL CO., LTD.
Multi Lamps LED Bulb
Part No.: AB-33W2-24V-B
SUPER LUMINOSITY WHITE LED (InGaN). WATER CLEAR PACKAGE. 3mm ALL RESIN MOLD. WIDE VIEWING ANGLE. BASE MODEL BA9s. ELECTRIC AC/DC BI-POLAR.
ABSOLUTE MAXIMUM RATING:
Ta = 25 28 V 25 TO 85 35 TO 100 20000 HOURS (LUMINANCE REDUCES to 50%)
PEAK OPERATE VOLTAGE........................ OPERATING TEMPERATURE...................... STORAGE TEMPERATURE......................... LED BULB LIFE......................................
ABSOLUTE OPTICAL CHARACTERISTIC
PARAMETER Operate Voltage Luminous Intensity Chromaticity Coordinates Forward Current Viewing Angle
Ta= 25
SYMBOL MIN
TYP 24
MAX 28 ---------------------
UNIT V mcd ----mA deg
IF= 20 mA IF= 20 mA VIN=24 V DC
V IV
X Y
-----
7200 10000 ----------------0.31 0.32 20 60
IF
21/2
A-BRIGHT 3
10/30/2006
A - B RI G H T
A-BRIGHT INDUSTRIAL CO., LTD.
Multi Lamps LED Bulb
Part No.: AB-33W2-24V-B
COLOR RANKS:
Conventional A-Rank (Approximate Color Temperature: 6,500-10,000K)
Rank A X Y 0.280 0.248 0.264 0.267 0.283 0.305 0.296 0.276
Conventional B-Rank (Approximate Color Temperature: 5,500-6,500K)
Rank B0 X Y 0.287 0.295 0.283 0.305 0.330 0.360 0.330 0.339
Rank B1 X Y 0.296 0.276 0.287 0.295 0.330 0.339 0.330 0.318
Conventional C-Rank (Approximate Color Temperature: 4,500-5,500K)
Rank C X Y 0.330 0.318 0.330 0.360 0.361 0.385 0.356 0.351
A-BRIGHT 4
10/30/2006


▲Up To Search▲   

 
Price & Availability of AB-33W2-24V-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X