Part Number Hot Search : 
TSOP28ON 1210M LNC707PS SAMTEC 12864 NT300 LNC707PS UF4003
Product Description
Full Text Search
 

To Download AA-3A4-2G-306B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AA-3A4/2G/306B Diff No. Type : LED Assembly
Package Dimension
Notes: 1. All dimensions are in millimeter. 2.An epoxy meniscus may extend about. 1. 5mm(0.059") down to the lead 3.Tolerances unless dimension 0.25mm
Features Choice of various viewing angles. Available on Tape and Reel. Reliable and robust.
Descriptions The series is specially designed for application requiring higher brightness. The LED lamps are available with different colors, intensity, epoxy colors etc.
Applications TV set Monitor Telephone
1
2006/9/20
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm
PART NO. AA-3A4GD/2G/306B
AA-3A4/2G/306B
Chip Material GaP/GaP
Diff No. Type : LED Assembly
Emitted Color Green Lens Color Green Diffused
Absolute Maximum Ratings at Ta=25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Peak Forward Current (Duty 1/10@1KHz) Reverse Voltage Symbol IF Topr Tstg Tsol ESD PD IF (Peak) VR Rating 20 -40 to +85 -40 to +100 260 5 1000 100 160 5 Unit mA V mW mA V
Electronic Optical Characteristics
Parameter Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Symbol IV 21/2 p d VF Min. Typ. 30 45 573 568 30 2.2 Max. 2.6 Unit mcd deg nm nm nm V Condition IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA
2
2006/9/20
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AA-3A4/2G/306B Diff No. Type : LED Assembly
Reliability test items and conditions
NO Item Test Conditions TEMP260 5 H+85 2 Temperature Cycle 30min 50 CYCLES 76 PCS 0/1 Test Sample Size Ac/Re Hours/Cycle 5 SEC 76 PCS 0/1
1
Solder Heat
5min L-55 30min H+100 5min 10set L-10 5min TEMP100
3
Thermal Shock High Temperature Storage Low Temperature Storage
50 CYCLES
76 PCS
0/1
4
1000 HRS
76 PCS
0/1
5
TEMP-55 TEMP25 IF=20mA 85 / 85%RH
1000 HRS
76 PCS
0/1
6
DC Operating Life High Temperature / High Humidity
1000 HRS
76 PCS
0/1
7
1000 HRS
76 PCS
0/1
3
2006/9/20
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AA-3A4/2G/306B Diff No. Type : LED Assembly
4
2006/9/20
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AA-3A4/2G/306B Diff No. Type : LED Assembly
5
2006/9/20


▲Up To Search▲   

 
Price & Availability of AA-3A4-2G-306B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X