Part Number Hot Search : 
HSDL3208 BAV16W SMCJ11 ML2111 KBP158G 4XS27 T102107 ENA0928
Product Description
Full Text Search
 

To Download 74LVTH32245EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
Rev. 01 -- 23 January 2008 Product data sheet
1. General description
The 74LVTH32245 is a high-performance BiCMOS product designed for VCC operation at 3.3 V. The 74LVTH32245 is a 32-bit transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. The device features four output enable (nOE) inputs for easy cascading and four send/receive (nDIR) inputs for direction control. Pin nOE controls the outputs so that the buses are effectively isolated. Bus hold on data inputs eliminates the need for external pull-up resistors to hold unused inputs.
2. Features
I I I I I I I I I I 32-bit bidirectional bus interface 3-state buffers Output capability: +64 mA and -32 mA TTL input and output switching levels Input and output interface capability to systems at 5 V supply Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs Live insertion and extraction permitted Power-up 3-state No bus current loading when output is tied to 5 V bus Latch-up protection: N JESD78 Class II level A exceeds 500 mA I ESD protection: N HBM JESD22-A114E exceeds 2000 V N MM JESD22-A115-A exceeds 200 V
3. Ordering information
Table 1. Ordering information Package Temperature range Name 74LVTH32245EC -40 C to +85 C Description Version SOT536-1 LFBGA96 plastic low profile fine-pitch ball grid array package; 96 balls; body 13.5 x 5.5 x 1.05 mm Type number
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
4. Functional diagram
2DIR 2OE E5 1B0 A6 1A1 1B1 B5 1A2 1B2 B6 1A3 1B3 C5 1A4 1B4 C6 1A5 1B5 D5 1A6 1B6 D6 1A7 1B7 D1 D2 H5 2A7 2B7 H2 C1 H6 2A6 2B6 H1 C2 G6 2A5 2B5 G1 B1 G5 2A4 2B4 G2 B2 F6 2A3 2B3 F1 A1 F5 2A2 2B2 F2 A2 E6 2A1 2B1 E1 2A0 2B0 E2
A3
1DIR
H3 1OE A4
H4
A5
1A0
J3
3DIR 3OE
T3 J4 N5 3B0 J2 N6 3B1 J1 P5 3B2 K2 P6 3B3 K1 R5 3B4 L2 R6 3B5 L1 T6 3B6 M2 T5 3B7 M1
4DIR 4OE 4A0 4B0 4A1 4B1 4A2 4B2 4A3 4B3 4A4 4B4 4A5 4B5 4A6 4B6 4A7 4B7
mna476
T4
J5
3A0
N2
J6
3A1
N1
K5
3A2
P2
K6
3A3
P1
L5
3A4
R2
L6
3A5
R1
M5
3A6
T1
M6
3A7
T2
Fig 1. Logic symbol
74LVTH32245_1 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
2 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
VCC
VCC
output
data input
to internal circuit
001aah682
mna473
Fig 2. Schematic of each output
Fig 3. Bus hold circuit
5. Pinning information
5.1 Pinning
mna475
6 5 4 3 2 1
1A1 1A0
1A3 1A2
1A5 1A4
1A7 1A6
2A1 2A0
2A3 2A2
2A5 2A4
2A6 2A7
3A1 3A0
3A3 3A2
3A5 3A4
3A7 3A6
4A1 4A0
4A3 4A2
4A5 4A4
4A6 4A7
1OE GND VCC GND GND VCC GND 2OE 3OE GND VCC GND GND VCC GND 4OE 1DIR GND VCC GND GND VCC GND 2DIR 3DIR GND VCC GND GND VCC GND 4DIR 1B0 1B1 A 1B2 1B3 B 1B4 1B5 C 1B6 1B7 D 2B0 2B1 E 2B2 2B3 F 2B4 2B5 G 2B7 2B6 H 3B0 3B1 J 3B2 3B3 K 3B4 3B5 L 3B6 3B7 M 4B0 4B1 N 4B2 4B3 P 4B4 4B5 R 4B7 4B6 T
Fig 4. Pin configuration
5.2 Pin description
Table 2. Symbol nDIR (n = 1 to 4) nOE (n = 1 to 4) 1A[0:7] 1B[0:7] 2A[0:7] 2B[0:7] 3A[0:7] 3B[0:7] 4A[0:7] Pin description Ball A3, H3, J3, T3 A4, H4, J4, T4 A5, A6, B5, B6, C5, C6, D5, D6 A2, A1, B2, B1, C2, C1, D2, D1 E5, E6, F5, F6, G5, G6, H6, H5 E2, E1, F2, F1, G2, G1, H1, H2 J5, J6, K5, K6, L5, L6, M5, M6 J2, J1, K2, K1, L2, L1, M2, M1 N5, N6, P5, P6, R5, R6, T6, T5 Description direction control output enable input (active LOW) input or output input or output input or output input or output input or output input or output input or output
74LVTH32245_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
3 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
Table 2. Symbol 4B[0:7] GND VCC
Pin description ...continued Ball N2, N1, P2, P1, R2, R1, T1, T2 Description input or output
B3, B4, D3, D4, E3, E4, G3, G4, K3, K4, ground (0 V) M3, M4, N3, N4, R3, R4 C3, C4, F3, F4, L3, L4, P3, P4 supply voltage
6. Functional description
Table 3. Input nOE L L H
[1]
Function selection[1] Input/output nDIR L H X nAn nAn = nBn inputs Z nBn inputs nBn = nAn Z
H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state
7. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V)[1][2] Symbol Parameter VCC VI VO IIK IOK IO Tstg Tj
[1]
Conditions
[3]
Min -0.5 -0.5 -0.5 -50 -50 -64 -65 -
Max +4.6 +7.0 +7.0 128 +150 150
Unit V V V mA mA mA mA C C
supply voltage input voltage output voltage input clamping current output clamping current output current storage temperature junction temperature output in OFF or HIGH-state VI < 0 V VO < 0 V output in LOW-state output in HIGH-state
[3]
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond indicated under Section 8 "Recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[2] [3]
74LVTH32245_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
4 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
8. Recommended operating conditions
Table 5. Symbol VCC VI IOH IOL Recommended operating conditions Parameter supply voltage input voltage HIGH-level output current LOW-level output current none current duty cycle 50 %; f 1 kHz Tamb t/V Ptot
[1]
Conditions
Min 2.7 0 -32 -40 [1]
Typ -
Max 3.6 5.5 32 64 +85 10 1000
Unit V V mA mA mA C ns/V mW
ambient temperature input transition rise and fall rate total power dissipation
in free air outputs enabled
-
Above 70 C the value of Ptot derates linearly with 1.8 mW/K.
9. Static characteristics
Table 6. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = -40 C to +85 VIK VIH VIL VOH C[1] VCC = 2.7 V; IIK = -18 mA -1.2 2.0 VCC = 2.7 V to 3.6 V; IOH = -100 A VCC = 2.7 V; IOH = -8 mA VCC = 3.0 V; IOH = -32 mA VOL LOW-level output voltage VCC = 2.7 V; IOL = 100 A VCC = 2.7 V; IOL = 24 mA VCC = 3.0 V; IOL = 16 mA VCC = 3.0 V; IOL = 32 mA VCC = 3.0 V; IOL = 64 mA II input leakage current control pins VCC = 3.6 V; VI = VCC or GND VCC = 0 V or 3.6 V; VI = 5.5 V input/output data pins; VCC = 3.6 V VI = 5.5 V VI = VCC VI = 0 V IOFF ILO IO(pu/pd) power-off leakage current output leakage current power-up/power-down output current VCC = 0 V; VI or VO = 0 V to 4.5 V output HIGH; VO = 5.5 V; VCC = 3.0 V VCC 1.2 V; VO = 0.5 V to VCC; VI = GND or VCC; nOE = don't care
[4] [2]
Conditions
Min
Typ -0.85 VCC 2.5 2.3 0.07 0.3 0.25 0.3 0.4 0.1 0.1 0.1 0.5 -0.1 0.1 75 40
Max 0.8 0.2 0.5 0.4 0.5 0.55 1 10 20 10 100 125 100
Unit V V V V V V V V V V V A A A A A A A A
input clamping voltage HIGH-level input voltage LOW-level input voltage HIGH-level output voltage
VCC - 0.2 2.4 2.0 -5 -
74LVTH32245_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
5 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
Table 6. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter IBHL IBHH IBHLO IBHHO ICC bus hold LOW current bus hold HIGH current bus hold LOW overdrive current bus hold HIGH overdrive current supply current Conditions VCC = 3 V; VI = 0.8 V VCC = 3 V; VI = 2.0 V VCC = 0 V to 3.6 V; VI = 3.6 V VCC = 0 V to 3.6 V; VI = 3.6 V VCC = 3.6 V; VI = GND or VCC; IO = 0 A outputs HIGH outputs LOW outputs disabled ICC additional supply current per input pin; VCC = 3 V to 3.6 V; one input at VCC - 0.6 V; other inputs at VCC or GND control pins; VO = 0 V or 3.0 V input/output data pins; outputs disabled; VCC = 3.6 V; IO = 0 A; VI = GND or VCC
[5] [6] [3]
Min 75 500 -
Typ 135 -135 -
Max -75 -500
Unit A A A A
[3]
-
0.14 8.4 0.14 0.1
0.24 12 0.24 0.2
mA mA mA mA
CI CI/O
input capacitance input/output capacitance
-
3 9
-
pF pF
[1] [2] [3] [4] [5] [6]
All typical values are at VCC = 3.3 V and Tamb = 25 C unless otherwise specified. Unused pins at VCC or GND. This is the bus-hold overdrive current required to force the input to the opposite logic state. This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.3 V 0.3 V a transition time of 100 s is permitted. This parameter is valid for Tamb = 25 C only. ICC is measured with outputs pulled to VCC or GND. This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
10. Dynamic characteristics
Table 7. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 7. Symbol tPLH Parameter LOW to HIGH propagation delay Conditions nAn to nBn or nBn to nAn; see Figure 5 VCC = 2.7 V VCC = 3.0 V to 3.6 V tPHL HIGH to LOW propagation delay nAn to nBn or nBn to nAn; see Figure 5 VCC = 2.7 V VCC = 3.0 V to 3.6 V tPZH OFF-state to HIGH propagation delay nOE to nAn or nBn; see Figure 6 VCC = 2.7 V VCC = 3.0 V to 3.6 V 1.0 2.8 5.3 4.5 ns ns 1.0 1.7 3.5 3.3 ns ns 1.0 1.9 3.5 3.3 ns ns Min Typ[1] Max Unit Tamb = -40 C to +85 C
74LVTH32245_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
6 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
Table 7. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 7. Symbol tPZL Parameter OFF-state to LOW propagation delay Conditions nOE to nAn or nBn; see Figure 6 VCC = 2.7 V VCC = 3.0 V to 3.6 V tPHZ HIGH to OFF-state propagation delay nOE to nAn or nBn; see Figure 6 VCC = 2.7 V VCC = 3.0 V to 3.6 V tPLZ LOW to OFF-state propagation delay nOE to nAn or nBn; see Figure 6 VCC = 2.7 V VCC = 3.0 V to 3.6 V
[1] All typical values are at VCC = 3.3 V and Tamb = 25 C.
Min 1.0 1.5 1.5
Typ[1] 2.8 3.2 3.0
Max 5.1 4.1 5.7 5.1 4.6 4.6
Unit ns ns ns ns ns ns
11. Waveforms
VI nAn, nBn input GND t PHL VOH nBn, nAn output VOL VM
mna477
VM
t PLH
Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5. Input to output propagation delays
74LVTH32245_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
7 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
VI nOE input GND tPLZ 3.0 V output LOW-to-OFF OFF-to-LOW VOL tPHZ VOH output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled
001aah683
VM
tPZL
VM VX tPZH VY VM
Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6. enable and disable times Table 8. VCC 2.7 V to 3.6 V Measurement points Input VM 1.5 V Output VM 1.5 V VX VOL + 0.3 V VY VOH - 0.3 V
Supply voltage
74LVTH32245_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
8 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
VI negative pulse 0V
tW 90 % VM 10 % tf tr tr tf 90 % VM 10 % tW VM VM
VI positive pulse 0V
VEXT VCC PULSE GENERATOR VI DUT
RT CL RL RL
VO
001aae235
Test data is given in Table 9. Definitions test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to output impedance Zo of the pulse generator. VEXT = External voltage for measuring switching times.
Fig 7. Load circuitry for switching times Table 9. Input VI 2.7 V fi 10 MHz tW 500 ns tr, tf 2.5 ns Test data Load RL 500 CL 50 pF VEXT tPHZ, tPZH GND tPLZ, tPZL 6V tPLH, tPHL open
74LVTH32245_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
9 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
12. Package outline
LFBGA96: plastic low profile fine-pitch ball grid array package; 96 balls; body 13.5 x 5.5 x 1.05 mm SOT536-1
D
B
A
ball A1 index area
A E
A2 A1 detail X
e1
1/2 e
C
v M C A B
e T R P N M L K J H G F E D C B A ball A1 index area
y1 C
y
b
w M C
e
e2
1/2 e
123456 X 0 5 scale 10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.5 A1 0.41 0.31 A2 1.2 0.9 b 0.51 0.41 D 5.6 5.4 E 13.6 13.4 e 0.8 e1 4 e2 12 v 0.15 w 0.1 y 0.1 y1 0.2
OUTLINE VERSION SOT536-1
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 00-03-04 03-02-05
Fig 8. Package outline SOT536-1 (LFBGA96)
74LVTH32245_1 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
10 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
13. Abbreviations
Table 10. Acronym BiCMOS DUT ESD HBM MM TTL Abbreviations Description Bipolar Complementary Metal-Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model Transistor-Transistor Logic
14. Revision history
Table 11. Revision history Release date 20080123 Data sheet status Product data sheet Change notice Supersedes Document ID 74LVTH32245_1
74LVTH32245_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
11 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
15. Legal information
15.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
15.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
15.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
15.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
16. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
74LVTH32245_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 23 January 2008
12 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
17. Contents
1 2 3 4 5 5.1 5.2 6 7 8 9 10 11 12 13 14 15 15.1 15.2 15.3 15.4 16 17 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 1 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 4 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 5 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 6 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Legal information. . . . . . . . . . . . . . . . . . . . . . . 12 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Contact information. . . . . . . . . . . . . . . . . . . . . 12 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 23 January 2008 Document identifier: 74LVTH32245_1


▲Up To Search▲   

 
Price & Availability of 74LVTH32245EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X