Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download 74AVC1T45GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AVC1T45
Dual supply translating transceiver; 3-state
Rev. 01 -- 18 January 2008 Product data sheet
1. General description
The 74AVC1T45 is a single bit, dual supply transceiver with 3-state output that enables bidirectional level translation. It features one data input-output port (A and B), a direction control input (DIR) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any voltage between 0.8 V and 3.6 V making the device suitable for translating between any of the low voltage nodes (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins A and DIR are referenced to VCC(A) and pin B is referenced to VCC(B). A HIGH on DIR allows transmission from A to B and a LOW on DIR allows transmission from B to A. The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing any damaging backflow current through the device when it is powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both A and B are in the high-impedance OFF-state.
2. Features
s Wide supply voltage range: x VCC(A): 0.8 V to 3.6 V x VCC(B): 0.8 V to 3.6 V s High noise immunity s Complies with JEDEC standards: x JESD8-12 (0.8 V to 1.3 V) x JESD8-11 (0.9 V to 1.65 V) x JESD8-7 (1.2 V to 1.95 V) x JESD8-5 (1.8 V to 2.7 V) x JESD8-B (2.7 V to 3.6 V) s ESD protection: x HBM JESD22-A114E Class 3B exceeds 8000 V x MM JESD22-A115-A exceeds 200 V x CDM JESD22-C101C exceeds 1000 V s Maximum data rates: x 500 Mbit/s (1.8 V to 3.3 V translation) x 320 Mbit/s (< 1.8 V to 3.3 V translation) x 320 Mbit/s (translate to 2.5 V or 1.8 V) x 280 Mbit/s (translate to 1.5 V) x 240 Mbit/s (translate to 1.2 V) s Suspend mode s Latch-up performance exceeds 100 mA per JESD 78 Class II
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
s s s s s
Inputs accept voltages up to 3.6 V Low noise overshoot and undershoot < 10 % of VCC IOFF circuitry provides partial Power-down mode operation Multiple package options Specified from -40 C to +85 C and -40 C to +125 C
3. Ordering information
Table 1. Ordering information Package Temperature range Name 74AVC1T45GW 74AVC1T45GM -40 C to +125 C -40 C to +125 C SC-88 XSON6 Description plastic surface-mounted package; 6 leads Version SOT363 Type number
plastic extremely thin small outline package; no leads; SOT886 6 terminals; body 1 x 1.45 x 0.5 mm
4. Marking
Table 2. Marking Marking code B5 B5 Type number 74AVC1T45GW 74AVC1T45GM
5. Functional diagram
DIR
5 DIR 3 A 4 VCC(A) VCC(B) VCC(A)
001aag885
A
B B VCC(B)
001aag886
Fig 1. Logic symbol
Fig 2. Logic diagram
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
2 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
6. Pinning information
6.1 Pinning
74AVC1T45 74AVC1T45
VCC(A) GND 1 2 6 5 VCC(B) DIR A A 3
001aag971
VCC(A)
1
6
VCC(B)
GND
2
5
DIR
3
4
B
4
B
001aag972
Transparent top view
Fig 3. Pin configuration SOT363
Fig 4. Pin configuration SOT886
6.2 Pin description
Table 3. Symbol VCC(A) GND A B DIR VCC(B) Pin description Pin 1 2 3 4 5 6 Description supply voltage port A and DIR ground (0 V) data input or output data input or output direction control supply voltage port B
7. Functional description
Table 4. Function table[1] Input DIR[2] L H X Input/output[3] A A=B input Z B input B=A Z Supply voltage VCC(A), VCC(B) 0.8 V to 3.6 V 0.8 V to 3.6 V GND[4]
[1] [2] [3] [4]
H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state. The DIR input circuit is referenced to VCC(A). The input circuit of the data I/O is always active. When either VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
3 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
8. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC(A) VCC(B) IIK VI IOK VO IO ICC IGND Tstg Ptot
[1] [2] [3] [4]
Parameter supply voltage port A supply voltage port B input clamping current input voltage output clamping current output voltage output current supply current ground current storage temperature total power dissipation
Conditions
Min -0.5 -0.5
Max +4.6 +4.6 +4.6 VCCO + 0.5 +4.6 50 100 +150 250
Unit V V mA V mA V V mA mA mA C mW
VI < 0 V
[1]
-50 -0.5 -50
[1][2][3] [1]
VO < 0 V Active mode Suspend or 3-state mode VO = 0 V to VCC ICC(A) or ICC(B)
-0.5 -0.5 -100 -65
Tamb = -40 C to +125 C
[4]
-
The minimum input voltage ratings and output voltage ratings may be exceeded if the input and output current ratings are observed. VCCO is the supply voltage associated with the output port. VCCO + 0.5 V should not exceed 4.6 V. For SC-88 packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K. For XSON6 packages: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
9. Recommended operating conditions
Table 6. Symbol VCC(A) VCC(B) VI VO Tamb t/V
[1] [2]
Recommended operating conditions Parameter supply voltage port A supply voltage port B input voltage output voltage ambient temperature input transition rise and fall rate VCCI = 0.8 V to 3.6 V
[2]
Conditions
Min 0.8 0.8 0
Max 3.6 3.6 3.6 VCCO 3.6 +125 5
Unit V V V V V C ns/V
Active mode Suspend or 3-state mode
[1]
0 0 -40 -
VCCO is the supply voltage associated with the output port. VCCI is the supply voltage associated with the input port.
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
4 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
10. Static characteristics
Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VOH VOL II IOZ IOFF HIGH-level output voltage LOW-level output voltage input leakage current OFF-state output current power-off leakage current VI = VIH or VIL IO = -1.5 mA; VCC(A) = VCC(B) = 0.8 V VI = VIH or VIL IO = 1.5 mA; VCC(A) = VCC(B) = 0.8 V DIR input; VI = 0 V to 3.6 V; VCC(A) = VCC(B) = 0.8 V to 3.6 V A or B port; VO = 0 V or VCCO; VCC(A) = VCC(B) = 0.8 V to 3.6 V A port; VI or VO = 0 V to 3.6 V; VCC(A) = 0 V; VCC(B) = 0.8 V to 3.6 V B port; VI or VO = 0 V to 3.6 V; VCC(B) = 0 V; VCC(A) = 0.8 V to 3.6 V CI CI/O input capacitance input/output capacitance DIR input; VI = 0 V or 3.3 V; VCC(A) = VCC(B) = 3.3 V A and B port; suspend mode; VO = 3.3 V or 0 V; VCC(A) = VCC(B) = 3.3 V data input VCCI = 0.8 V VCCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V DIR input VCCI = 0.8 V VCCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V VIL LOW-level input voltage data input VCCI = 0.8 V VCCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V DIR input VCCI = 0.8 V VCCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V 0.30VCC(A) 0.35VCC(A) 0.7 0.9 V V V V
[1] [1] [2]
Conditions
Min
Typ
Max
Unit
-
0.69 0.07 0.025 0.5 0.1 0.1 1 4
0.25 2.5 1 1 -
V V A A A A pF pF
Tamb = -40 C to +85 C VIH HIGH-level input voltage 0.70VCCI 0.65VCCI 1.6 2 0.70VCC(A) 0.65VCC(A) 1.6 2 0.30VCCI 0.35VCCI 0.7 0.9 V V V V V V V V V V V V
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
5 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VOH HIGH-level output voltage Conditions VI = VIH or VIL IO = -100 A; VCC(A) = VCC(B) = 0.8 V to 3.6 V IO = -3 mA; VCC(A) = VCC(B) = 1.1 V IO = -6 mA; VCC(A) = VCC(B) = 1.4 V IO = -8 mA; VCC(A) = VCC(B) = 1.65 V IO = -9 mA; VCC(A) = VCC(B) = 2.3 V IO = -12 mA; VCC(A) = VCC(B) = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 100 A; VCC(A) = VCC(B) = 0.8 V to 3.6 V IO = 3 mA; VCC(A) = VCC(B) = 1.1 V IO = 6 mA; VCC(A) = VCC(B) = 1.4 V IO = 8 mA; VCC(A) = VCC(B) = 1.65 V IO = 9 mA; VCC(A) = VCC(B) = 2.3 V IO = 12 mA; VCC(A) = VCC(B) = 3.0 V II IOZ IOFF input leakage current OFF-state output current power-off leakage current DIR input; VI = 0 V to 3.6 V; VCC(A) = VCC(B) = 0.8 V to 3.6 V A or B port; VO = 0 V or VCCO; VCC(A) = VCC(B) = 0.8 V to 3.6 V A port; VI or VO = 0 V to 3.6 V; VCC(A) = 0 V; VCC(B) = 0.8 V to 3.6 V B port; VI or VO = 0 V to 3.6 V; VCC(B) = 0 V; VCC(A) = 0.8 V to 3.6 V ICC supply current A port; VI = 0 V or VCCI; IO = 0 A VCC(A) = VCC(B) = 0.8 V to 3.6 V VCC(A) = 3.6 V; VCC(B) = 0 V VCC(A) = 0 V; VCC(B) = 3.6 V B port; VI = 0 V or VCCI; IO = 0 A VCC(A) = VCC(B) = 0.8 V to 3.6 V VCC(A) = 3.6 V; VCC(B) = 0 V VCC(A) = 0 V; VCC(B) = 3.6 V A plus B port (ICC(A) + ICC(B)); IO = 0 A; VI = 0 V or VCCI; VCC(A) = VCC(B) = 0.8 V to 3.6 V -2 0 8 8 16 A A A A
[1] [2] [2]
Min VCCO - 0.1 0.85 1.05 1.2 1.75 2.3 -
Typ -
Max 0.1 0.25 0.35 0.45 0.55 0.7 1 5 5 5
Unit V V V V V V V V V V V V A A A A
-2
0
8 8 -
A A A
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
6 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = -40 C to +125 C VIH HIGH-level input voltage data input VCCI = 0.8 V VCCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V DIR input VCCI = 0.8 V VCCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V VIL LOW-level input voltage data input VCCI = 0.8 V VCCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V DIR input VCCI = 0.8 V VCCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIH or VIL IO = -100 A; VCC(A) = VCC(B) = 0.8 V to 3.6 V IO = -3 mA; VCC(A) = VCC(B) = 1.1 V IO = -6 mA; VCC(A) = VCC(B) = 1.4 V IO = -8 mA; VCC(A) = VCC(B) = 1.65 V IO = -9 mA; VCC(A) = VCC(B) = 2.3 V IO = -12 mA; VCC(A) = VCC(B) = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 100 A; VCC(A) = VCC(B) = 0.8 V to 3.6 V IO = 3 mA; VCC(A) = VCC(B) = 1.1 V IO = 6 mA; VCC(A) = VCC(B) = 1.4 V IO = 8 mA; VCC(A) = VCC(B) = 1.65 V IO = 9 mA; VCC(A) = VCC(B) = 2.3 V IO = 12 mA; VCC(A) = VCC(B) = 3.0 V II IOZ input leakage current OFF-state output current DIR input; VI = 0 V to 3.6 V; VCC(A) = VCC(B) = 0.8 V to 3.6 V A or B port; VO = 0 V or VCCO; VCC(A) = VCC(B) = 0.8 V to 3.6 V
[2] [2] [1] [1]
Conditions
Min
Typ
Max
Unit
0.70VCCI 0.65VCCI 1.6 2 0.70VCC(A) 0.65VCC(A) 1.6 2 VCCO - 0.1 0.85 1.05 1.2 1.75 2.3 -
-
0.30VCCI 0.35VCCI 0.7 0.9 0.30VCC(A) 0.35VCC(A) 0.7 0.9 0.1 0.25 0.35 0.45 0.55 0.7 1.5 7.5
V V V V V V V V V V V V V V V V V V V V V V V V V V V V A A
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
7 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter IOFF power-off leakage current Conditions A port; VI or VO = 0 V to 3.6 V; VCC(B) = 0 V; VCC(A) = 0.8 V to 3.6 V B port; VI or VO = 0 V to 3.6 V; VCC(B) = 0 V; VCC(A) = 0.8 V to 3.6 V ICC supply current A port; VI = 0 V or VCCI; IO = 0 A VCC(A) = VCC(B) = 0.8 V to 3.6 V VCC(A) = 3.6 V; VCC(B) = 0 V VCC(A) = 0 V; VCC(B) = 3.6 V B port; VI = 0 V or VCCI; IO = 0 A VCC(A) = VCC(B) = 0.8 V to 3.6 V VCC(A) = 3.6 V; VCC(B) = 0 V VCC(A) = 0 V; VCC(B) = 3.6 V A plus B port (ICC(A) + ICC(B)); IO = 0 A; VI = 0 V or VCCI; VCC(A) = VCC(B) = 0.8 V to 3.6 V
[1] [2] VCCI is the supply voltage associated with the data input port. VCCO is the supply voltage associated with the output port.
[1]
Min -
Typ -
Max 35 35
Unit A A
-8 -8 -
0 0 -
12 12 12 12 24
A A A A A A A
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
8 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
11. Dynamic characteristics
Table 8. Typical dynamic characteristics at VCC(A) = 0.8 V and Tamb = 25 C [1] Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for wave forms see Figure 5 and Figure 6 Symbol Parameter tpd tdis ten Conditions 0.8 V propagation delay A to B B to A disable time enable time DIR to A DIR to B DIR to A DIR to B
[1]
VCC(B) 1.2 V 8.1 12.7 12.2 7.9 20.6 20.3 1.5 V 7.6 12.3 12.2 7.6 19.9 19.8 1.8 V 7.7 12.2 12.2 8.2 20.4 19.9 2.5 V 8.4 12.0 12.2 8.7 20.7 20.6 3.3 V 9.2 11.8 12.2 10.2 22.0 21.4 15.5 15.5 12.2 11.7 27.2 27.7
Unit ns ns ns ns ns ns
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH. ten is a calculated value using the formula shown in Section 13.4 "Enable times"
Table 9. Typical dynamic characteristics at VCC(B) = 0.8 V and Tamb = 25 C [1] Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for wave forms see Figure 5 and Figure 6 Symbol Parameter tpd tdis ten Conditions 0.8 V propagation delay A to B B to A disable time enable time DIR to A DIR to B DIR to A DIR to B
[1]
VCC(A) 1.2 V 12.7 8.1 4.9 9.2 17.3 17.6 1.5 V 12.3 7.6 3.8 9.0 16.6 16.1 1.8 V 12.2 7.7 3.7 8.8 16.5 15.9 2.5 V 12.0 8.4 2.8 8.7 17.1 14.8 3.3 V 11.8 9.2 3.4 8.6 17.8 15.2 15.5 15.5 12.2 11.7 27.2 27.7
Unit ns ns ns ns ns ns
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH. ten is a calculated value using the formula shown in Section 13.4 "Enable times"
Table 10. Typical power dissipation capacitance at VCC(A) = VCC(B) and Tamb = 25 C [1][2] Voltages are referenced to GND (ground = 0 V). Symbol Parameter CPD power dissipation capacitance Conditions 0.8 V A port: (direction A to B); B port: (direction B to A) A port: (direction B to A); B port: (direction A to B)
[1]
VCC(A) and VCC(B) 1.2 V 2 11 1.5 V 2 11 1.8 V 2 12 2.5 V 2 14 3.3 V 2 17 1 9
Unit pF pF
CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs. fi = 10 MHz; VI = GND to VCC; tr = tf = 1 ns; CL = 0 pF; RL = .
[2]
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
9 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
Table 11. Dynamic characteristics for temperature range -40 C to +85 C [1] Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for wave forms see Figure 5 and Figure 6. Symbol Parameter Conditions 1.2 V 0.1 V Min VCC(A) = 1.1 V to 1.3 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B VCC(A) = 1.4 V to 1.6 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B VCC(A) = 1.65 V to 1.95 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B VCC(A) = 2.3 V to 2.7 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B VCC(A) = 3.0 V to 3.6 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B
[1]
VCC(B) 1.5 V 0.1 V 1.8 V 0.15 V 2.5 V 0.2 V Min 0.7 0.8 2.2 1.8 0.7 0.8 1.6 1.8 0.6 0.7 1.6 1.8 0.5 0.6 1.5 2.0 0.5 0.6 1.5 0.7 Max 6.8 8.0 8.8 6.7 14.7 15.6 5.4 5.4 6.3 5.9 11.3 11.7 5.1 4.6 5.5 5.7 10.3 10.6 4.7 3.8 4.2 5.2 9.0 8.9 4.5 3.6 4.7 5.5 9.1 9.2 Min 0.6 0.7 2.2 2.0 0.6 0.7 1.6 1.6 0.5 0.5 1.6 1.4 0.5 0.5 1.5 1.5 0.5 0.5 1.5 0.6 Max 6.1 7.7 8.8 6.9 14.6 14.9 4.6 5.1 6.3 6.0 11.1 10.9 4.3 4.4 5.5 5.8 10.2 9.8 3.9 3.4 4.2 5.1 8.5 8.1 3.7 3.1 4.7 5.5 8.6 8.4 Min 0.5 0.6 2.2 1.7 0.5 0.6 1.6 1.2 0.5 0.5 1.6 1.0 0.5 0.5 1.5 0.6 0.5 0.5 1.5 0.7 Max 5.7 7.2 8.8 6.2 13.4 14.5 3.7 4.7 6.3 4.8 9.5 10.0 3.4 3.9 5.5 4.5 8.4 8.9 3.0 3.0 4.2 4.2 7.2 7.2 2.8 2.6 4.7 4.1 6.7 7.5 3.3 V 0.3 V Min 0.5 0.5 2.2 2.4 0.5 0.5 1.6 1.7 0.5 0.5 1.6 1.5 0.5 0.5 1.5 1.1 0.5 0.5 1.5 1.7 Max 6.1 7.1 8.8 7.2 14.3 14.9 3.5 4.5 6.3 5.5 10.0 9.8 3.1 3.7 5.5 5.2 8.9 8.6 2.6 2.8 4.2 4.8 7.6 6.8 2.4 2.4 4.7 4.7 7.1 7.1 Max 9.0 9.0 8.8 8.4 17.4 17.8 8.0 6.8 6.3 7.6 14.4 14.3 7.7 6.1 5.5 7.7 13.8 13.2 7.2 5.7 4.2 7.3 13.0 11.4 7.1 6.1 4.7 7.2 13.3 11.8
Unit
1.0 1.0 2.2 2.2 1.0 1.0 1.6 2.0 1.0 1.0 1.6 1.8 1.0 1.0 1.5 1.7 1.0 1.0 1.5 1.7 -
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH. ten is a calculated value using the formula shown in Section 13.4 "Enable times"
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
10 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
Table 12. Dynamic characteristics for temperature range -40 C to +125 C [1] Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for wave forms see Figure 5 and Figure 6 Symbol Parameter Conditions 1.2 V 0.1 V Min VCC(A) = 1.1 V to 1.3 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B VCC(A) = 1.4 V to 1.6 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B VCC(A) = 1.65 V to 1.95 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B VCC(A) = 2.3 V to 2.7 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B VCC(A) = 3.0 V to 3.6 V tpd tdis ten propagation delay disable time enable time A to B B to A DIR to A DIR to B DIR to A DIR to B
[1]
VCC(B) 1.5 V 0.1 V 1.8 V 0.15 V 2.5 V 0.2 V Min 0.7 0.8 2.2 1.8 0.7 0.8 1.6 1.8 0.6 0.7 1.6 1.8 0.5 0.6 1.5 2.0 0.5 0.6 1.5 0.7 Max 7.5 8.8 9.7 7.4 16.2 17.2 6.0 6.0 7.0 6.5 12.5 13.0 5.7 5.1 6.1 6.3 11.4 11.8 5.2 4.2 4.7 5.8 10.0 9.9 5.0 4.0 5.2 6.1 10.1 10.2 Min 0.6 0.7 2.2 2.0 0.6 0.7 1.6 1.6 0.5 0.5 1.6 1.4 0.5 0.5 1.5 1.5 0.5 0.5 1.5 0.6 Max 6.8 8.5 9.7 7.6 16.1 16.5 5.1 5.7 7.0 6.6 12.3 12.1 4.8 4.9 6.1 6.4 11.3 10.9 4.3 3.8 4.7 5.7 9.5 9.0 4.1 3.5 5.2 6.1 9.6 9.3 Min 0.5 0.6 2.2 1.7 0.5 0.6 1.6 1.2 0.5 0.5 1.6 1.0 0.5 0.5 1.5 0.6 0.5 0.5 1.5 0.7 Max 6.3 8.0 9.7 6.9 14.9 16.0 4.1 5.2 7.0 5.3 10.5 11.1 3.8 4.3 6.1 5.0 9.3 9.9 3.3 3.3 4.7 4.7 8.0 8.0 3.1 2.9 5.2 4.6 7.5 8.3 3.3 V 0.3 V Min 0.5 0.5 2.2 2.4 0.5 0.5 1.6 1.7 0.5 0.5 1.6 1.5 0.5 0.5 1.5 1.1 0.5 0.5 1.5 1.7 Max 6.8 7.9 9.7 8.0 15.9 16.5 3.9 5.0 7.0 6.1 11.1 10.9 3.5 4.1 6.1 5.8 9.9 9.6 2.9 3.1 4.7 5.3 8.4 7.6 2.7 2.7 5.2 5.2 7.9 7.9 Max 9.9 9.9 9.7 9.2 19.1 19.6 8.8 7.5 7.0 8.3 15.8 15.8 8.5 6.8 6.1 8.5 15.3 14.6 8.0 6.3 4.7 8.0 14.3 12.7 7.9 6.8 5.2 7.9 14.7 13.1
Unit
1.0 1.0 2.2 2.2 1.0 1.0 1.6 2.0 1.0 1.0 1.6 1.8 1.0 1.0 1.5 1.7 1.0 1.0 1.5 1.7 -
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH. ten is a calculated value using the formula shown in Section 13.4 "Enable times"
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
11 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
12. Waveforms
VI A, B input GND t PHL VOH B, A output VOL VM
001aae967
VM
t PLH
Measurement points are given in Table 13. VOL and VOH are typical output voltage drops that occur with the output load.
Fig 5. The data input (A, B) to output (B, A) propagation delay times
VI DIR input GND t PLZ output LOW-to-OFF OFF-to-LOW VCCO VM VOL t PHZ VOH output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled
001aae968
VM
t PZL
VX t PZH VY VM
Measurement points are given in Table 13. VOL and VOH are typical output voltage drops that occur with the output load.
Fig 6. Enable and disable times Table 13. Measurement points Input[1] VM 0.5VCCI 0.5VCCI 0.5VCCI Output[2] VM 0.5VCCO 0.5VCCO 0.5VCCO VX VOL + 0.1 V VOL + 0.15 V VOL + 0.3 V VY VOH - 0.1 V VOH - 0.15 V VOH - 0.3 V
Supply voltage VCC(A), VCC(B) 1.1 V to 1.6 V 1.65 V to 2.7 V 3.0 V to 3.6 V
[1] [2]
VCCI is the supply voltage associated with the data input port. VCCO is the supply voltage associated with the output port.
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
12 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
VI negative pulse 0V
tW 90 % VM 10 % tf tr tr tf 90 % VM 10 % tW
VEXT VCC VI VO
RL
VM
VI positive pulse 0V
VM
G
RT
DUT
CL RL
001aae331
Test data is given in Table 14. RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance. VEXT = External voltage for measuring switching times.
Fig 7. Load circuitry for switching times Table 14. Test data Input VI[1] VCCI VCCI VCCI t/V[2] 1.0 ns/V 1.0 ns/V 1.0 ns/V Load CL 15 pF 15 pF 15 pF RL 2 k 2 k 2 k VEXT tPLH, tPHL open open open tPZH, tPHZ GND GND GND tPZL, tPLZ[3] 2VCCO 2VCCO 2VCCO
Supply voltage VCC(A), VCC(B) 1.1 V to 1.6 V 1.65 V to 2.7 V 3.0 V to 3.6 V
[1] [2] [3]
VCCI is the supply voltage associated with the data input port. dV/dt 1.0 V/ns VCCO is the supply voltage associated with the output port.
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
13 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
13. Application information
13.1 Unidirectional logic level-shifting application
The circuit given in Figure 8 is an example of the 74AVC1T45 being used in an unidirectional logic level-shifting application.
VCC1 VCC(A) VCC1 GND A 1 6 VCC(B) DIR B
VCC2
74AVC1T45
2 3 5 4
VCC2
system-1
system-2
001aag973
Fig 8. Unidirectional logic level-shifting application Table 15. Pin 1 2 3 4 5 6 Description unidirectional logic level-shifting application Function VCC1 GND OUT DIR IN VCC2 Description supply voltage of system-1 (0.8 V to 3.6 V) device GND output level depends on VCC1 voltage the GND (LOW level) determines B port to A port direction input threshold value depends on VCC2 voltage supply voltage of system-2 (0.8 V to 3.6 V)
Name VCC(A) GND A DIR B VCC(B)
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
14 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
13.2 Bidirectional logic level-shifting application
Figure 9 shows the 74AVC1T45 being used in a bidirectional logic level-shifting application. Since the device does not have an output enable pin, the system designer should take precautions to avoid bus contention between system-1 and system-2 when changing directions.
VCC1 I/O-1
VCC1 VCC(A) PULL-UP/DOWN GND A 1 6 VCC(B) DIR B
VCC2
VCC2 I/O-2
74AVC1T45
2 3 5 4
PULL-UP/DOWN
DIR CTRL
system-1
system-2
001aag974
Fig 9. Bidirectional logic level-shifting application
Table 16 gives a sequence that will illustrate data transmission from system-1 to system-2 and then from system-2 to system-1.
Table 16. 1 2 H H Description bidirectional logic level-shifting application[1] I/O-2 input Z Description system-1 data to system-2 system-2 is getting ready to send data to system-1. I/O-1 and I/O-2 are disabled. The bus-line state depends on bus hold. DIR bit is set LOW. I/O-1 and I/O-2 still are disabled. The bus-line state depends on bus hold. system-2 data to system-1 output Z
State DIR CTRL I/O-1
3 4
[1]
L L
Z input
Z output
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
15 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
13.3 Power-up considerations
The device is designed such that no special power-up sequence is required other than GND being applied first.
Table 17. VCC(A) 0V 0.8 V 1.2 V 1.5 V 1.8 V 2.5 V 3.3 V Typical total supply current (ICC(A) + ICC(B)) VCC(B) 0V 0 0.1 0.1 0.1 0.1 0.1 0.1 0.8 V 0.1 0.1 0.1 0.1 0.1 0.7 2.3 1.2 V 0.1 0.1 0.1 0.1 0.1 0.3 1.4 1.5 V 0.1 0.1 0.1 0.1 0.1 0.1 0.9 1.8 V 0.1 0.1 0.1 0.1 0.1 0.1 0.5 2.5 V 0.1 0.7 0.3 0.1 0.1 0.1 0.1 3.3 V 0.1 2.3 1.4 0.9 0.5 0.1 0.1 A A A A A A A Unit
13.4 Enable times
Calculate the enable times for the 74AVC1T45 using the following formulas:
* ten (DIR to A) = tdis (DIR to B) + tpd (B to A) * ten (DIR to B) = tdis (DIR to A) + tpd (A to B)
In a bidirectional application, these enable times provide the maximum delay from the time the DIR bit is switched until an output is expected. For example, if the 74AVC1T45 initially is transmitting from A to B, then the DIR bit is switched, the B port of the device must be disabled before presenting it with an input. After the B port has been disabled, an input signal applied to it appears on the corresponding A port after the specified propagation delay.
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
16 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
14. Package outline
Plastic surface-mounted package; 6 leads SOT363
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT363
REFERENCES IEC JEDEC JEITA SC-88
EUROPEAN PROJECTION
ISSUE DATE 04-11-08 06-03-16
Fig 10. Package outline SOT363 (SC-88)
74AVC1T45_1 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
17 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
Fig 11. Package outline SOT886 (XSON6)
74AVC1T45_1 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
18 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
15. Abbreviations
Table 18. Acronym CDM CMOS DUT ESD HBM MM Abbreviations Description Charged Device Model Complementary Metal Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model
16. Revision history
Table 19. Revision history Release date 20080118 Data sheet status Product data sheet Change notice Supersedes Document ID 74AVC1T45_1
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
19 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
17. Legal information
17.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
17.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
17.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
17.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
18. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
74AVC1T45_1
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 -- 18 January 2008
20 of 21
NXP Semiconductors
74AVC1T45
Dual supply translating transceiver; 3-state
19. Contents
1 2 3 4 5 6 6.1 6.2 7 8 9 10 11 12 13 13.1 13.2 13.3 13.4 14 15 16 17 17.1 17.2 17.3 17.4 18 19 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 9 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Application information. . . . . . . . . . . . . . . . . . 14 Unidirectional logic level-shifting application. . 14 Bidirectional logic level-shifting application. . . 15 Power-up considerations . . . . . . . . . . . . . . . . 16 Enable times . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 17 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 19 Legal information. . . . . . . . . . . . . . . . . . . . . . . 20 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 20 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Contact information. . . . . . . . . . . . . . . . . . . . . 20 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 18 January 2008 Document identifier: 74AVC1T45_1


▲Up To Search▲   

 
Price & Availability of 74AVC1T45GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X