Part Number Hot Search : 
89C51RB2 EN25Q40A AT91SA HF735 IRHNJ57 D0415 BT070 2N3721
Product Description
Full Text Search
 

To Download 16CTQ100GPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final PD-20685 rev. A 01/06
16CTQ...G
SCHOTTKY RECTIFIER 16 Amp
IF(AV) = 16 Amp VR = 60/100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 8 Apk, TJ = 125C (per leg) range
Description/ Features Units
A V A V This center tap Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap configuration Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
16 60/ 100 650 0.58
- 55 to 175
C
Case Styles
16CTQ...G
Base Common Cathode
2
1
Anode
2 Common Cathode
3
Anode
TO-220
www.irf.com
1
16CTQ...G
Bulletin PD-20685 rev. A 01/06
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
16CTQ060G
60
16CTQ80G
80
16CTQ100G
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device) * See Fig. 7
16CTQ Units
8 16 650 210 7.50 0.50 A mJ A A
Conditions
50% duty cycle @ TC = 148C, rectangular wave form Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated V RRM applied 5s Sine or 3s Rect. pulse TJ = 25 C, I AS = 0.50 Amps, L = 60 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
16CTQ Units
0.72 0.88 0.58 0.69 0.28 7.0 0.415 11.07 500 8.0 10000 V V V V mA mA V
m
Conditions
@ 8A @ 16A @ 8A @ 16A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated V R
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
pF nH
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
16CTQ Units Conditions
- 55 to 175 - 55 to 175 3.25 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C C/W C/W g (oz.) Kg-cm (Ibf-in) DC operation * See Fig. 4
RthJC Max. Thermal Resistance Juntion to Case Per Leg RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Device Marking
Mounting surface , smooth and greased
16CTQ...G
2
www.irf.com
16CTQ...G
Bulletin PD-20685 rev. A 01/06
1000
100 10 1 0.1 0.01 0.001 0.0001
TJ = 175C 150C 125C 100C 75C 50C 25C
Ins tantaneous Forward Current - I F (A)
100
R everse Current - I R (mA)
0
20
40
60
R
80 (V)
100
R everse Voltage - V
TJ= 175C TJ= 125C 10 TJ= 25C
Junction Capacitance - C T (pF)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000
TJ= 25C
1 0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
100
0
20
40
60
80
100
F orward Voltage Drop - V FM (V)
R evers Volta ge - V R (V) e
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
Thermal Impedance Z thJC (C/W)
D = 0.75 D = 0.50 1 D = 0.33 D = 0.25 D = 0.20 0.1 Single Pulse (Thermal Resistance)
0.01 1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
t1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
16CTQ...G
Bulletin PD-20685 rev. A 01/06
180 Allowab le Case T emperature - (C)
7 Average Power Los - (Watts) s 6 5 4 3 2 1 0 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMSLimit DC
170 160 150 140
S qua re wave (D = 0.50) 130 80% Ra ted V a pplied R
DC
120 110
see note (2)
100
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
Average F orward Current - I F(AV) (A)
Average F orwa rd Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - IFSM (A)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
1000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - tp (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x I R (1 - D); IR @ VR1 = 10 V
4
www.irf.com
16CTQ...G
Bulletin PD-20685 rev. A 01/06
Outline Table
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
Part Marking Information
EXAMPLE: THIS IS A 16CTQ100G LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER G = Schottky Generation
DATE CODE YEAR 1 = 2001 WEEK 19 LINE C
www.irf.com
5
16CTQ...G
Bulletin PD-20685 rev. A 01/06
Ordering Information Table
Device Code
16
1 1 2 3 4 5 6 7 -
C
2
T
3
Q
4
100
5
G
6
7
Current Rating (16 = 16A) C = Common Cathode T = TO-220 Q = Schottky Q Series Voltage Ratings G = Schottky Generation none = Standard Production PbF = Lead-Free Tube Standard Pack Quantity : 50 pieces 060 = 60V 080 = 80V 100 = 100V
16CTQ100 ******************************************** * SPICE Model Diode * ******************************************** .SUBCKT 16CTQ100 ANO CAT D1 ANO 1 DMOD (0.07089) *Define diode model .MODEL DMOD D(IS=21.21E-06,N=1.578,Rs=7.804E-03,Ikf=0.9497, Xti=2, Eg=1.11 + Cjo=1.278E-09, M=0.4736, Vj=0.4972, Fc=0.5, Isr =1.114e-21, Nr=4.755, + Bv=119.9, Ibv=215.5E-06, Tt=18.2E-09) ******************************************** .ENDS 16CTQ100 Thermal Model Subcircuit .SUBCKT 16CTQ100 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 1.45E+00 4.54E+00 1.09E+01 1.01E+02 2.49E+00 5.20E-04 5.43E-01 3.05E-02
.ENDS 16CTQ100
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/06
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 16CTQ100GPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X