Part Number Hot Search : 
SOC100X SCC21520 T6450A HER504 R5031018 2SA1037 75M12 2106A
Product Description
Full Text Search
 

To Download 10WQ045FNTRRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21086 rev. B 08/06
10WQ045FNPbF
SCHOTTKY RECTIFIER 10 Amp
IF(AV) = 10Amp VR = 45V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @10 Apk, TJ = 125C range
Description/ Features Units
A V A V C The 10WQ045FN surface mount Schottky rectifier has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Popular D-PAK outline Small foot print, surface moutable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
10 45 400 0.53 - 40 to 175
Case Styles
Base Cathode
4, 2
1
3
Anode
Anode
D-PAK (TO-252AA)
www.irf.com
1
10WQ045FNPbF
Bulletin PD-21086 rev. B 08/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
10WQ045FNPbF
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repet. Surge Current * See Fig. 7 Non-RepetitiveAvalancheEnergy Repetitive Avalanche Current 400 75 20 3.0 A mJ A 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
10WQ...
10
Units
A
Conditions
50% duty cycle @ TC = 157C, rectangular wave form
TJ = 25 C, IAS = 3.0 Amps, L = 4.40 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
10WQ...
0.630 0.800 0.530 0.710
Units
V V V V mA mA V
m
Conditions
@ 10A @ 20A @ 10A @ 20A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current * See Fig. 2 (1)
1 15 0.255 22 760 5.0
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Typical Junction Capacitance Typical Series Inductance
pF nH
V R = 5V DC (test signal range 100Khz to 1Mhz) 25 C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temp. Range (*) Max. Storage Temperature Range
10WQ...
- 40 to 175 - 40 to 175 2.0 50 0.3 (0.01) D - PAK
Units
C C C/W C/W g (oz.) DC operation
Conditions
RthJC Max. Thermal Resistance Junction to Case RthJA Max. Thermal Resistance Junction to Ambient wt Approximate Weight Case Style Marking Device
(*) dPtot dTj < 1 Rth( j-a)
* See Fig. 4
Similar to TO-252AA
10WQ045FN
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
10WQ045FNPbF
Bulletin PD-21086 rev. B 08/06
100
1000
T = 175C
100
Reverse Current (mA)
J
150C 125C 100C
10 1
75C
0.1 0.01
50C 25C
Instantaneous Forward Current - I F (A)
0.001 0.0001 0
10
T J = 175C T J = 125C
Junction Capacitance - C T (pF)
10
20
30
40
50
Reverse Voltage - VR (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
10000
T J = 25C
T J = 25C
1000
1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 Forward Voltage Drop - VFM (V) 2
100 0 10 20 30 40 50
Reverse Voltage - V R (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Fig. 1 - Maximum Forward Voltage Drop Characteristics
10
Thermal Impedance - Z thJC (C/W)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
0.1
Single Pulse (Thermal Resistance)
Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
10WQ045FNPbF
Bulletin PD-21086 rev. B 08/06
180
Allowable Case Temperature (C) Average Power Loss (Watts)
10 8 6
170
DC
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit
160
4
DC
150
Square wave (D = 0.50) 80% Rated Vr applied
2 0
see note (2)
140 0 2 4 6 8 10 12 14 16
Average Forward Current - I F(AV) (A) Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
0
3
6
9
12
15
Average Forward Current - I F(AV) (A) Fig. 6 - Forward Power Loss Characteristics
Non-Repetitive Surge Current - I
FSM
(A)
1000
100
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
10 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Maximum Non-Repetitive Surge Current
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
10WQ045FNPbF
Bulletin PD-21086 rev. B 08/06
Outline Table
Modified JEDEC outline TO-252AA Dimensions in millimeters and (inches)
Part Marking Information
THIS IS A 10WQ045FN INTERNATIONAL RECTIFIER LOT CODE 8024 LOGO ASSEMBLED ON WW 02, 2000 ASSEMBLY LOT CODE
PART NUMBER
10WQ045FN
DATE CODE P = LEAD-FREE YEAR 0 = 2000 WEEK 02 X = SITE ID
www.irf.com
5
10WQ045FNPbF
Bulletin PD-21086 rev. B 08/06
Tape & Reel Information
4.1 (0.16) 3.9 (0.15) TR 2.1 (0.83) 1.9 (0.07) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
6
www.irf.com
10WQ045FNPbF
Bulletin PD-21086 rev. B 08/06
Ordering Information Table
Device Code
10
1 1 2 3 4 5 6 -
W
2
Q 045 FN TRL PbF
3 4 5 6 7
Current Rating (10A) Package Identifier W = D-Pak Schottky "Q" Series Voltage Rating (045 = 45V) FN = TO-252AA (D-Pak) none = Tube (50 pieces) TR = Tape & Reel TRL = Tape & Reel (Left Oriented) TRR = Tape & Reel (Right Oriented)
7
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for AEC Q101 Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 10WQ045FNTRRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X