Part Number Hot Search : 
C124GC XR2206M MN101 PDF246 C33840 C4072D Z15L102 AD8574AR
Product Description
Full Text Search
 

To Download 10ETS12STRRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2206 12/04
SAFEIR Series 10ETS12SPbF
INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
VF < 1V @ 10A IFSM = 200A
Description/ Features
The 10ETS12SPbF rectifier SAFEIR series has been optimized for very low forward voltage drop, with moderate leakage. The glass passivation technology used has reliable operation up to 150C junction temperature. Typical applications are in input rectification and these products are designed to be used with International Rectifier Switches and Output Rectifiers which are available in identical package outlines.
VRRM = 1200V
Output Current in Typical Applications Applications
Capacitive input filter TA = 55C, TJ = 125C common heatsink of 1C/ W
Single-phase Bridge
12.0
Three-phase Bridge
16.0
Units
A
Major Ratings and Characteristics Characteristics
IF(AV) Sinusoidal waveform VRRM IFSM VF TJ @ 10 A, TJ = 25C
Package Outline Units
A V A V C
Values
10 1200 200 1.1 - 40 to 150
D2 Pak (SMD-220)
www.irf.com
1
10ETS12SPbF SAFEIR Series
Bulletin I2206 03/05
Voltage Ratings
VRRM , maximum Part Number peak reverse voltage V
1200
VRSM , maximum non repetitive peak reverse voltage V
1300
IRRM 150C mA
0.5
10ETS12SPbF
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM I2t Max. Peak One Cycle Non-Repetitive Surge Current Max. I2t for fusing
Values
10 170 200 130 145
Units
A A A2s A s
2
Conditions
@ TC = 105 C, 180 conduction half sine wave 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied 10ms Sine pulse, rated VRRM applied 10ms Sine pulse, no voltage reapplied t = 0.1 to 10ms, no voltage reapplied
I t
2
Max. I t for fusing
2
1450
Electrical Specifications
Parameters
VFM rt Max. Forward Voltage Drop Forward slope resistance
Values
1.1 20 0.82 0.05 0.50
Units
V m V mA
Conditions
@ 10A, TJ = 25C TJ = 150C TJ = 25 C TJ = 150 C
VF(TO) Threshold voltage IRM Max. Reverse Leakage Current
VR = rated VRRM
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
- 40 to 150 - 40 to 150 2.5 62 240 2 (0.07)
Units
C C C/W C/W C g (oz.)
Conditions
RthJC Max. Thermal Resistance Junction to Case RthJA Max. Thermal Resistance Junction to Ambient (PCB Mount)* Ts wt Soldering Temperature Approximate Weight Case Style Device Marking
2
DC operation
D2Pak (SMD-220) 10ETS12S
* When mounted on 1" square (650mm ) PCB of FR-4 or G-10 material 4 oz (140m) copper 40C/W For recommended footprint and soldering techniques refer to application note #AN-994
2
www.irf.com
10ETS12SPbF SAFEIR Series
Bulletin I2206 03/05
Maximum Allowable Case T emperature (C) 10ET .. S S eries R thJC (DC) = 2.5 C/ W
Maximum Allowable Case T emperature (C)
150 140 130
150 140 130
10ET .. S S eries R thJC (DC) = 2.5 C/ W
Conduction Angle
120 110 100 90 80
30 60 90 120 8 10
Conduction Period
120 110 100 90
30 60 90 120 10 180 12 14 DC 16 18
180 12
0
2
4
6
0
2
4
6
8
Average Forward Current (A)
Average Forward Current (A)
Fig. 1 - Current Rating Characteristics
Maximum Average Forward Power Loss (W) 16 14 12 10 R Limit MS 8 6 4 2 0 0 2 4 6 8 10 Average Forward Current (A)
Conduction Angle
Fig. 2 - Current Rating Characteristics
20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 R Limit MS
Conduction Period
180 120 90 60 30
Maximum Average Forward Power Los (W) s
DC 180 120 90 60 30
10ET .. S S eries TJ = 150C
10ET .. S S eries TJ = 150C 10 12 14 16
Average Forward Current (A)
Fig. 3 - Forward Power Loss Characteristics
Peak Half S ine Wave Forward Current (A)
Fig. 4 - Forward Power Loss Characteristics
240 220
Maximum Non R epetitive S urge Current Versus Pulse T rain Duration. Initial TJ = 150 C 200 No Voltage Reap plied R ated VRRM Reapplied 180
Peak Half S ine Wave Forward Current (A)
200 180 160 140 120 100 80 60 40 1
At Any Ra ted Load Condition And With Rated V RRM Ap plied Following S urge. Initial TJ = 150C
@60 Hz 0.0083 s @50 Hz 0.0100 s
160 140 120 100 80 60 40 0.01 10ET .. S S eries
10ET .. S S eries
10
100
0.1
Pulse T rain Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
3
10ETS12SPbF SAFEIR Series
Bulletin I2206 03/05
100 Instantaneous F orward Current (A) TJ= 25C
TJ= 150C
10
10ET .. S S eries
1
0
0.5
1
1.5
2
2.5
3
Instantaneous Forward Voltage (V)
Fig. 8 - Forward Voltage Drop Characteristics
T rans ient T rmal Impeda nc e Z thJC (C/ W) he 10 D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08 S teady S tate Value (DC Operation)
1
S ingle Pulse
10ET .. S S eries
0.1 0.0001
0.001
0.01
0.1
1
10
S quare Wave Pulse Duration (s )
Fig. 9 - Thermal Impedance ZthJC Characteristics
4
www.irf.com
10ETS12SPbF SAFEIR Series
Bulletin I2206 03/05
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
2.54 (0.10) 2X
Dimensions in millimeters and inches
Marking Information
THIS IS A 10ETS12S WITH LOT CODE 5K3A ASSEMBLED ON WW 12, 2000
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
10ETS12S
DATE CODE YEAR 0 = 2000 WEEK 12 P = LEAD-FREE
www.irf.com
5
10ETS12SPbF SAFEIR Series
Bulletin I2206 03/05
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIR ECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069)
24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
Dimensions in millimeters and inches
13.50 (0.532) 12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) DIA . MIN.
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and TRR.
6
www.irf.com
10ETS12SPbF SAFEIR Series
Bulletin I2206 03/05
Ordering Information Table
Device Code
10
1 1 2 3 4 5 6 7 -
E
2
T
3
S
4
12
5
S
6
TR
7
PbF
8
Current Rating (10 = 10A) Circuit Configuration E = Single Diode Package T = TO-220AC Type of Silicon S = Standard Recovery Rectifier Voltage Rating (12 = 1200V) S = TO-220 D2Pak (SMD-220) Version none = Tube TRL = Tape & Reel (Left Oriented) TRR = Tape & Reel (Right Oriented)
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/05
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 10ETS12STRRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X