Part Number Hot Search : 
NJM2373 A2012 AM979911 80C32 2SC2751 FQA19N60 HMC364 MSC8144E
Product Description
Full Text Search
 

To Download VN540SPTR-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VN540-E / VN540SP-E VN540-12-E
SINGLE HIGH SIDE SMART POWER SOLID STATE RELAY
General Features
Type VN540-E VN540SP-E VN540-12-E

Vdemag
RDSon
Iout
VCC
VCC-55V
50m
2.8A
36V
PENTAWATT(012Y)
PENTAWATT
OUTPUT CURRENT (CONTINUOUS) : 2.8A DIGITAL INPUT CLAMPED AT 32V PROTECTION AGAINST: - LOSS OF GROUND - SHORTED LOAD AND OVERTEMPERATURE BUILT-IN CURRENT LIMITER UNDERVOLTAGE SHUT-DOWN OPEN DRAIN DIAGNOSTIC OUTPUT FAST DEMAGNETIZATION OF INDUCTIVE LOADS
PowerSO-10TM
Description
The VN540-E, VN540SP-E, VN540-12-E are monolithic devices designed in STMicroelectronics VIPower technology, intended for driving resistive or inductive loads with one side connected to ground. Active current limitation avoids the system power supply dropping in case of shorted load. Built-in thermal shut-down protects the chip from overtemperature. The open drain diagnostic output indicates overtemperature conditions.

Block Diagram
November 2005
Rev 1 1/13
www.st.com 13
VN540-E / VN540SP-E / VN540-12-E
Table 1.
Symbol VCC -VCC IOUT IR IIN ISTAT VESD PTOT TJ TSTG EAS Power supply voltage Reverse supply voltage Maximum DC load current Reverse output current Input current Status pin current Electrostatic discharge (R = 1.5KW; C = 100pF) Power dissipation at Tc = 25C Junction operating temperature Storage Temperature Single pulse avalanche energy
Absolute Maximum Rating
Parameter Value 45 -4.0 Internally limited -10 10 10 2000 Internally limited Internally limited -55 to 150 500 Unit V V A A mA mA V w C C
Figure 1.
Connection Diagram (Top View)
Figure 2.
Current and Voltage Conventions
2/13
VN540-E / VN540SP-E / VN540-12-E
Table 2.
Symbol RthJC RthJA
Thermal data
Value Parameter PowerSO-10 Thermal resistance junction-case Thermal resistance junction-ambient Max Max 1.5 50 Pentawatt 2.0 60 C/W C/W Unit
Electrical Chracteristics (10V < V CC < 36V; -25C < TJ < 85C; unless otherwise specified)
Table 3.
Symbol VCC RON
Power Section
Parameter Supply voltage On state resistance IOUT = 2.8A; TJ = 25C IOUT = 2.8A; OFF state ON state; TJ = 125C IOUT = 0A Channel OFF VCC = 45V VCC = V IN = VGND = VSTAT = 24V TJ= - 25C < TJ < 100C Test Conditions Min. 10 Typ. Max. 36 50 90 1 3 Unit V m m mA mA
IS
Supply current
ILS ILGND VOL Vdemag
Output leakage current Output current at turn-off
100 2 1.5 VCC-65 VCC-55 VCC-45
mA V V
Low state output voltage VIN = VIL; RLOAD >= 10M Output voltage at turn-off IOUT = 2.8A; LLOAD >= 1mH
Table 4.
Symbol td(ON) tr td(OFF) tf dI/dt(on)
Switching
Parameter Turn-on delay on output current Rise time of output current Turn-off delay time of output current Fall time of Output current Test Conditions IOUT = 2.8A, Resistive Load Input rise time < 0.1s, VCC = 24V; TJ = 25C IOUT = 2.8A, Resistive Load Input rise time < 0.1s, VCC = 24V; TJ = 25C IOUT = 2.8A, Resistive Load Input rise time < 0.1s, VCC = 24V; TJ = 25C IOUT = 2.8A, Resistive Load Input rise time < 0.1s, VCC = 24V; TJ = 25C Min. Typ. 40 Max. Unit s s s s 0.5 2 2 4 /s /s
60
60
25
Turn-on current average IOUT = 2.8A, slope IOUT = ILIM; 25C < TJ < 140C Turn-off current average IOUT = 2.8A, slope IOUT = ILIM; 25C < TJ < 140C
dI/dt(off)
3/13
VN540-E / VN540SP-E / VN540-12-E
Table 5.
Symbol VIL VIH VI(HYST) IIN VICL
Logical Input
Parameter Input low level voltage Input high level voltage Input hysteresis voltage Input current I/O Input clamp voltage Note 1 VIN = 30V VIN = 2.0V IIN = 1mA IIN = -1mA 25 32 36 -0.7 3.5 0.5 300 Test Conditions Min. Typ. Max. 2.0 Unit V V V V V
Note: 1 The input voltage is internally clamped at 32V minimum, it is possible to connect the input pins to an higher voltage via an external resistor calculate to not exeed 10mA Table 6.
Symbol VSTAT VSCL(*) ISTAT VUSD ILIM IOVPK tSC TTSD TR
Protection and Diagnostic
Parameter Status output voltage Status clamp voltage Leakage on diagnostic pin in high state Undervoltage shut down DC Short circuit current Delay time of current limiter Thermal shut down temperature Thermal reset temperature 150 135 170 155 VCC = 24V; R LOAD < 10m Peak short circuit current VCC = 24V; V IN = 30; RLOAD < 10m Test Conditions ISTAT = 5mA ( Fault condition ) ISTAT = 1mA ISTAT = -1mA VSTAT = 5V 5.0 2.8 5.0 32 36 -0.7 10 8.0 8.0 4 100 Min. Typ. Max. 1 Unit V V V V A A s C C
(*)Status determination > 100ms after the switching edge.
Figure 3.
Switching Characteristics
4/13
VN540-E / VN540SP-E / VN540-12-E
Table 7. Truth Table
INPUT Normal operation Overtemperature Undervoltage Shorted load ( Current limitation ) L H L H L H L H OUTPUT L H L L L L L H STATUS H H H L H H H H
Figure 4.
Peak Short Test Circuit
5/13
VN540-E / VN540SP-E / VN540-12-E
Figure 5. Switching Waveforms
Figure 6.
ILGND Test Configuration
IN
6/13
VN540-E / VN540SP-E / VN540-12-E
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
7/13
VN540-E / VN540SP-E / VN540-12-E
8/13
VN540-E / VN540SP-E / VN540-12-E
9/13
VN540-E / VN540SP-E / VN540-12-E
10/13
VN540-E / VN540SP-E / VN540-12-E
Table 8. Order Codes
Package PowerSO-10TM PENTAWATT vertical PENTAWATT straight Tube VN540SP-E VN540-E VN540-12-E Tape and Reel VN540SPTR-E
11/13
VN540-E / VN540SP-E / VN540-12-E
Table 9. Revision History
Date 2-Nov-2005 Revision 1 Changes Initial release
12/13
VN540-E / VN540SP-E / VN540-12-E
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of VN540SPTR-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X