Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download TSM4426CSRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSM4426
20V Dual N-Channel MOSFET
PRODUCT SUMMARY VDS (V) RDS(on)(m)
20 25 @ VGS = 4.5V 35 @ VGS = 2.5V
SOP-8
Pin Definition: 1. Source 2. Source 3. Source 4. Gate 5, 6, 7, 8. Drain
ID (A)
8.0 6.0
Features
Advance Trench Process Technology High Density Cell Design for Ultra Low On-resistance
Block Diagram
Application
Specially Designed for Li-on Battery Packs Battery Switch Application
Ordering Information
Part No.
TSM4426CS RL
Package
SOP-8
Packing
2.5Kpcs / 13" Reel N-Channel MOSFET
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Continuous Source Current (Diode Conduction) Maximum Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range
a,b o o
Symbol
VDS VGS ID IDM IS PD TJ TJ, TSTG Ta = 25 C Ta = 75 C
Limit
20 12 8 30 1.7 1.6 1.1 +150 -55 to +150
Unit
V V A A A W
o o
C C
Thermal Performance
Parameter
Junction to Case Thermal Resistance Junction to Ambient Thermal Resistance (PCB mounted) Notes: a. Pulse width limited by the Maximum junction temperature b. Surface Mounted on FR4 Board, t 5 sec.
Symbol
RJC RJA
Limit
40 77
Unit
o o
C/W C/W
1/6
Version: A07
TSM4426
20V Dual N-Channel MOSFET
Electrical Specifications
Parameter
Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate Body Leakage Zero Gate Voltage Drain Current On-State Drain Current Drain-Source On-State Resistance Forward Transconductance Diode Forward Voltage Dynamic
b
Conditions
VGS = 0V, ID = 250uA VDS = VGS, ID = 250uA VGS = 12V, VDS = 0V VDS = 20V, VGS = 0V VDS =5V, VGS = 4.5V VGS = 4.5V, ID = 8.0A VGS = 2.5V, ID = 6.0A VDS = 10V, ID = 6A IS = 1.7A, VGS = 0V
Symbol
BVDSS VGS(TH) IGSS IDSS ID(ON) RDS(ON) gfs VSD Qg Qgs Qgd Ciss Coss Crss td(on) tr td(off)
Min
20 0.6 --30 -----
Typ
-----19 25 30 0.7
Max
--100 1.0 -25 35 -1.2
Unit
V V nA uA A m S V
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching
c
VDS = 10V, ID = 8A, VGS = 4.5V VDS = 8V, VGS = 0V, f = 1.0MHz
-----------
4.86 0.92 1.4 562 106 75
8.1 9.95 21.85 5.35
-----------
nC
pF
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time
VDD = 10V, RL = 10, ID = 1A, VGEN = 4.5V,
nS
RG = 6 Turn-Off Fall Time tf Notes: a. pulse test: PW 300S, duty cycle 2% b. For DESIGN AID ONLY, not subject to production testing. b. Switching time is essentially independent of operating temperature.
2/6
Version: A07
TSM4426
20V Dual N-Channel MOSFET
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Output Characteristics Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
3/6
Version: A07
TSM4426
20V Dual N-Channel MOSFET
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
On-Resistance vs. Gate-Source Voltage Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
4/6
Version: A07
TSM4426
20V Dual N-Channel MOSFET
SOP-8 Mechanical Drawing
DIM A B C D F G K M P R
SOP-8 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX. 4.80 5.00 0.189 0.196 3.80 4.00 0.150 0.157 1.35 1.75 0.054 0.068 0.35 0.49 0.014 0.019 0.40 1.25 0.016 0.049 1.27BSC 0.05BSC 0.10 0.25 0.004 0.009 0 7 0 7 5.80 6.20 0.229 0.244 0.25 0.50 0.010 0.019
5/6
Version: A07
TSM4426
20V Dual N-Channel MOSFET
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
6/6
Version: A07


▲Up To Search▲   

 
Price & Availability of TSM4426CSRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X