Part Number Hot Search : 
DAC08CN G0838 1001S 160250 DNA100 3502M MMAD1103 MC30A
Product Description
Full Text Search
 

To Download TSM2N6007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSM2N60
600V N-Channel Power MOSFET
TO-220 TO-251 (IPAK) TO-252 (DPAK)
Pin Definition: 1. Gate 2. Drain 3. Source
PRODUCT SUMMARY VDS (V)
600
RDS(on)()
4.4 @ VGS =10V
ID (A)
1
General Description
The TSM2N60 is used an advanced termination scheme to provide enhanced voltage-blocking capability without degrading performance over time. In addition, this advanced MOSFET is designed to withstand high energy in avalanche and commutation modes. The new energy efficient design also offers a drain- to-source diode with a fast recovery time. Designed for high voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional and safety margin against unexpected voltage transients.
Features
Robust high voltage termination Avalanche energy specified Diode is characterized for use in bridge circuits Source to Drain diode recovery time comparable to a discrete fast recovery diode.
Block Diagram
Ordering Information
Part No.
TSM2N60CP RO TSM2N60CH C5 TSM2N60CZ C0
Package
TO-252 TO-251 TO-220
Packing
2.5Kpcs/ 13" Reel 80pcs / Tube 50pcs / Tube
N-Channel MOSFET
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Continuous Source Current (Diode Conduction)
a,b
Symbol
VDS VGS ID IDM IS EAS PD TJ TJ, TSTG
Limit
600 30 2 9 1 20 2.5 54 +150 -55 to +150
Unit
V V A A A mJ W
o o
Single Pulse Drain to Source Avalanche Energy (VDD = 100V, VGS=10V, IAS=2A, L=10mH, RG=25) Maximum Power Dissipation @Ta = 25 C Operating Junction Temperature Operating Junction and Storage Temperature Range
o
TO-251 / TO-252 TO-220
C C
1/8
Version: A07
TSM2N60
600V N-Channel Power MOSFET
Thermal Performance
Parameter
TO-251 / TO-252 Thermal Resistance - Junction to Case TO-220 TO-251 / TO-252 Thermal Resistance - Junction to Ambient TO-220 Notes: Surface mounted on FR4 board t 10sec
Symbol
RJC RJA
Limit
2.87 2.32 110 62.5
Unit
o
C/W C/W
o
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter Conditions Symbol Min
600 -2.0 ---------------
Typ
-----5 -13 2 6 435 56 9.2 12 21 30 24
Max
-4.4 4.0 10 100 -1.6 22 ----------
Unit
V V uA nA S V
Static Drain-Source Breakdown Voltage VGS = 0V, ID = 250uA BVDSS Drain-Source On-State Resistance VGS = 10V, ID = 1A RDS(ON) Gate Threshold Voltage VDS = VGS, ID = 250uA VGS(TH) Zero Gate Voltage Drain Current VDS = 600V, VGS = 0V IDSS Gate Body Leakage VGS = 20V, VDS = 0V IGSS Forward Transconductance VDS = 40V, ID = 1A gfs Diode Forward Voltage IS = 2A, VGS = 0V VSD b Dynamic Total Gate Charge Qg VDS = 400V, ID = 2A, Gate-Source Charge Qgs VGS = 10V Gate-Drain Charge Qgd Input Capacitance Ciss VDS = 25V, VGS = 0V, Output Capacitance Coss f = 1.0MHz Reverse Transfer Capacitance Crss c Switching Turn-On Delay Time td(on) VGS = 10V, ID = 2A, Turn-On Rise Time tr VDD = 300V, RG = 18 Turn-Off Delay Time td(off) Turn-Off Fall Time tf Notes: a. Pulse test: pulse width <=300uS, duty cycle <=2% b. For design reference only, not subject to production testing. c. Switching time is essentially independent of operating temperature.
nC
pF
nS
2/8
Version: A07
TSM2N60
600V N-Channel Power MOSFET
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Output Characteristics Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
3/8
Version: A07
TSM2N60
600V N-Channel Power MOSFET
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
On-Resistance vs. Gate-Source Voltage Threshold Voltage
Maximum Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
4/8
Version: A07
TSM2N60
600V N-Channel Power MOSFET
SOT-252 Mechanical Drawing
DIM A A1 B C D E F G G1 G2 H I J K L M
TO-252 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 2.3BSC 0.09BSC 4.6BSC 0.18BSC 6.80 7.20 0.268 0.283 5.40 5.60 0.213 0.220 6.40 6.65 0.252 0.262 2.20 2.40 0.087 0.094 0.00 0.20 0.000 0.008 5.20 5.40 0.205 0.213 0.75 0.85 0.030 0.033 0.55 0.65 0.022 0.026 0.35 0.65 0.014 0.026 0.90 1.50 0.035 0.059 2.20 2.80 0.087 0.110 0.50 1.10 0.020 0.043 0.90 1.50 0.035 0.059 1.30 1.70 0.051 0.67
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code
5/8
Version: A07
TSM2N60
600V N-Channel Power MOSFET
SOT-251 Mechanical Drawing
DIM A A1 b C D D1 E E1 e F L L1
TO-251 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 2.20 2.40 0.087 0.094 1.10 1.30 0.043 0.051 0.55 0.75 0.022 0.030 0.48 0.58 0.019 0.023 6.50 7.00 0.256 0.276 5.50 5.70 0.217 0.224 6.40 6.60 0.252 0.260 5.20 5.40 0.205 0.213 2.25 2.35 0.089 0.093 0.48 0.58 0.019 0.023 7.80 8.20 0.307 0.323 1.00 1.30 0.039 0.051
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code
6/8
Version: A07
TSM2N60
600V N-Channel Power MOSFET
TO-220 Mechanical Drawing
DIM A B C D E F G H J K L M N O P
TO-220 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.000 10.500 0.394 0.413 3.740 3.910 0.147 0.154 2.440 2.940 0.096 0.116 6.350 0.250 0.381 1.106 0.015 0.040 2.345 2.715 0.092 0.058 4.690 5.430 0.092 0.107 12.700 14.732 0.500 0.581 14.224 16.510 0.560 0.650 3.556 4.826 0.140 0.190 0.508 1.397 0.020 0.055 27.700 29.620 1.060 1.230 2.032 2.921 0.080 0.115 0.255 0.610 0.010 0.024 5.842 6.858 0.230 0.270
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code
7/8
Version: A07
TSM2N60
600V N-Channel Power MOSFET
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
8/8
Version: A07


▲Up To Search▲   

 
Price & Availability of TSM2N6007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X