Part Number Hot Search : 
BF214 HFM308 A105ERU 90HBW02T D41ADR UDN2540B STP3N100 MA3X557
Product Description
Full Text Search
 

To Download TSD88207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSD882
Low Vcesat NPN Transistor
TO-126
Pin Definition: 1. Emitter 2. Collector 3. Base
PRODUCT SUMMARY
BVCBO BVCEO IC VCE(SAT) 50V 50V 3A 0.5V @ IC / IB = 2A / 200mA
Features
Low VCE(SAT) 0.25 @ IC / IB = 2A / 200mA (Typ.) Complementary part with TSB772
Ordering Information
Part No.
TSD882CK B0
Package
TO-126
Packing
1Kpcs / Bulk
Structure
Epitaxial Planar Type NPN Silicon Transistor
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation DC Pulse SOT-89 TO-92
Symbol
VCBO VCEO VEBO IC PD TJ TSTG
Limit
50 50 5 3 7 (note) 0.75 0.625 +150 - 55 to +150
Unit
V V V A W
o o
Operating Junction Temperature Operating Junction and Storage Temperature Range Note: Single pulse, Pw350us, Duty2%
C C
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Transfer Ratio
Conditions
IC = 50uA, IE = 0 IC = 1mA, IB = 0 IE = 50uA, IC = 0 VCB = 50V, IE = 0 VEB = 3V, IC = 0 IC / IB = 2A / 200mA IC / IB = 2A / 200mA
Symbol
BVCBO BVCEO BVEBO ICBO IEBO *VCE(SAT) *VBE(SAT) *hFE fT Cob
Min
60 50 5 ----100 ---
Typ
-----0.25 --90 45
Max
---1 1 0.5 2 500 ---
Unit
V V V uA uA V V
VCE = 2V, IC = 1A VCE =6V, IC=50mA, Transition Frequency f=100MHz Output Capacitance VCB = 10V, f=1MHz * Pulse Test: Pulse Width 380uS, Duty Cycle2%
MHz pF
1/4
Version: A07
TSD882
Low Vcesat NPN Transistor
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Figure 1. DC Current Gain Figure 2. VCE(SAT) v.s. Ic
Figure 3. VBE(SAT) v.s. Ic
Figure 4. Power Derating Curve
2/4
Version: A07
TSD882
Low Vcesat NPN Transistor
TO-126 Mechanical Drawing
DIM 1 2 3 4 A B C D E F G H I J K L M
TO-126 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 3C -3C -3C 3C --3C 3C --3C 3C --0.150 0.153 3.81 3.91 0.275 0.279 6.99 7.09 0.531 0.610 13.50 15.50 0.285 0.303 7.52 7.72 0.034 0.041 0.95 1.05 0.028 0.031 0.71 0.81 0.048 0.052 1.22 1.32 0.170 0.189 4.34 4.80 0.095 0.105 2.41 2.66 0.045 0.055 1.14 1.39 0.045 0.055 1.14 1.39 -0.021 -0.55 0.137 0.152 3.50 3.86
3/4
Version: A07
TSD882
Low Vcesat NPN Transistor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
4/4
Version: A07


▲Up To Search▲   

 
Price & Availability of TSD88207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X