Part Number Hot Search : 
PST9346U AD9888 P6005G P6005G JANTX2N EPC1064V TP1101 MAB8040
Product Description
Full Text Search
 

To Download TSD2150ACY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSD2150A
Low Vcesat NPN Transistor
SOT-89
Pin Definition: 1. Base 2. Collector 3. Emitter
PRODUCT SUMMARY
BVCBO BVCEO IC VCE(SAT) 80V 50V 3A 0.5V @ IC / IB = 2A / 200mA
Features
Low VCE(SAT) 0.1 @ IC / IB = 1A / 50mA (Typ.) Complementary part with TSB1424A
Ordering Information
Part No.
TSD2150ACY RM
Package
SOT-89
Packing
1Kpcs / 7" Reel
Structure
Epitaxial Planar Type NPN Silicon Transistor
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Note: 1. Single pulse, Pw=10ms, Duty50% 2. When mounted on a 40 x 50 x 0.7mm ceramic board. DC Pulse
Symbol
VCBO VCEO VEBO IC PD TJ TSTG
Limit
80 50 6 3 6 (note1) 0.6 2 (note 2) +150 - 55 to +150
Unit
V V V A W
o o
C C
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Transfer Ratio
Conditions
IC = 50uA, IE = 0 IC = 1mA, IB = 0 IE = 50uA, IC = 0 VCB = 60V, IE = 0 VEB = 3V, IC = 0 IC / IB = 1A / 50mA IC / IB = 2A / 200mA IC / IB = 2A / 200mA VCE = 2V, IC = 100mA VCE = 2V, IC = 500mA
Symbol
BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT) VCE(SAT) VBE(SAT) hFE 1 hFE 2 hFE 3 fT Cob
Min
80 50 6 -----180 200 150 ---
Typ
-----0.1 0.25 ----90 45
Max
---0.1 0.1 0.25 0.5 2 -400 ----
Unit
V V V uA uA V V
VCE = 2V, IC = 1A VCE =5V, IE=0.1A, Transition Frequency f=100MHz Output Capacitance VCB = 10V, f=1MHz Note: Pulse test: pulse width 380uS, Duty cycle2%
MHz pF
1/4
Version: A07
TSD2150A
Low Vcesat NPN Transistor
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Figure 1. DC Current Gain Figure 2. VCE(SAT) v.s. Ic
Figure 3. VBE(SAT) v.s. Ic
Figure 4. Power Derating Curve
2/4
Version: A07
TSD2150A
Low Vcesat NPN Transistor
SOT-89 Mechanical Drawing
DIM A B C D E F G H I J
SOT-89 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 4.40 4.60 0.173 0.181 1.50 1.7 0.059 0.070 2.30 2.60 0.090 0.102 0.40 0.52 0.016 0.020 1.50 1.50 0.059 0.059 3.00 3.00 0.118 0.118 0.89 1.20 0.035 0.047 4.05 4.25 0.159 0.167 1.4 1.6 0.055 0.068 0.35 0.44 0.014 0.017
3/4
Version: A07
TSD2150A
Low Vcesat NPN Transistor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
4/4
Version: A07


▲Up To Search▲   

 
Price & Availability of TSD2150ACY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X