Part Number Hot Search : 
L9637D TIP105 HCT00 MNR4G LY5469FO 506MF 16DPGW5B ON2221
Product Description
Full Text Search
 

To Download TSD2118CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSD2118
Low Vcesat NPN Transistor
TO-252 (DPAK)
Pin Definition: 1. Base 2. Collector 3. Emitter
PRODUCT SUMMARY
BVCBO BVCEO IC VCE(SAT) 50V 20V 5A 1V @ IC / IB = 4A / 100mA
Features
Low VCE(SAT) -0.35 @ IC / IB = 4A / 100mA (Typ.) Complementary part with TSB1412
Ordering Information
Part No.
TSD2118CP RO
Package
TO-252
Packing
2.5Kpcs / 13" Reel
Structure
Epitaxial Planar Type NPN Silicon Transistor
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Note: 1. Single pulse, Pw380us, Duty2% 2. When mounted on a 40 x 40 x 0.7mm ceramic board. DC Pulse Ta=25C Tc=25C
Symbol
VCBO VCEO VEBO IC PD TJ TSTG
Limit
50 20 6 5 10 (note 1) 1 (note 2) 10 +150 - 55 to +150
Unit
V V V A W
o o
C C
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio
Conditions
IC = 50uA, IE = 0 IC = 1mA, IB = 0 IE = 50uA, IC = 0 VCB = 40V, IE = 0 VEB = 5V, IC = 0 IC / IB = 4A / 100mA
Symbol
BVCBO BVCEO BVEBO ICBO IEBO *VCE(SAT) *hFE fT Cob
Min
50 20 6 ---120 ---
Typ
-----0.35 -150 35
Max
---0.5 0.5 1 560 ---
Unit
V V V uA uA V
VCE = 2V, IC = 500mA VCE =6V, IC=50mA, Transition Frequency f=100MHz Output Capacitance VCB = 20V, f=1MHz * Pulse Test: Pulse Width 380uS, Duty Cycle2%
MHz pF
1/4
Version: A07
TSD2118
Low Vcesat NPN Transistor
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Figure 1. DC Current Gain Figure 2. VCE(SAT) v.s. Ic
Figure 3. VBE(SAT) v.s. Ic
Figure 4. Power Derating Curve
2/4
Version: A07
TSD2118
Low Vcesat NPN Transistor
TO-252 Mechanical Drawing
TO-252 DIMENSION DIM A A1 B C D E F G G1 G2 H I J K L M MILLIMETERS MIN MAX 2.3BSC 4.6BSC 6.80 5.40 6.40 2.20 0.00 5.20 0.75 0.55 0.35 0.90 2.20 0.50 0.90 1.30 7.20 5.60 6.65 2.40 0.20 5.40 0.85 0.65 0.65 1.50 2.80 1.10 1.50 1.70 INCHES MIN MAX 0.09BSC 0.18BSC 0.268 0.213 0.252 0.087 0.000 0.205 0.030 0.022 0.014 0.035 0.087 0.020 0.035 0.051 0.283 0.220 0.262 0.094 0.008 0.213 0.033 0.026 0.026 0.059 0.110 0.043 0.059 0.67
3/4
Version: A07
TSD2118
Low Vcesat NPN Transistor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
4/4
Version: A07


▲Up To Search▲   

 
Price & Availability of TSD2118CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X