Part Number Hot Search : 
10005 MMBT2222 2EC102 ISL6251 NCE2007N 10005 SH123 3KBP10M
Product Description
Full Text Search
 

To Download TS78CI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
TO-220 ITO-220 TO-263 2 (D PAK)
Pin Definition: 1. Input 2. Ground (tab) 3. Output
General Description
These voltage regulators are monolithic integrated circuits designed as fixed-voltage regulators for a wide variety of applications including local, on-card regulation. These regulators employ internal current limiting, thermal shutdown, and safe-area compensation. With adequate heatsink they can deliver output currents up to 1 ampere. Although designed primarily as a fixed voltage regulator, these devices can be used with external components to obtain adjustable voltages and currents. This series is offered in 3-pin TO-220, ITO-220 & TO-263 package.
Features
Output Voltage Range 5 to 24V Output current up to 1A No external components required Internal thermal overload protection Internal short-circuit current limiting Output transistor safe-area compensation
Standard Application Circuit
Output voltage offered in 4% tolerance Ordering Information
Part No.
TS78xxCZ C0 TS78xxCI C0 TS78xxCM RN
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0V above the output voltage even during the low point on the Input ripple voltage. XX = these two digits of the type number indicate voltage. * = Cin is required if regulator is located an appreciable distance from power supply filter. ** = Co is not needed for stability; however, it does improve transient response.
Package
TO-220 ITO-220 TO-263
Packing
50pcs / Tube 50pcs / Tube 800pcs / 13" Reel
Note: Where xx denote voltage option
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Input Voltage Input Voltage Power Dissipation Operating Junction Temperature Storage Temperature Range Note: * TS7805 to TS7818 ** TS7824 *** Follow the derating curve
Symbol
VIN* VIN** PD TJ TSTG
Limit
35 40 Internal Limited 0~+125 -65~+150
Unit
V V W
o o
C C
1/12
Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
TS7805 Electrical Characteristics
(Vin=10V, Iout=500mA, 0 CTj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Resistance Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage
o
Symbol
o
Test Condition
Tj=25 C 7.5VVin20V, 10mAIout1A, PD15W o Tj=25 7.5VVin25V C 8VVin12V o Tj=25 10mAIout1A C 250mAIout750mA o Iout=0, Tj=25 C 7.5VVin25V 10mAIout1A o 10Hzf100KHz, Tj=25 C f=120Hz, 8VVin18V o Iout=1.0A, Tj=25 C f=1KHz o Tj=25 C o Tj=25 C Iout=10mA, 0 CTj125 C
o o
Min
4.80 4.75 --------62 ------
Typ
5 5 3 1 15 5 4.2 --40 78 2 17 750 2.2 -0.6
Max
5.20 5.25 100 50 100 50 8 1.3 0.5 --------
Unit
V
Vout REGline REGload Iq Iq Vn RR Vdrop Rout Ios Io peak Vout/ Tj
mV
mA V dB V m mA A mV/ C
o
TS7806 Electrical Characteristics
(Vin=11V, Iout=500mA, 0 CTj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o
Parameter
Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change
Symbol
o
Test Condition
Tj=25 C 8.5VVin21V, 10mAIout1A, PD15W o Tj=25 8.5VVin25V C 9VVin13V o Tj=25 10mAIout1A C 250mAIout750mA o Iout=0, Tj=25 C 8.5VVin25V 10mAIout1A o 10Hzf100KHz, Tj=25 C f=120Hz, 9VVin19V o Iout=1.0A, Tj=25 C f=1KHz o Tj=25 C o Tj=25 C
Min
5.75 5.7 --------59 -----
Typ
6 6 5 1.5 14 4 4.3 --45 75 2 19 550 2.2
Max
6.25 6.3 120 60 120 60 8 1.3 0.5 -------
Unit
V
Vout REGline REGload Iq Iq
mV
mA
Output Noise Voltage Vn uV Ripple Rejection Ratio RR dB Voltage Drop Vdrop V Output Resistance Rout m Output Short Circuit Current Ios mA Peak Output Current Io peak A Temperature Coefficient of o o o Vout/ Tj Iout=10mA, 0 CTj125 C --0.7 -mV/ C Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. 2/12 Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
TS7808 Electrical Characteristics
Vin=14V, Iout=500mA, 0 CTj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Resistance Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage
o
Symbol
o
Test Condition
Tj=25 C 10.5VVin23V, 10mAIout1A, PD15W 10.5VVin25V o Tj=25 C 11VVin17V 10mAIout1A o Tj=25 C 250mAIout750mA o Iout=0, Tj=25 C 10.5VVin25V 10mAIout1A o 10Hzf100KHz, Tj=25 C f=120Hz, 11VVin21V o Iout=1.0A, Tj=25 C f=1KHz o Tj=25 C o Tj=25 C Iout=10mA, 0 CTj125 C
o o
Min
7.69 7.61 --------56 ------
Typ
8 8 6 2 12 4 4.3 --52 72 2 16 450 2.2 -0.8
Max
8.32 8.40 160 80 160 80 8 1 0.5 --------
Unit
V
Vout REGline REGload Iq Iq Vn RR Vdrop Rout Ios Io peak Vout/ Tj
mV
mA V dB V m mA A mV/ C
o
TS7809 Electrical Characteristics
(Vin=15V, Iout=500mA, 0 CTj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o
Parameter
Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change
Symbol
o
Test Condition
Tj=25 C 11.5VVin23V, 10mAIout1A, PD15W 11.5VVin26V o Tj=25 C 12VVin17V 10mAIout1A o Tj=25 C 250mAIout750mA o Iout=0, Tj=25 C 11.5VVin26V 10mAIout1A o 10Hzf100KHz, Tj=25 C f=120Hz, 12VVin22V o Iout=1.0A, Tj=25 C f=1KHz o Tj=25 C o Tj=25 C
Min
8.65 8.57 --------55 -----
Typ
9 9 6 2 12 4 4.3 --52 72 2 16 450 2.2
Max
9.36 9.45 180 90 180 90 8 1 0.5 -------
Unit
V
Vout REGline REGload Iq Iq
mV
mA
Output Noise Voltage Vn uV Ripple Rejection Ratio RR dB Voltage Drop Vdrop V Output Resistance Rout m Output Short Circuit Current Ios mA Peak Output Current Io peak A Temperature Coefficient of o o o Vout/ Tj Iout=10mA, 0 CTj125 C --1 -mV/ C Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. 3/12 Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
TS7810 Electrical Characteristics
Vin=16V, Iout=500mA, 0 CTj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Resistance Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage
o
Symbol
o
Test Condition
Tj=25 C 12.5VVin25V, 10mAIout1A, PD15W 12.5VVin28V o Tj=25 C 13VVin17V 10mAIout1A o Tj=25 C 250mAIout750mA o Iout=0, Tj=25 C 12.5VVin28V 10mAIout1A o 10Hzf100KHz, Tj=25 C f=120Hz, 13VVin23V o Iout=1.0A, Tj=25 C f=1KHz o Tj=25 C o Tj=25 C Iout=10mA, 0 CTj125 C
o o
Min
9.6 9.5 --------55 ------
Typ
10 10 7 2 12 4 4.3 --70 71 2 18 400 2.2 -1
Max
10.4 10.5 200 100 200 100 8 1 0.5 --------
Unit
V
Vout REGline REGload Iq Iq Vn RR Vdrop Rout Ios Io peak Vout/ Tj
mV
mA V dB V m mA A mV/ C
o
TS7812 Electrical Characteristics
(Vin=19V, Iout=500mA, 0 CTj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o
Parameter
Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change
Symbol
o
Test Condition
Tj=25 C 14.5VVin27V, 10mAIout1A, PD 15W 14.5VVin30V o Tj=25 C 15VVin19V 10mAIout1A o Tj=25 C 250mAIout750mA o Tj=25 C, Iout=0 14.5VVin30V 10mAIout1A o 10Hzf100KHz, Tj=25 C f=120Hz, 15VVin25V o Iout=1.0A, Tj=25 C f=1KHz o Tj=25 C o Tj=25 C
Min
11.53 11.42 --------55 -----
Typ
12 12 10 3 12 4 4.3 --75 71 2 18 350 2.2
Max
12.48 12.60 240 120 240 120 8 1 0.5 -------
Unit
V
Vout REGline REGload Iq Iq
mV
mA
Output Noise Voltage Vn uV Ripple Rejection Ratio RR dB Voltage Drop Vdrop V Output Resistance Rout m Output Short Circuit Current Ios mA Peak Output Current Io peak A Temperature Coefficient of o o o Vout/ Tj Iout=10mA, 0 CTj125 C --1 -mV/ C Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. 4/12 Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
TS7815 Electrical Characteristics
Vin=23V, Iout=500mA, 0 CTj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Resistance Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage
o
Symbol
o
Test Condition
Tj=25 C 17.5VVin30V, 10mAIout1A, PD 15W 17.5VVin30V o Tj=25 C 18VVin22V 10mAIout1A o Tj=25 C 250mAIout750mA o Tj=25 C, Iout=0 17.5VVin30V 10mAIout1A o 10Hzf100KHz, Tj=25 C f=120Hz, 18VVin28V o Iout=1.0A, Tj=25 C f=1KHz o Tj=25 C o Tj=25 C Iout=10mA, 0 CTj125 C
o o
Min
14.42 14.28 --------54 ------
Typ
15 15 12 3 12 4 4.3 --90 70 2 19 230 2.2 -1
Max
15.60 15.75 300 150 300 150 8 1 0.5 --------
Unit
V
Vout REGline REGload Iq Iq Vn RR Vdrop Rout Ios Io peak Vout/ Tj
mV
mA V dB V m mA A mV/ C
o
TS7818 Electrical Characteristics
(Vin=24V, Iout=500mA, 0 CTj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o
Parameter
Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change
Symbol
o
Test Condition
Tj=25 C 21VVin33V, 10mAIout1A, PD 15W 21VVin33V o Tj=25 C 22VVin26V 10mAIout1A o Tj=25 C 250mAIout750mA o Tj=25 C, Iout=0 21VVin33V 10mAIout1A o 10Hzf100KHz, Tj=25 C f=120Hz, 21VVin31V o Iout=1.0A, Tj=25 C f=1KHz o Tj=25 C o Tj=25 C
Min
17.30 17.14 --------54 -----
Typ
18 18 15 5 12 4 4.5 --110 70 2 22 200 2.2
Max
18.72 18.90 360 180 360 180 8 1 0.5 -------
Unit
V
Vout REGline REGload Iq Iq
mV
mA
Output Noise Voltage Vn uV Ripple Rejection Ratio RR dB Voltage Drop Vdrop V Output Resistance Rout m Output Short Circuit Current Ios mA Peak Output Current Io peak A Temperature Coefficient of o o o Vout/ Tj Iout=10mA, 0 CTj125 C --1 -mV/ C Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
5/12
Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
TS7824 Electrical Characteristics
Vin=33V, Iout=500mA, 0 CTj125 C, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
o o
Parameter
Output voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change
Symbol
o
Test Condition
Tj=25 C 27VVin38V, 10mAIout1A, PD 15W 27VVin38V o Tj=25 C 28VVin32V 10mAIout1A o Tj=25 C 250mAIout750mA o Iout=0, Tj=25 C 27VVin38V 10mAIout1A o 10Hzf100KHz, Tj=25 C f=120Hz, 27VVin37V o Iout=1.0A, Tj=25 C f=1KHz o Tj=25 C o Tj=25 C
Min
23.07 22.85 --------54 -----
Typ
24 24 18 6 12 4 4.6 --170 70 2 28 150 2.2
Max
24.96 25.20 480 240 480 240 8 1 0.5 -------
Unit
V
Vout REGline REGload Iq Iq
mV
mA
Output Noise Voltage Vn V Ripple Rejection Ratio RR dB Voltage Drop Vdrop V Output Resistance Rout m Output Short Circuit Current Ios mA Peak Output Current Io peak A Temperature Coefficient of o o o Vout/ Tj Iout=10mA, 0 CTj125 C --1.5 -mV/ C Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
6/12
Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
Electrical Characteristics Curve
Figure 1. Peak Output Current as a Function of Input-Output Differential Voltage
Figure 2. Ripple Rejection as a Function of Output Voltage
Figure 3. Ripple Rejection as a Function of Frequency
Figure 4. Output Voltage as a Function of Junction Temperature
Figure 5. Output Impedance as a Function of Output Voltage
Figure 6. Quiescent Current as a Function of Temperature
7/12
Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
Application Information
Figure 7. D PAK Thermal Resistance and Maximum Power Dissipation vs. P.C.B Copper Length
2
8/12
Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
TO-220 Mechanical Drawing
DIM A B C D E F G H I J K L M N O P
TO-220 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.000 10.500 0.394 0.413
3.740 3.910 0.147 0.154
2.440 0.381 2.345 4.690 12.700 8.382 14.224 3.556 0.508 27.700 2.032 0.255 5.842
2.940 6.350 1.106 2.715 5.430 14.732 9.017 16.510 4.826 1.397 29.620 2.921 0.610 6.858
0.096 0.015 0.092 0.092 0.500 0.330 0.560 0.140 0.020 1.060 0.080 0.010 0.230
0.116 0.250 0.040 0.058 0.107 0.581 0.355 0.650 0.190 0.055 1.230 0.115 0.024 0.270
Marking Diagram
XX Y M = Output Voltage (05=5V, 06=6V, 08=8V, 09=9V, 10=10V, 12=12V, 15=15V, 18=18V, 24=24V) = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code = Package Code for TO-220
L CZ
9/12
Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
ITO-220 Mechanical Drawing
DIM A B C D E F G H I J K L M N O
ITO-220 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 9.96 10.36 0.392 0.407 6.20 (typ.) 0.244 (typ.) 2.20 (typ.) 0.087 (typ.) 1.40 (typ.) 0.055 (typ.) 15.07 16.07 0.593 0.632 0.80 (typ.) 0.031 (typ.) 2.44 2.64 0.096 0.104 13.08 13.48 0.514 0.530 1.47 (max.) 0.057 (max.) 3.20 3.40 0.125 0.133 4.60 4.80 0.181 0.188 1.15 (typ.) 0.045 (typ.) 2.44 2.64 0.096 0.104 2.60 2.80 0.102 0.110 6.55 6.65 0.258 0.262
Marking Diagram
XX Y M = Output Voltage (05=5V, 06=6V, 08=8V, 09=9V, 10=10V, 12=12V, 15=15V, 18=18V, 24=24V) = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code = Package Code for ITO-220
L CI
10/12
Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
TO-263 Mechanical Drawing
DIM A B C D E F G H I J
TO-263 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.000 10.500 0.394 0.413 14.605 15.875 0.575 0.625 0.508 0.991 0.020 0.039 2.420 2.660 0.095 0.105 4.064 4.830 0.160 0.190 1.118 1.400 0.045 0.055 0.450 0.730 0.018 0.029 8.280 8.800 0.325 0.346 1.140 1.400 0.044 0.055 1.480 1.520 0.058 0.060
Marking Diagram
= Output Voltage (05=5V, 06=6V, 08=8V, 09=9V, 10=10V, 12=12V, 15=15V, 18=18V, 24=24V) Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code CM = Package Code for TO-263 XX
11/12
Version: A07
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
12/12
Version: A07


▲Up To Search▲   

 
Price & Availability of TS78CI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X