Part Number Hot Search : 
SFF10 100PF CR22J 01502 HV9982 7139A 1N4001L FQH70N10
Product Description
Full Text Search
 

To Download TS321CX5RF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS321
Low Power Single Operational Amplifier
SOT-25
Pin Definition: 1. Input + 2. Ground 3. Input 4. Output 5. Vcc
General Description
The TS321 brings performance and economy to low power systems. With high unity gain frequency and a guaranteed 0.4V/uS slew rate, the quiescent current is only 430uA/amplifier (5V). The input common mode range includes ground and therefore the device is able to operate in single supply applications as well as in dual supply applications. It is also capable of comfortably driving large capacitive loads. The TS321 is available in the SOT-25 package. Overall the TS321 is a low power, wide supply range performance OP Amp that can be designed into a wide range of applications at an economical price without sacrificing valuable board space.
Features
Short circuit protected outputs True differential input stage Wide supply voltage range +3V to 32V Low input bias currents Internally compensated Common mode range extends to negative supply Single Version of TS324
Block Diagram
Applications
Chargers Power Supplies Industrial: Controls, Instruments Desktops Communications Infrastructure
Ordering Information
Part No.
TS321CX5 RF
Package
SOT-25
Packing
3Kpcs / 7" Reel
Absolute Maximum Rating
Parameter
Supply Voltage Input Voltage Input Current (VIN < -0.3V) Output Short Circuit Duration Operating Temperature Range Storage Temperature Range Mounting Temperature (Soldering @ 260 C) Thermal Resistance Junction to Ambient
o
Symbol
Vcc VIN VI tsc TOPR TSTG RJA
Limit
+32 -0.3 to +32 50 Continuous -40 ~ +85 -65 ~ +150 10 265
Unit
V V mA
o o
C C
o
S C/W
1/6
Version: A07
TS321
Low Power Single Operational Amplifier
Electrical Characteristics Unless otherwise specified, all limits guarantee for at TA=25C, V+=5V, V-=5V,
Vo=1.4V. Boldface limits apply at temperature extremes.
Symbol
VOS IOS IB VCM AV PSRR CMRR VO
Parameter
Input Offset Voltage Input Offset Current Input Bias Current (Note 8) Input Common-Mode Voltage Range Large Signal Voltage Gain Power Supply Rejection Ratio Common Mode Rejection Ratio Output Swing VOH VOL
Conditions
(Note 1)
Min
------0 -25 15 65 65 26 27 -----20 10 10 5 -12 ---
Typ
2 -5 -45 ---100 -100 85 -28 5 0.43 0.7 0.66 1.5 40 20 20 8 -100 40 0.4
Max
7 9 50 150 250 500 V+ -1.5 V+ -2 ------20 1.15 1.2 2.85 3 ------85 --
Units
mV nA nA V V/mV dB dB V mV mA
V+ = 30V (Note 9) For CMRR > = 50dB (V+ = 15V, RL =2k Vo = 1.4V to 11.4V) RS 10k, V+ 5V to 30V RS 10k V+ = 30V, RL =2k V+ = 30V, RL = 10k V+ = 5V, RL = 10k V+ = 5V V+ = 30V VID = +1V, V+ = 15V, VO =2V VID = -1V V+ = 15V, VO =2V VID = -1V V+ = 15V, VO = 0.2V V+ = 15V V+ = 15V, RL =2k, VIN = 0.5 to 3V CL = 100pF, Unity Gain V+ = 30V, f = 100kHz, VIN = 10mV, RL =2k, CL = 100pF f = 1kHz, AV = 20dB RL =2k, VO = 2VPP CL = 100pF, V+ = 30V f = 1kHz, RS = 100 V+ = 30V
IS
Supply Current, No Load
ISOURCE
Output Current Sourcing
mA mA A mA V/s
ISINK IO SR
Output Current Sinking Output Short Circuit to Ground Slew Rate
GBW
Gain Bandwidth Product
--
1
--
MHz
THD en
Total Harmonic Distortion Equivalent Input Noise Voltage
---
0.015 40
---
% nV
Note: o 1. Vo 1.4V, Rs=0 with V+ from 5V to 30V; and over the full input common-mode range(0V~V+ -1.5V)at 25 C + 2. short circuits from the output V can cause excessive heating and eventual destruction. When considering short + circuits to ground the maximum output current is approximately 40mA independent of the magnitude of V values of supply voltage in excess of +15v,continuous short circuit can exceed the power dissipation ratings and cause eventual destruction.
2/6
Version: A07
TS321
Low Power Single Operational Amplifier
Application Hints
The TS321 OP amp can operate with a single or dual power supply voltage has true-differential inputs, and remain in he linear mode with an input common-mode voltage of 0 VDC. This amplifier operates over a wide range of power o supply voltages, with little change in performance characteristics .At 25 C amplifier operation is possible down to a minimum supply voltage of 3V. Large differential input voltage can be easily accommodates and, as input differential voltage protection diodes are not needed, no large input currents result from large differential input voltage. The differential input voltage may be larger + than V without damaging the device. Protection should be provided to prevent the input voltage from going negative o more than -0.3 VDC (at 25 C). An input clamp diode with a resistor to the IC input terminal can be used. To reduce the power supply drain, the amplifier has a class A output stage for small signal levels which converts to class B in a large signal mode. This allows the amplifiers to both source and sink large output currents. Therefore both NPN and PNP external current boots transistor can be used to extend the power capability of the basic amplifiers. The output voltage needs to raise approximately 1 diode drop above ground to bias the on-chip vertical PNP transistor for output current sinking applications. For AC applications, where the load is capacitively coupled to the output of the amplifier, a resistor should be used, from the output of the amplifier to ground to increase the class A bias current and to reduce distortion. Capacitive loads which are applied directly to the output of the amplifier reduce the loop stability margin. Values of 50pF can be accommodated using the worst-case non-inverting unity gain connection. Large closed loop gains or resistive isolation should be used if large load capacitance must be driven by the amplifier The bias network of the TS312 establishes a supply current which is independent of the magnitude of the magnitude of the power supply voltage over the range of from 3VDC to 3VDC. Output short circuits either to ground or to the positive power supply should be of short time duration. Units can be destroyed , not as a result of the short circuit current causing metal fusing, but rather due to the large increase in IC chip dissipation which cause eventual failure due to excessive junction temperatures. The large value of output source o current which is available at 25 C, provides a large output current capability at elevated temperature than a standard IC op amp. The circuits presented in the section on typical applications emphasize operation on only a single power supply voltage. If complementary power supplies are available, all of the standard op amp circuits can be used. In general, introducing + a pseudo-ground (a bias voltage reference of V /2) will allow operation above and below this value in single power supply systems. Many application circuits are shown which take advantage of the wide input common-mode voltage range which includes ground. In most cases, input biasing is not required and input voltage which range to ground can easily be accommodated.
Typical Applications
Figure 1. LED Driver
Figure 2. Lamp Driver
3/6
Version: A07
TS321
Low Power Single Operational Amplifier
Typical Applications (Continues)
Figure 3. DC Summing Amplifier
Figure 4. Amplitude Modulator Circuit
Figure 5. Fixed Current Sources
Figure 6. Power Amplifier
Figure 7. Non-Inverting DC Gain (0V Input = 0V Output)
4/6
Version: A07
TS321
Low Power Single Operational Amplifier
SOT-25 Mechanical Drawing
DIM A+A1 B C D E E H L 1 S1
SOT-25 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX. 0.09 1.25 0.0354 0.0492 0.30 0.50 0.0118 0.0197 0.09 0.25 0.0035 0.0098 2.70 3.10 0.1063 0.1220 1.40 1.80 0.0551 0.0709 1.90 BSC 0.0748 BSC 2.40 3.00 0.09449 0.1181 0.35 BSC 0.0138 BSC 0 10 0 10 0.95 BSC 0.0374 BSC
Marking Diagram
21 Y M = Product Code for TS321CX5 = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code
L
5/6
Version: A07
TS321
Low Power Single Operational Amplifier
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
6/6
Version: A07


▲Up To Search▲   

 
Price & Availability of TS321CX5RF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X