Part Number Hot Search : 
PACUS 0611017 PG24064K UC2844D 30F2011 MM3Z8B2 HVI12 D1802FX
Product Description
Full Text Search
 

To Download TS2915007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TO-220 TO-263 2 (D PAK)
Pin Definition: TS29150 1. Input 2. Ground (tab) 3. Output
TO-220-5L
TO-263-5L 2 (D PAK)
Pin Definition: TS29151xx TS29152 1. Enable 1. Enable 2. Input 2. Input 3. Ground 3. Ground 4. Output 4. Output 5. Flag 5. Adjust
TS29153 1. Flag 2. Input 3. Ground 4. Output 5. Adjust
General Description
TS29150/1/2/3 are using process with a PNP pass element for high current, high accuracy and low dropout voltage regulators. These regulator s feature 350mV(typ) dropout voltages and very low ground current, these devices also find applications in lower current and low dropout critical systems, where their tiny dropout voltage and ground current values are important attributes. TS29150/1/2/3 series are fully protected against over current faults, reversed input polarity, reversed lead insertion, over temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which signals whenever the output falls out of regulation. On the TS29151 and TS29152, the enable pin may be tied to VIN if it is not required for enable control.
Features
Dropout voltage typically 0.6V @ Io=1.5A Output Current up to 1.5A Low Ground Current Extremely Fast Transient Response +60V Transient Peak Voltage -20V Reverse Peak Voltage Zero Current Shutdown Mode Error Flag Signals Output (TS29101 only) Current Limit & Thermal Shutdown Protection
TM
Ordering Information
Part No. Package Packing
TS29150CZxx C0 TO-220 50pcs / Tube TS29150CMxx RN TO-263 800pcs / 13" Reel TS29151CZ5xx C0 TO-220-5L 50pcs / Tube TS29151CM5xx RN TO-263-5L 800pcs / 13" Reel TS29152CZ5 C0 TO-220-5L 50pcs / Tube TS29152CM5 RN TO-263-5L 800pcs / 13" Reel TS29153CZ C0 TO-220-5L 50pcs / Tube TS29153CM RN TO-263-5L 800pcs / 13" Reel Note: Where xx denotes voltage option, available are 18=1.8V 25=2.5V 33=3.3V 50=5.0V Contact to factory for addition output voltage option.
Application
PowerPC Power Supplies Battery Powered Equipment Consumer and Personal Electronics High Efficiency Linear Power Supplies High-efficiency Post Regulator for Switching Supply Low-Voltage microcontrollers and Digital Logic
Absolute Maximum Rating (Note 1)
Supply Voltage Operation Input Voltage Power Dissipation (Note 4) Operating Junction Temperature Range Storage Temperature Range Lead Soldering Temperature (260 C)
o
VIN VIN (operate) PD TJ TSTG
-20V ~ +60 26 Internally Limited -40 ~ +125 -65 ~ +150 5
V V W
o o
C C
S
1/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Electrical Characteristics VIN=VOUT+1V, Venable=2.4V, IL=10mA, Co=10uF, Adjustable versions are
programmed to 5V output, TJ=25 C unless otherwise specified. Parameter Output Voltage Output Voltage Input Supply Voltage Output Voltage Temperature Coefficient Line Regulation Load Regulation Dropout Voltage (Note 4) Vo+1V VIN 26V 10mA IL 1.5A IL=100mA IL=750mA IL=1.5A Quiescent Current (Note 5) Short Circuit Current (Note 6) Output Noise, 10Hz to 100KHz, IL=100mA Reference (TS29152/TS29153) Reference Voltage Reference Voltage Adjust Pin Bias Current Reference Voltage Temperature Coefficient Adjust Pin Bias Current Temperature Coefficient Flag Output (TS29151/TS29153) Output Leakage Current Output Low Voltage Upper Threshold Voltage Lower Threshold Voltage Hysteresis Enable Input (TS29151 / TS29152) Input Logic Voltage Enable Pin Input Current Regulator Output Current Shutdown Low (OFF) High (ON) VEN =26V VEN =0.8V VEN 0.8V, VIN 26V, VOUT =0 -2.4 -------10 0.8 -750 5 500 V uA uA VOH=26V VIN =4.5V, IOL=250uA (Note 8) (Note 8) (Note 8) --40 ----60 75 15 2 300 -95 -uA mV mV mV mV 10mA IL 1.5A, 2.3V VIN 26V 0.980|Vo| 0.970|Vo| -(Note 7) --1.24 40 20 0.1 1.020|Vo| 1.030|Vo| 80 --V nA ppm/ C nA/ C
o o o
Conditions 10mA IL 1.5A, Vo+1V VIN 26V
Min 0.990|Vo| 0.980|Vo| --------------
Typ VOUT -20 0.05 0.2 80 200 350 8 22 2.1 600 400 260
Max 1.010|Vo| 1.020|Vo| 26 100 0.5 1.0 200 -600 --3.5 ----
Unit V V ppm/ C % %
o
mV mA A uVrms
IL=750mA IL=1.5A VOUT =0 CL=2.2uF CL=10uF CL=33uF
2/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Thermal Performance
Condition Thermal Resistance Junction to Ambient Package type TO-220-5L TO-263-5L Typ 80 85 Unit
o
C/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed specifications and test conditions see the Electrical Characteristics. Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%). Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ , the junction to ambient thermal resistance, , and the ambient temperature , Ta. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The effective value of JA can be reduced by using a heatsink. Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential. Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current and output load current. Note 6: Output current will decrease with increasing temperature, but it will be not dropped below 1.5A at the maximum specified temperature. Note 7: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation effects. Specification are for a 200mA load pulse at VIN =20V(a 4W pulse) for T=10mS Note 8: Comparator thresholds are expressed in terms of a voltage differential at the adjust terminal below the nominal reference voltage measured at 6V input. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT/VREF = (R1+R2) / R2. For example, at a programmed output voltage of 5V, the error output is guaranteed to go low when the output drops by 95mV x 5V / 1.24V = 384mV. Thresholds remain constant as a percent of VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.7% guaranteed.
Pin Description
Pin Configuration
Enable Input Ground Output Flag Adjust
Function Description
Enable (input): TTL/COMS compatible input. Logic high is enable; logic low or open is shutdown Unregulated input: +26V maximum supply Ground: Ground pin and TAB/heatsink are internally connected. Regulator output Error Flag (output): Open-collector output. Active low indicates an output fault condition. Adjustment input: Feedback input. Connect to resistive voltage-divider network.
3/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Block Diagram
* Feedback network is fixed output versions only (TS29151) ** Adjustable output version only (TS29152 / TS29153)
Typical Application Circuit
TS29150 TS29151
TS29152
TS29153
4/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Typical Application Circuit
The TS29150/1/2/3 series are high performance with low dropout voltage regulator suitable for moderate to high current and voltage regulator application. Its 350mA(typ) dropout voltage at full load and over temperature makes it especially valuable in battery power systems and as high efficiency noise filters in post regulator applications. Unlike normal NPN transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum dropout voltage, dropout performance of the PNP output of these devices is limited only by low VCE saturation voltage. The TS29150/1/2/3 series is fully protected from damage due to fault conditions. Linear current limiting is provided. Output current during overload conditions is constant. Thermal shutdown the device when the die temperature exceeds the maximum safe operating temperature. Transient protection allows device survival even when the input voltage spikes above and below nominal. The output structure of these regulators allows voltages in excess of the desired output voltage to be applied without reverse current flow.
Capacitor Requirement
The TS29150/1/2/3 series requires an output capacitor to maintain stability and improve transient response is necessary. The value of this capacitor is dependent upon the output current, lower currents allow smaller capacitors. TS29150/1/2/3 series regulators are stable with the 10uF minimum capacitor value at full load. Where the regulator is powered from a source with high AC impedance, a 0.1uF capacitor connected between input and ground is recommended. The capacitor should have good characteristics to above 250KHz. The capacitance values will be help to improved transient response, ripple rejection and output noise.
Minimum Load Current
The TS29150/1/2/3 series is specified between finite loads. If the output current is too small leakage currents dominate and the output voltage rises. A 10mA minimum load current swamps any expected leakage current across the operating temperature range.
Thermal Characteristics
TS29150/1/2/3 series linear regulators are simple to use, the most complicated design parameters to consider are thermal characteristics, thermal design requires the following application specification parameters: * Maximum ambient temperature, Ta * Output current, IOUT * Output voltage, VOUT * Input voltage, VIN We calculate the power dissipation of the regulator from these numbers and the device parameters from this data sheet. A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of the application. Under all possible operating conditions, the junction temperature must be within the range specified under absolute maximum ratings. To determine if the heatsink is required, the power dissipated by the regulator, PD must be calculated. The below formula shows the voltages and currents for calculating the PD in the regulator: IIN = IL / IG PD = (VIN - VOUT) * IL + (VIN) * IG Ex. PD = (3.3V-2.5V) * 0.5A + 3.3V * 11mA = 400mW + 36mW = 436mW Remark: IL is output load current, IG is ground current. VIN is input voltage VOUT is output voltage
5/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Thermal Characteristics (Continue)
The next parameter which must be calculated is the maximum allowable temperature rise, TR(max). this is calculated by the using to formula: TR(max) = TJ(max) - TA(max) Where: TJ(max) is the maximum allowable junction temperature, which is 125 C for commercial grade parts. TA(max) is the maximum ambient temperature which will be encountered in the application. Using the calculated values for TR(max) and PD, the maximum allowable value for the junction to ambient thermal resistance, JA, can now be found: JA = TR(max) / PD
o
Adjustable Regulator Design
The adjustable regulator versions (TS29152/53) is allow to programming the output voltage anywhere between 1.25 and the 26V maximum operating rating of the family. Two resistors are used. Resistors can be quite large up to 1M, because of the very high input impedance and low bias current of the sense comparator, the resistor values are calculated by:
R1 = R2 * [(VOUT / 1.24) - 1] Where is Vout the desired output voltage. Above application circuit shows component definition. Applications with widely varying load currents may scale the resistors to draw the minimum load current required for proper operation.
Error Flag
TS29151 and TS29153 versions feature an Error Flag, which looks at the output voltage and signals an error condition when this voltage drops 5% below its expected value. The error flag is an open-collector output that pulls low under fault conditions. It may sink 10mA. Low output voltage signifies a number of possible problems, including an over-current fault (the device is in current limit) and low input voltage. The flag output is inoperative during over temperature shutdown conditions.
Enable Input
TS29151 and TS29152 versions feature an enable (EN) input that allows ON/OFF control of the device. Special design allows "zero" current drain when the device is disabled-only microamperes of leakage current flow. The EN input has TTL/CMOS compatible thresholds for simple interfacing with logic, or may be directly tied to 30V. Enabling the regulator requires approximately 20uA of current.
6/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function TO-220 Mechanical Drawing
DIM A B C D E F G H J K L M N O P
TO-220 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.000 10.500 0.394 0.413 3.740 3.910 0.147 0.154 2.440 2.940 0.096 0.116 6.350 0.250 0.381 1.106 0.015 0.040 2.345 2.715 0.092 0.058 4.690 5.430 0.092 0.107 12.700 14.732 0.500 0.581 14.224 16.510 0.560 0.650 3.556 4.826 0.140 0.190 0.508 1.397 0.020 0.055 27.700 29.620 1.060 1.230 2.032 2.921 0.080 0.115 0.255 0.610 0.010 0.024 5.842 6.858 0.230 0.270
Marking Diagram
XX Y M = Output Voltage (15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V) = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code
L
7/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function TO-263 Mechanical Drawing
DIM A B C D E F G H I J
TO-263 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.000 10.500 0.394 0.413 14.605 15.875 0.575 0.625 0.508 0.991 0.020 0.039 2.420 2.660 0.095 0.105 4.064 4.830 0.160 0.190 1.118 1.400 0.045 0.055 0.450 0.730 0.018 0.029 8.280 8.800 0.325 0.346 1.140 1.400 0.044 0.055 1.480 1.520 0.058 0.060
Marking Diagram
XX Y M = Output Voltage (15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V) = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code
L
8/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function TO-220-5L Mechanical Drawing
DIM A B C D E F G H I J K L M N
TO-220-5L DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.00 10.50 0.394 0.413 3.240 4.440 0.128 0.175 2.440 2.940 0.096 0.116 0.260 1.020 0.010 0.040 1.570 1.830 0.062 0.072 13.31 14.13 0.524 0.556 4.475 5.225 0.176 0.206 1.170 1.370 0.046 0.054 27.60 29.44 1.087 1.159 2.175 2.925 0.086 0.115 0.297 0.477 0.012 0.019 8.280 8.800 0.326 0.346 6.010 6.510 0.237 0.256 14.29 15.31 0.563 0.603
Marking Diagram
TS29151 / TS29152 / TS29153 Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code XX = Output Voltage - TS29151 only (15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V) XXX = CZ5 - TS29152 & TS29153 only
9/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function TO-263-5L Mechanical Drawing
DIM A B C D E F G H I J
TO-263-5L DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.220 10.260 0.402 0.404 14.600 15.870 0.575 0.625 0.750 0.770 0.030 0.030 1.573 1.827 0.062 0.072 4.560 4.570 0.179 0.180 1.240 1.270 0.049 0.050 2.280 2.790 0.090 0.110 0.280 0.320 0.011 0.013 8.240 8.280 0.324 0.326 1.540 1.800 0.060 0.071
Marking Diagram
TS29151 / TS29152 / TS29153 Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code XX = Output Voltage - TS29151 only (15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V) XXX = CZ5 - TS29152 & TS29153 only
10/11
Version: A07
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
11/11
Version: A07


▲Up To Search▲   

 
Price & Availability of TS2915007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X