Part Number Hot Search : 
ENC471 CSD1134 2SK48 3502W LT10K555 PE55GB80 BZX84 C3211
Product Description
Full Text Search
 

To Download TS257607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS2576
3A / 52KHz Buck Switching Regulator
TO-220-5L TO-263-5L 2 (D PAK)
Pin Definition: 1. Input 2. SW Output 3. Ground 4. Feedback 5. Enable
General Description
TS2576 Series are step-down switching regulators with all required active functions. It is capable of driving 3A load with excellent line and load regulations. These devices are available in fixed output voltages of 3.3V, 5V and adjustable output version. TS2576 series operates at a switching frequency of 52kHz thus allowing smaller sized filter components than what would be needed with lower frequency switching regulators. It substantially not only reduces the area of board size but also the size of heat sink, and in some cases no heat sink is required. The 4% tolerance on output voltage within specified input voltages and output load conditions is guaranteed. Also, the oscillator frequency accuracy is within 10%. External shutdown is included. Featuring 70A (typical) standby current. The output switch includes cycle-bycycle current limiting, as well as thermal shutdown for full protection under fault conditions.
Features
Output Voltage: 3.3V, 5V & Adjustable version Adjustable Output Voltage Range 1.23V~37V 4% 52kHz fixed switching frequency Voltage Mode Non-synchronous PWM control Thermal Shutdown and Current Limit Protection ON/OFF Shutdown Control Input High Efficiency Short Circuit Protect (SCP) Operating Voltage Can be up to 40V Output Load Current 3A Low Power Standby Mode P+ Product Enhancement Tested
Ordering Information
Part No. Package Packing
TS2576CZ5xx C0 TO-220-5L 50pcs / Tube TS2576CM5xx RN TO-263-5L 800pcs / 13" Reel Note: Where xx denotes voltage option, available are 50= 5.0V 33= 3.3V Leave blank for adjustable version
Application
Simple High-efficiency Step down Regulator On-Card Switching Regulators Positive to Negative Converter
Absolute Maximum Rating
Parameter
Maximum Supply Voltage Recommend Operating Supply Voltage SW, EN Pin Input Voltage Feedback Pin Voltage Power Dissipation Output Voltage to Ground Storage Temperature Range Operating Temperature Range ESD Susceptibility (HBM)
Symbol
VCC VOP VSW, VEN VFB PD VOUT TST TOP
Limit
+45 4.5 to 40 -0.3 to +25 -0.3 to +25 Internally Limited -1 -65 to +150 -40 to +125 2
Unit
V V V V W V
o o
C C
kV
1/8
Version: A07
TS2576
3A / 52KHz Buck Switching Regulator
Thermal Information
Parameter
Thermal Resistance (Junction to Case) Thermal Resistance (Junction to Ambient) TO-220-5L TO-263-5L TO-220-5L TO-263-5L
Symbol
JC JA
Maximum 2 2 65 (note 1) 50 (note 2)
Unit
o
C/W C/W
o
Note1: JA is measured on the PCB with minimum copper area. 2 Note2: JA is measured with the PCB copper area (need connect to GROUND pins) of approximately 0.5 in
Electrical Specifications (All Output Voltage Version)
(Ta = 25 C unless otherwise noted, VIN=12V for 3.3V, 5V, Adjustable version. ILOAD =0.5A)
o
Parameter
Output Feedback Efficiency Output Feedback Efficiency Output Feedback Efficiency Feedback Bias Current Oscillator Frequency Soft-Start Time Current Limit Saturation Voltage ON/OFF Pin Logic Input Threshold Voltage ON/OFF Pin Logic Input Current Maximum Duty Cycle (ON) Maximum Duty Cycle (OFF) Quiescent Current Standby Quiescent Current SW Pin Leakage Current SW pin = 0 SW pin = -1 5V 3.3V ADJ
Symbol
VFB VFB VFB IFB FOSC TSS ICL VSAT VIL VIH IL IH DC IQ ISTBY ISWL
Test Condition
4.5V VIN 40V 0.2A ILOAD 3A VIN =12V, ILOAD =3A 4.75V VIN 40V 0.2A ILOAD 3A VIN =12V, ILOAD =3A 7V VIN 40V 0.2A ILOAD 3A VIN =12V, ILOAD =3A VOUT = 5V (Adjustable Version) Rising edge of EN on to ICL Pear Current, no outside circuit VFB =0V force driver on IOUT=3A, No outside circuit VFB =0V force driver on Low (regulator ON) High (regulator OFF) VLOGIC =5V (OFF) VLOGIC =0V (ON) VFB =0V force driver on VFB =12V force driver off VFB =12V force driver off ON/OFF pin=5V VIN =40V No outside circuit, VFB =12V force driver off VIN =12V
Min
1.180 -3.135 -4.75 --47 -5.9 --2.2 --93 -------
Typ
1.23 75 3.3V 75 5 77 50 52 3 -1.4 1.2 1.4 12 0 98 0 5 70 0.3 7.5
Max
1.280 -3.465 -5.25 -100 58 --1.8 1.0 -30 10 --10 200 250 2 30
Unit
V % V % V % nA KHz mS A V V A % mA A mA mA
2/8
Version: A07
TS2576
3A / 52KHz Buck Switching Regulator
Block Diagram
3/8
Version: A07
TS2576
3A / 52KHz Buck Switching Regulator
Typical Application Circuit
1. Adjustable Output Voltage Version
2. Fixed Output Voltage Version
3. Adjustable Output Voltage Version with Delayed Startup
4/8
Version: A07
TS2576
3A / 52KHz Buck Switching Regulator
Pin Function Description
Vcc
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be presented at this pin to minimize voltage transients and to supply the switching currents needed by the regulator.
Ground
Circuit ground
SW Output
Internal switch. The voltage at this pin switches between (+Vcc - Vsat) and approximately - 0.5V, with a duty cycle of approximately Vout / Vcc. To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin should be minimized.
Feedback
Sense the regulated output voltage to complete the feedback loop.
Enable
Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply current to approximately 100uA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above 1.3V (up to a maximum of Vcc) shuts the regulator down. If this shutdown feature is not needed, the EN pin can be wired to the ground pin.
Thermal Considerations
The TS2576 is available in two packages, a TO-220-5L and TO-263-5L. The TO-220-5L package needs a heat sink under most conditions. The size of the heat sink depends on the input voltage, the output voltage, the load current and the ambient temperature. The TS2576 junction temperature rises above ambient temperature for a 3A load and different input and output voltages. The data for these curves was taken o with the TS2576CZ5 (TO-220-5L package) operating as a buck switching regulator in an ambient temperature of 25 C (still air). These temperature rise numbers are all approximate and there are many factors that can affect these temperatures. Higher ambient temperatures require more heat sinking. The TO-263-5L surface mount package tab is designed to be soldered to the copper on a printed circuit board. The copper and the board are the heat sink for this package and the other heat producing components, such2as the catch diode and inductor. The PC board copper area that the package is soldered to should be at least 0.8 in , and ideally should have 2 or more square inches of 2oz. 2Additional copper area improves the thermal characteristics, but with copper areas greater than approximately 6 in , only small improvements in heat dissipation are realized. If further thermal improvements are needed, double sided, multilayer PC board with large copper areas and/or airflow are recommended. The TS2576 (TO-263-5L package) junction temperature rise above ambient temperature with a 3A load for various input and output voltages. This data was taken with the circuit operating as a buck switching regulator with all components mounted on a PC board to simulate the junction temperature under actual operating conditions. This curve can be used for a quick check for the approximate junction temperature for various conditions, but be aware that there are many factors that can affect the junction temperature. When load currents higher than 3A are used, double sided or multilayer PC boards with large copper areas and/or airflow might be needed, especially for high ambient temperatures and high output voltages. For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be used in the board layout. (Once exception to this is the output (switch) pin, which should not have large areas of copper.) Large areas of copper provide the best transfer of heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further.
5/8
Version: A07
TS2576
3A / 52KHz Buck Switching Regulator
TO-220-5L Mechanical Drawing
DIM A B C D E F G H I J K L M N
TO-220-5L DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.00 10.50 0.394 0.413 3.240 4.440 0.128 0.175 2.440 2.940 0.096 0.116 0.260 1.020 0.010 0.040 1.570 1.830 0.062 0.072 13.31 14.13 0.524 0.556 4.475 5.225 0.176 0.206 1.170 1.370 0.046 0.054 27.60 29.44 1.087 1.159 2.175 2.925 0.086 0.115 0.297 0.477 0.012 0.019 8.280 8.800 0.326 0.346 6.010 6.510 0.237 0.256 14.29 15.31 0.563 0.603
Marking Diagram
Y M = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code XXX = Voltage Code (3.3=3.3V, 5.0=5V) = Package Code for Adjustable type (CZ5 = TO-220-5L)
6/8
Version: A07
TS2576
3A / 52KHz Buck Switching Regulator
TO-263-5L Mechanical Drawing
DIM A B C D E F G H I J
TO-263-5L DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 9.70 10.54 0.382 0.415 14.60 15.87 0.575 0.625 0.69 0.94 0.027 0.037 1.524 2.032 0.060 0.080 4.30 4.70 0.169 0.185 1.22 1.40 0.048 0.055 2.24 2.82 0.088 0.111 0.36 0.56 0.014 0.022 8.50 9.20 0.330 0.362 1.40 MAX 0.055 MAX
Marking Diagram
Y M = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code XXX = Voltage Code (3.3=3.3V, 5.0=5V) = Package Code for Adjustable type (CM5 = TO-263-5L)
7/8
Version: A07
TS2576
3A / 52KHz Buck Switching Regulator
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
8/8
Version: A07


▲Up To Search▲   

 
Price & Availability of TS257607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X