Part Number Hot Search : 
TK3610M PCA9674 S175N LBN09613 73F07 APE0504 JCT1231 F4821V
Product Description
Full Text Search
 

To Download TS1300207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS13002
High Voltage NPN Transistor
TO-92
Pin Definition: 1. Emitter 2. Collector 3. Base
PRODUCT SUMMARY
BVCEO BVCBO IC VCE(SAT) 400V 700V 0.2A 0.5V @ IC / IB = 100mA / 10mA
Features
High Voltage High Speed Switching
Block Diagram
Structure
Silicon Triple Diffused Type NPN Silicon Transistor
Ordering Information
Part No.
TS13002CT B0 TS13002CT B0G TS13002CT A3 TS13002CT A3G
Package
TO-92 TO-92 TO-92 TO-92
Packing
1Kpcs / Bulk 1Kpcs / Bulk 2Kpcs / Ammo 2Kpcs / Ammo
Note: "G" denote for Green Product
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range DC Pulse
Symbol
VCBO VCEO VEBO IC PD TJ TSTG
Limit
700V 400V 9 0.2 0.5 0.6 +150 - 55 to +150
Unit
V V V A W
o o
C C
Thermal Performance
Parameter
Junction to Ambient Thermal Resistance
Symbol
RJA
Limit
122
Unit
o
C/W
1/5
Version: B07
TS13002
High Voltage NPN Transistor
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Static Collector-Base Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage IC = 1mA, IB = 0 IC = 10mA, IE = 0 IE = 1mA, IC = 0 VCB = 700V, IE = 0 VEB = 7V, IC = 0 IC / IB = 50mA / 10mA IC / IB = 100mA / 10mA IC / IB = 200mA / 20mA Base-Emitter Saturation Voltage IC / IB = 50mA / 10mA IC / IB = 100mA / 10mA VCE = 10V, IC = 10mA DC Current Gain Dynamic Frequency Output Capacitance VCE = 10V, IC = 0.1A VCB = 10V, f = 0.1MHz VCC = 125V, IC = 100mA, IB1 = IB2 = 20mA, tp = 25uS Duty Cycle 1% fT Cob tr tSTG tf 4 -----21 1.1 2 0.2 ---4 0.7 MHz pF VCE = 10V, IC = 100mA VCE = 10V, IC = 200mA BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT)1 VCE(SAT)2 VCE(SAT)3 VBE(SAT)1 VBE(SAT)2 hFE1 hFE2 hFE3 700 400 9 -------10 20 10 -----0.2 0.45 1 --------1 1 0.4 1 1.5 1 1.2 40 40 40 V V V V V uA uA
Conditions
Symbol
Min
Typ
Max
Unit
Resistive Load Switching Time (Ratings) Rise Time Storage Time Fall Time uS uS uS
Note : pulse test: pulse width 5mS, duty cycle 10%
2/5
Version: B07
TS13002
High Voltage NPN Transistor
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Figure 1. Static Characteristics Figure 2. DC Current Gain
Figure 3. VCE(SAT) v.s. VBE(SAT
Figure 4. Power Derating
Figure 5. Reverse Bias SOA
Figure 6. Safety Operating Area
3/5
Version: B07
TS13002
High Voltage NPN Transistor
TO-92 Mechanical Drawing
DIM A B C D E F G H
TO-92 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 4.30 4.70 0.169 0.185 4.30 4.70 0.169 0.185 14.30(typ) 0.563(typ) 0.43 0.49 0.017 0.019 2.19 2.81 0.086 0.111 3.30 3.70 0.130 0.146 2.42 2.66 0.095 0.105 0.37 0.43 0.015 0.017
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code
4/5
Version: B07
TS13002
High Voltage NPN Transistor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
5/5
Version: B07


▲Up To Search▲   

 
Price & Availability of TS1300207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X