Part Number Hot Search : 
D1159Q BR1001 AN79N15 M1FK60 2ASA0 BXXXX SERIE MAX3620
Product Description
Full Text Search
 

To Download TS1123CX580C0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS1123
Ultra Low Dropout Voltage Regulator Driver with Enable Function
SOT-25
Pin Definition: 1. Output 2. Ground 3. Enable 4. Input 5. Drive
General Description
TS1123 is a low dropout voltage regulator driver for various electronic equipments. It provides constant voltage power source with SOT-25 package. TS1123 with external PNP transistor can drive output current up to 4A, quiescent current is typically at 5mA. Further more, the quiescent current is smaller when the regulator is in the dropout mode (VIN<5.5V). TS1123 has various functions such as a over current protection, thermal shutdown and an output enable function.
Features
Ultra Low Dropout performance 0.5Vmax. Over Current Protection & Thermal Shutdown Short Circuit Protection Output Enable Function 2.4% Typical Total output
Ordering Information
Part No. Package Packing
TS1123CX5xx C0 SOT-25 3Kpcs / 7" Reel Note: Where xx denotes voltage option, 33=3.3V 50=5.0V 80=8.0V 90=9.0V 12=12V 15=15V
Block Diagram
Absolute Maximum Rating
Parameter
Input Voltage Enable Voltage Output Current Power Dissipation Junction Temperature Operating Temperature Range Storage Temperature Range 1/4
Symbol
VIN VEN IOUT PD TJ TOPR TSTG
Value
35 35 200 Internal Limited +150 -40 ~ +125 -65 ~ +150
Unit
V V mA C C C Version: A07
TS1123
Ultra Low Dropout Voltage Regulator Driver with Enable Function
Electrical Specifications (IO=100mA, Ta=25C, unless otherwise specified).
Parameter
VIN = 5V VIN = 7V Output Voltage VIN = 10V VIN = 11V VIN = 15V VIN = 21V Load Regulation Line Regulation Ripple Rejection Ratio Dropout Voltage Enable Voltage High Enable Voltage Low Enable Bias Current High Enable Bias Current Low IOUT = 5mA ~ 200mA VIN = VOUT + 1 ~ 32V Note1 IOUT = 200mA Output Active Output Enable VEN = 2.7V VEN = 0.4V
Conditions
Min.
3.22 4.88 7.80 8.78 11.71 14.64 --45 -2.0 ----
Typ.
3.3 5.0 8.0 9.0 12 15 0.1 0.5 55 -------
Max.
3.38 5.12 8.20 9.22 12.28 15.36 2.0 2.5 -0.5 -0.8 20 -0.4 10
Unit
V
% % dB V V V uA mA mA
Quiescent Current IOUT = 0A -Note: 1.These parameters, although guaranteed, are not 100% tested in production. 2. Junction -to -case thermal resistance test environments. 3. Pneumatic heat sink fixture. 4. Clamping pressure 60psi through 12mm diameter cylinder. 5. Thermal grease applied between PKG and heat sink fixture
Typical Application Circuit
Note: Select different external PNP transistor for different output current Recommend PNP Transistor: * TSB1132CY for 1A application circuit * TSB1424ACY for 2A application circuit * TSB1184CP for 3A application circuit * TSB1424ACP for 4A application circuit
2/4
Version: A07
TS1123
Ultra Low Dropout Voltage Regulator Driver with Enable Function SOT-25 Mechanical Drawing
DIM A+A1 B C D E E H L 1 S1
SOT-25 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX. 0.09 1.25 0.0354 0.0492 0.30 0.50 0.0118 0.0197 0.09 0.25 0.0035 0.0098 2.70 3.10 0.1063 0.1220 1.40 1.80 0.0551 0.0709 1.90 BSC 0.0748 BSC 2.40 3.00 0.09449 0.1181 0.35 BSC 0.0138 BSC 0 10 0 10 0.95 BSC 0.0374 BSC
Marking Diagram
Z = Device Code X = Voltage Code (S=3.3V, 5=5V, 8=8V, 9=9V, 1=12V, A=15V) Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code
3/4
Version: A07
TS1123
Ultra Low Dropout Voltage Regulator Driver with Enable Function
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
4/4
Version: A07


▲Up To Search▲   

 
Price & Availability of TS1123CX580C0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X