Part Number Hot Search : 
CCF5578 E36CA A1102 XR1015 BTS413A NJM22751 XF0856BE UPD17709
Product Description
Full Text Search
 

To Download TS1115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS1115
500mA Low Dropout Positive Voltage Regulator
TO-92 SOT-223
Pin Definition: 1. Fixed / Adj 2. Output 3. Input
SOT-89
Pin Definition: TS1115 1. Fixed / Adj 2. Output 3. Input
TS1115A 1. Output 2. Fixed / Adj 3. Input
General Description
The TS1115 Series are high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current, Additionally, the TS1115 Series provides excellent regulation over variations due to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. The TS1115 Series are three terminal regulators with fixed and adjustable voltage options available in popular packages.
Features
Low Dropout Performance 1.5V max. Fill Current Rating Over Line and Temperature Fast Transient Response 2% Total Output Regulation Over Line, Load and Temperature Adjust Pin Current max 90uA Over Temperature Line Regulation Typical 0.015% Load Regulation Typical 0.05% Fixed / Adjustable Output Voltage TO-92, SOT-223 and SOT-89 Package
Ordering Information
Part No. Package Packing
TS1115CTxx B0 TO-92 1Kpcs / Bulk TS1115CWxx RP SOT-223 2.5Kpcs / 13" Reel TS1115CYxx RM SOT-89 1Kpcs / 7" Reel TS1115ACYxx RM SOT-89 1Kpcs / 7" Reel Note: Where xx denotes voltage option, available are 5.0V, 3.3V, 2.5V, 1.8V and 1.5V. Leave blank for adjustable version. Contact factory for additional voltage options.
Block Diagram
Typical Application Circuit
Fixed Output Voltage Version
Vout = Vref(1+R2/R1) + Iadj R2 Adjustable Output Voltage Version
1/8
Version: A07
TS1115
500mA Low Dropout Positive Voltage Regulator
Absolute Maximum Rating (Note 1)
Parameter
Input Supply Voltage Operation Input Supply Voltage (Recommend) Power Dissipation (Note 2) Thermal Resistance Junction to Ambient Operating Junction Temperature Range Storage Temperature Range Lead Soldering Temperature (260 C)
o
Symbol
VIN VIN (Opr. Typ.) PD TO-92 SOT-223 SOT-89 TJ TSTG JA
Limit
15 7 Internal limited 160 110 180 0 ~+125 -65 ~ +150 5
Unit
V V
o
C/W
o o
C C
S
Electrical Specification (Ta = 25oC, unless otherwise specified.)
Parameter
Reference Voltage
Conditions
VIN = 2.75, Io=500mA VIN = 3V~7V, Io=500mA VIN = 3.3V~7V, Io=500mA
Min
1.225 1.470 1.764 2.450 3.235 4.900 -----1.1 --
Typ
1.25 1.5 1.8 2.5 3.3 5.0 0.015 0.05 1.3 8 90 -0.5
Max
1.275 1.530 1.836 2.550 3.366 5.100 0.2 1.0 1.5 10 ----
Unit
V V V V V V % % V mA uA A %
Output Voltage
VIN = 4V~7V, Io=500mA VIN = 4.8V~7V, Io=500mA VIN = 6.5V~7V, Io=500mA
Line Regulation Load Regulation (Note 1,2) Dropout Voltage Quiescent Current Adjustable Pin Current Output Current Limit Temperature Stability Ripple Rejection
Vo+1.5V VIN 7V, Io= 10mA VIN = VOUT +1.5V Io= 10mA ~ 500mA Io=500mA, VOUT = 1% VOUT VIN = 5V VIN - VOUT = 3V Io=10mA, F= 120Hz, Io= 500mA, COUT = 25uF,
-60 70 dB VIN = Vout+3V Note 1: See thermal regulation specification for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18" from the package. Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the input / output voltage difference and the output current. Guaranteed maximum power dissipation will not be available over the full input / output voltage range. Note 3: Quiescent current is defined as the minimum output current required to maintain the regulation.
2/8
Version: A07
TS1115
500mA Low Dropout Positive Voltage Regulator
Electrical Characteristics Curve
Figure 1. Vdrop vs. Output Current
Figure 2. Reference Voltage vs. Temperature
Figure 3. Iadj Pin vs. Temperature
Figure 4. Minimum Load Current
Figure 5. Vout Change vs. Temperature
3/8
Version: A07
TS1115
500mA Low Dropout Positive Voltage Regulator
Application Information
Figure 6 - SOT-223 Thermal Resistance and Maximum Power Dissipation vs. P.C.B Copper Length
4/8
Version: A07
TS1115
500mA Low Dropout Positive Voltage Regulator
TO-92 Mechanical Drawing
TO-92 DIMENSION DIM A B C D E F G H MILLIMETERS MIN 4.30 4.30 0.43 2.19 3.30 2.42 0.37 MAX 4.70 4.70 0.49 2.81 3.70 2.66 0.43 INCHES MIN 0.169 0.169 0.017 0.086 0.130 0.095 0.015 MAX 0.185 0.185 0.019 0.111 0.146 0.105 0.017
14.30(typ)
0.563(typ)
Marking Diagram
XX = Voltage Code (15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V) = Leave Blank for Adjustable type = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code
Y M
L
5/8
Version: A07
TS1115
500mA Low Dropout Positive Voltage Regulator
SOT-89 Mechanical Drawing
SOT-89 DIMENSION DIM A B C D E F G H I J MILLIMETERS MIN 4.40 1.50 2.30 0.40 1.50 3.00 0.89 4.05 1.4 0.35 MAX 4.60 1.7 2.60 0.52 1.50 3.00 1.20 4.25 1.6 0.44 INCHES MIN 0.173 0.059 0.090 0.016 0.059 0.118 0.035 0.159 0.055 0.014 MAX 0.181 0.070 0.102 0.020 0.059 0.118 0.047 0.167 0.068 0.017
Marking Diagram
Y M = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code = Voltage Code (15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V) = Package Code for Adjustable type (CY = SOT-89)
L XX
6/8
Version: A07
TS1115
500mA Low Dropout Positive Voltage Regulator
SOT-223 Mechanical Drawing
SOT-223 DIMENSION DIM A B C D E F G H I J K MILLIMETERS MIN 6.350 2.900 3.450 0.595 4.550 2.250 0.835 6.700 0.250 10 1.550 MAX 6.850 3.100 3.750 0.635 4.650 2.350 1.035 7.300 0.355 16 1.800 INCHES MIN 0.250 0.114 0.136 0.023 0.179 0.088 0.032 0.263 0.010 10 0.061 MAX 0.270 0.122 0.148 0.025 0.183 0.093 0.041 0.287 0.014 16 0.071
Marking Diagram
Y M = Year Code = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) = Lot Code = Voltage Code (15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V) = Package Code for Adjustable type (CW = SOT-223)
L XX
7/8
Version: A07
TS1115
500mA Low Dropout Positive Voltage Regulator
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
8/8
Version: A07


▲Up To Search▲   

 
Price & Availability of TS1115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X