Part Number Hot Search : 
M1500 ST415KA 9F200 APTGT2 166BG SMBJ33 LM98620 UR460
Product Description
Full Text Search
 

To Download TP868C12R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TP868C12R
Major characteristics
VRRM VF IO 120 0.88 30 V V A
(30A)
(120V / 30A )
[0401]
High Voltage Schottky barrier diode
Outline drawings, mm
Characteristics TP868C12R Units Condition
Tc=25C MAX.
Features
Low VF High Voltage Center tap connection
Applications
High frequency operation DC-DC converters AC adapter
Package : T-pack Epoxy resin UL : V-0
Connection diagram
Maximum ratings and characteristics
Absolute maximum ratings (at Tc=25C Unless otherwise specified )
Item Repetitive peak surge reverse voltage Repetitive peak reverse voltage Average output current Non-repetitive surge current ** Operating junction temperature Storage temperature Symbol VRSM VRRM Io IFSM Tj Tstg Square wave, duty=1/2 Tc=122C Sine wave 10ms 1shot Conditions tw=500ns, duty=1/40
1
2
3
Rating 120 120 30 * 225 +150 -40 to +150
Unit V V A A C C
* Out put current of center tap full wave connection
**Rating per element
Electrical characteristics (at Tc=25C Unless otherwise specified )
Item Forward voltage drop Reverse current Thermal resistance Symbol VF IR Rth(j-c) Conditions IFM=15A VR=VRRM Junction to case Max. 0.88 200 1.0 Unit V A C/W
Mechanical characteristics
Mounting torque Approximate mass Recommended torque 0.3 to 0.5 2 N*m g
(120V / 30A )
Characteristics
Forward Characteristic (typ.)
TP868C12R (30A)
Reverse Characteristic (typ.)
Tj=150C 10
1
Tj=125C
(A)
(mA)
10 Tj=150C Tj=125C Tj=100C 1 Tj=25C
10
0
Forward Current
Tj=100C
Reverse Current
10
-1
Tj= 25C 10
-2
IF
0.1
IR
0.01 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
10
-3
0
10
20
30
40
50
60
70
80
90 100 110 120 130
VF
Forward Voltage
(V)
VR
Reverse Voltage
(V)
Forward Power Dissipation (max.)
8 22
Io
Reverse Power Dissipation (max.)
DC
360
(W)
18
360
(W)
20
Forward Power Dissipation
Reverse Power Dissipation
6
VR
16 14 12 Square wave =60
Square wave =120 Sine wave =180 Square wave =180 10 DC 8 6 4
=180
4
2
WF
2 Per 1element 0 0 2 4 6 8 10 12 14 16 18
PR
0 0 20 40 60 80 100 120
Io
Average Forward Current
(A)
VR
Reverse Voltage
(V)
Current Derating (Io-Tc) (max.)
150
Junction Capacitance Characteristic (max.)
1000
Case Temperature
(C)
140
130 DC Sine wave =180 Square wave =180 Square wave =120
VR=60V
Junction Capacitance (pF) Cj
100
120
360 Io
110
Tc
Square wave =60 100 0 5 10 15 20 25 30 35 40 45 10 1 10 100 1000
Io
Average Output Current
(A)
:Conduction angle of forward current for each rectifier element
VR
Reverse Voltage (V)
Io:Output current of center-tap full wave connection
(120V / 30A )
Surge Capability (max.)
1000 1000
TP868C12R (30A)
Surge Current Ratings (max.)
(A)
IFSM PeakHAlf-WaveCurrent (A)
Peak Half - Wave Current
100
100
I FSM
10 1 10 100
10 1 10 100 1000
Number of Cycles at 50Hz
tTime (ms) Sinewave
Transient Thermal Impedance (max.)
10
1
(C/W)
Rth(j-c):1.0C/W 10
0
Transient Thermal Impedance
10
-1
10
-2
10
-3
10
-2
10
-1
10
0
10
1
10
2
t
Time
(sec)


▲Up To Search▲   

 
Price & Availability of TP868C12R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X