Part Number Hot Search : 
01547 IPW60R STPS745M 3DD102E 1N5236 2SD21 NTE3882 78M12
Product Description
Full Text Search
 

To Download TLRE1002A06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
TOSHIBA LED Lamps
TLRE1002A(T02), TLSE1002A(T02), TLOE1002A(T02), TLYE1002A(T02), TLPYE1002A(T02), TLGE1002A(T02), TLFGE1002A(T02), TLPGE1002A(T02)
Panel Circuit Indicator
* * * * Surface-mount devices 2.0 (L) x 1.25 (W) x 1.1 (H) mm InGaAP LEDs It can be manufactured high-luminosity of equipment or reduce of electric power consumption by change in the high-luminosity LED from general-luminosity one. Colors: red, orange, yellow, pure yellow, green, pure green Pb-free reflow soldering is possible Applications: Backlighting source for battery-powered equipment Pilot light for compact equipment Low-power electronic equipment, etc. * Standard embossed tape packing: T02 (3000/reel) 8-mm tape reel JEDEC JEITA TOSHIBA
Color Red Red Orange Yellow Pure Yellow Green Green Pure Green InGaAP Material
Unit: mm
* * *
4-1D1
Color and Material
Product Name TLRE1002A TLSE1002A TLOE1002A TLYE1002A TLPYE1002A TLGE1002A TLFGE1002A TLPGE1002A
Weight: 0.002 g (typ.)
1
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
Maximum Ratings (Ta = 25C)
Product Name TLRE1002A TLSE1002A TLOE1002A TLYE1002A TLPYE1002A TLGE1002A TLFGE1002A TLPGE1002A 25 4 60 -40~85 -40~100 Forward Current IF (mA) Please see Note 1 Reverse Voltage VR (V) Power Dissipation PD (mW) Operation Temperature Topr (C) Storage Temperature Tstg (C)
Note 1: Forward current derating
IF - Ta
40
IF Allowable forward current
(mA)
30 20 10 0 0
20
40
60
80
100
Ambient temperature
Ta
(C)
Electrical Characteristics (Ta = 25C)
Product Name Min TLRE1002A TLSE1002A TLOE1002A TLYE1002A TLPYE1002A TLGE1002A TLFGE1002A TLPGE1002A Unit 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 Forward Voltage VF Typ. 1.9 1.9 2.0 2.0 2.0 2.0 2.0 2.1 V Min 2.4 2.4 2.4 2.4 2.4 2.4 2.4 2.4 mA A V 20 50 4 IF Reverse Current IR Max VR
2
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
Optical Characteristics-1 (Ta = 25C)
Product Name TLRE1002A TLSE1002A TLOE1002A TLYE1002A TLPYE1002A TLGE1002A TLFGE1002A TLPGE1002A Unit Luminous Intensity IV Min 27.2 47.6 47.6 27.2 27.2 27.2 8.5 4.76 mcd Typ. 70 140 180 105 70 70 25 18 mcd Max mcd IF 20 20 20 20 20 20 20 20 mA Available Iv rank Please see Note 2 L/M/N/P M/N/P/Q M/N/P/Q L/M/N/P L/M/N/P L/M/N/P J/K/L/M H/J/K/L
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility. Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV Min H J K L M N P Q Unit 4.76 8.5 15.3 27.2 47.6 85 153 272 mcd Max 12.9 23 41.4 73.6 129 230 414 736 mcd
Rank
Optical Characteristics-2 (Ta = 25C)
Emission Spectrum Product Name Peak Emission Wavelength p Min Typ. Max Typ. 18 17 15 13 13 11 11 11 nm Dominant Wavelength d Min 624 607 599 581 574 565 559 Typ. 630 613 605 587 580 571 565 558 nm Max 638 621 613 595 586 576 571 564 mA 20 IF
TLRE1002A TLSE1002A TLOE1002A TLYE1002A TLPYE1002A TLGE1002A TLFGE1002A TLPGE1002A Unit


644 623 612 590 583 574 568 562 nm


The cautions
* * This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light. This product is designed as a general display light source usage, and it has applied the measurement standard that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional application (ex. Light source for sensor, optical communication and etc) except general display light source.
3
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
TLRE1002A
IF - V F
50 Ta = 25C 30
(typ.)
IV - IF
100 Ta = 25C
(typ.)
IV (mcd) Luminous intensity
1.7 1.8 1.9 2.0 2.1 2.2
(mA)
50 30
IF
10
Forward current
10
5 3
5 3
1 1.6
1 1
3
5
10
30
50
100
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
3
(typ.)
Wavelength characteristic
1.0
(typ.)
IV
IF = 20 mA Ta = 25C
Relative luminous intensity
-20 0 100
0.8
Relative luminous intensity
1
0.6
0.5 0.3
0.4
0.2
0.1
20
40
60
80
0 580
600
620
640
660
680
700
Case temperature
Tc
(C)
Wavelength
(nm)
4
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
TLSE1002A
IF - V F
100 Ta = 25C 50 30
(typ.)
IV - IF
300 Ta = 25C 100 50
(typ.)
IF
Luminous intensity
1.7 1.8 1.9 2.0 2.1 2.2
Forward current
IV (mcd)
(mA)
10 5 3
30
10
5 3 1 3 5 10 30 50 100
1 1.6
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
3
(typ.)
1.0
Wavelength characteristic
(typ.)
IV
IF = 20 mA Ta = 25C
Relative luminous intensity
-20 0 20 40 100
0.8
Relative luminous intensity
1
0.6
0.5 0.3
0.4
0.2
0.1
60
80
0 580
600
620
640
660
680
700
Case temperature
Tc
(C)
Wavelength
(nm)
5
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
TLOE1002A
IF - V F
100 Ta = 25C 50 30
(typ.) IV (mcd)
IV - IF
300 Ta = 25C 100 50
(typ.)
IF
(mA)
Luminous intensity
1.8 1.9 2.0 2.1 2.2 2.3
Forward current
10 5 3
30
10
5 3 1 3 5 10 30 50 100
1 1.7
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10
(typ.)
Wavelength characteristic
1.0
(typ.)
IV
Relative luminous intensity
5 3
IF = 20 mA Ta = 25C 0.8
Relative luminous intensity
0.6
1 0.5 0.3
0.4
0.2
0.1
-20
0
20
40
60
80
100
0 540
560
580
600
620
640
660
Case temperature
Tc
(C)
Wavelength
(nm)
6
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
TLYE1002A
IF - V F
100 Ta = 25C 50 30
(typ.)
IV - IF
300 Ta = 25C 100 50
(typ.)
IF
Luminous intensity
1.8 1.9 2.0 2.1 2.2 2.3
Forward current
IV (mcd)
(mA)
10 5 3
30
10
5 3 1 3 5 10 30 50 100
1 1.7
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10
(typ.)
Wavelength characteristic
1.0
(typ.)
IV
Relative luminous intensity
5 3
IF = 20 mA Ta = 25C 0.8
Relative luminous intensity
0.6
1 0.5 0.3
0.4
0.2
0.1
-20
0
20
40
60
80
100
0 540
560
580
600
620
640
660
Case temperature
Tc
(C)
Wavelength
(nm)
7
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
TLPYE1002A
IF - V F
100 Ta = 25C 50 30
(typ.)
300 Ta = 25C 100 50
IV - IF
(typ.)
IF
Luminous intensity
1.8 1.9 2.0 2.1 2.2 2.3
Forward current
IV (mcd)
(mA)
10 5 3
30
10
5 3 1 3 5 10 30 50 100
1 1.7
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10
(typ.)
Wavelength characteristic
1.0
(typ.)
IV
Relative luminous intensity
5 3
IF = 20 mA Ta = 25C 0.8
Relative luminous intensity
0.6
1 0.5 0.3
0.4
0.2
0.1
-20
0
20
40
60
80
100
0 540
560
580
600
620
640
660
Case temperature
Tc
(C)
Wavelength
(nm)
8
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
TLGE1002A
IF - V F
100 Ta = 25C 50 30
(typ.)
IV - IF
300 Ta = 25C 100 50
(typ.)
IF
Luminous intensity
1.8 1.9 2.0 2.1 2.2 2.3
Forward current
IV (mcd)
(mA)
10 5 3
30
10
5 3 1 3 5 10 30 50 100
1 1.7
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10
(typ.)
Wavelength characteristic
1.0 IF = 20 mA Ta = 25C
(typ.)
IV
Relative luminous intensity
-20 0 20 40 60 80 100
5 3
0.8
Relative luminous intensity
0.6
1 0.5 0.3
0.4
0.2
0.1
0 540
560
580
600
620
Case temperature
Tc
(C)
Wavelength
(nm)
9
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
TLFGE1002A
IF - V F
100 Ta = 25C 50 30
(typ.)
IV - IF
30 Ta = 25C 10 5
(typ.)
IF
Luminous intensity
1.8 1.9 2.0 2.1 2.2 2.3
Forward current
IV (mcd)
(mA)
10 5 3
3
1
0.5 0.3 1 3 5 10 30 50 100
1 1.7
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10
(typ.)
1.0
Wavelength characteristic
IF = 20 mA Ta = 25C
(typ.)
IV
Relative luminous intensity
-20 0 20 40 60 80 100
5 3
Relative luminous intensity
0.8
0.6
1 0.5 0.3
0.4
0.2
0.1
0 520
540
560
580
600
Case temperature
Tc
(C)
Wavelength
(nm)
10
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
TLPGE1002A
IF - V F
100 Ta = 25C 50 30
(typ.) IV (mcd)
IV - IF
30 Ta = 25C 10 5 3
(typ.)
IF
(mA)
10 5 3
Luminous intensity
1.8 1.9 2.0 2.1 2.2 2.3
Forward current
1
0.5 0.3 1 3 5 10 30 50 100
1 1.7
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10
(typ.)
1.0
Wavelength characteristic
IF = 20 mA Ta = 25C
(typ.)
IV
Relative luminous intensity
-20 0 20 40 60 80 100
5 3
0.8
Relative luminous intensity
0.6
1 0.5 0.3
0.4
0.2
0.1
0 520
540
560
580
600
Case temperature
Tc
(C)
Wavelength
(nm)
11
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
Radiation Pattern
Vertical to polarity (typ.)
20 30 40 50 60 70 80 90 10 0 10 20 30 40 50 60 70 80 90 1.0 60 70 80 90 50 40 30
Horizontal to polarity
Ta=25 (typ.)
20
10
0
10
20 30 40 50 60 70 80 90 1.0
0
0.2
0.4
0.6
0.8
0
0.2
0.4
0.6
0.8
12
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
Packaging
These LED devices are packed in an aluminum envelope with a silica gel and a moisture indicator to avoid moisture absorption. The optical characteristics of the devices may be affected by exposure to moisture in the air before soldering and they should therefore be stored under the following conditions: 1. This moisture proof bag may be stored unopened within 12 months at the following conditions. Temperature: 5C~30C Humidity: 90% (max) 2. After opening the moisture proof bag, the devices should be assembled within 168 hours in an environment of 5C to 30C/70% RH or below. When performing lead(Pb)-free soldering, the devices should be assembled within 72 hours in an environment of 5C to 30C/70% RH or below. 3. If upon opening, the moisture indicator card shows humidity 30% or above (Color of indication changes to pink) or the expiration date has passed, the devices should be baked in taping with reel. After baking, use the baked devices within 72 hours, but perform baking only once. Baking conditions: 605C, for 12 to 24 hours. Expiration date: 12 months from sealing date, which is imprinted on the same side as this label affixed. 4. Repeated baking can cause the peeling strength of the taping to change, then leads to trouble in mounting. Furthermore, prevent the devices from being destructed against static electricity for baking of it. 5. If the packing material of laminate would be broken, the air tightness would deteriorate. Therefore, do not throw or drop the packed devices.
Mounting Method
Soldering
* Reflow soldering (example)
Temperature profile for Pb soldering (example) 10 s max(*) Package surface temperature (C) 240C max(*)
(*) 140~160C max (*) 4C/s max (*) 60~120 s max
4C/s max (*)
Time
(s)
*
* *
*
*
The products are evaluated using above reflow soldering conditions. No additional test is performed exceed the condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under the above conditions. Please perform the first reflow soldering with reference to the above temperature profile and within 168 h of opening the package. Second reflow soldering In case of second reflow soldering should be performed within 168 h of the first reflow under the above conditions. Storage conditions before the second reflow soldering: 30C, 70% RH (max) Make any necessary soldering corrections manually. (only once at each soldering point) Soldering iron : 25 W Temperature : 300C or less Time : within 3 s Do not perform wave soldering.
13
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
* Reflow soldering (example)
Temperature profile for Pb-free soldering (example) 5 s max (*) Package surface temperature (C) 260C max(*) 4C/s max (*) 150~180C max 230C
(*)
(*) 4C/s max
60~120 s max
(*) (*) 30~50 s max
(s)
Time
*
* *
*
*
The products are evaluated using above reflow soldering conditions. No additional test is performed exceed the condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under the above conditions. Please perform the first reflow soldering with reference to the above temperature profile and within 72 h of opening the package. Second reflow soldering In case of second reflow soldering should be performed within 72 h of the first reflow under the above conditions. Storage conditions before the second reflow soldering: 30C, 70% RH (max) Make any necessary soldering corrections manually. (only once at each soldering point) Soldering iron : 25 W Temperature : 300C or less Time : within 3 s Do not perform wave soldering.
Recommended soldering pattern
1.2 1.0 1.2 Unit: mm
(1.2)
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents. It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the recommended conditions). In selecting the one for your actual usage, please perform sufficient review on washing condition, using condition and etc. ASAHI CLEAN AK-225AES KAO CLEAN TROUGH 750H PINE ALPHA ST-100S TOSHIBA TECHNOCARE (FRW-17, FRW-1, FRV-100) : (made by ASAHI GLASS) : (made by KAO) : (made by ARAKAWA CHEMICAL) : (made by GE TOSHIBA SILICONES)
Precaution when mounting
Do not apply force to the plastic part of the LED under high-temperature conditions. To avoid damaging the LED plastic, do not apply friction using a hard material. When installing the PCB in a product, ensure that the device does not come into contact with other cmponents.
14
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
Tape Specifications
1. Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The method of classification is as below. (However, this method does not apply to products whose electrical/optical characteristics differ from standard Toshiba specifications) (1) (2) Tape Type: T02 (4-mm pitch) Example
TLRE1002A (T02) Tape type Toshiba product No.
2. Handling precautions
Tape material protected against static electricity. However, static electricity may occur depending on quantity of charged static electricity and a device may attach to a tape, or a device may be unstable when peeling a tape cover. (a) Since tape materials may accumulate an electrostatic charge, use an ionizer to neutralize the ambient air. (b) For transport and temporary storage of devices, use containers (boxes and bags) and jigs that are made of anti-static materials or of materials which dissipate electrostatic charge.
3.
Tape dimensions
Unit: mm Symbol D E P0 t F D1 Value 1.50 1.75 4.00 0.20 3.50 1.10 Tolerance +0.1/-0 0.1 0.1 0.05 0.05 0.1 Symbol P2 W P A0 B0 K0 Value 2.00 8.00 4.00 1.45 2.25 1.30 Tolerance 0.05 0.3 0.1 0.1 0.1 0.05
P0 D P2 E F W t
K0
B0 Polarity
P A0
D1
15
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
4. Reel dimensions
Unit: mm
180
+0 -4
11.4 1 9 0.3
21 0.8
13 0.5
2 0.5
5. Leader and trailer section of tape
40 mm or more (Note 1)
40 mm or more (Note 2) Leading part 190 mm (min)
Note 1: Empty trailer section Note 2: Empty leader section
60
16
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
6. Packing display
(1) Packing quantity
Reel Carton 3,000 pcs 15,000 pcs
(2) Package form: Each reel is sealed in an aluminum pack with silica gel.
7. Label format
(1) Example: TLRE1002A (T02) P/N:
TYPE ADDC
TOSHIBA
TLRE1002A
(T02) Q'TY 32C 3,000 pcs 3000
Lot Number Key code for TSB (RANK SYMBOL)
Use under 5-30degC/70%RH within 72h
[[G]]/RoHS COMPATIBLE *Y3804xxxxxxxxxxxxxxxxx* SEAL DATE: DIFFUSED IN ***** ASSEMBLED IN *****
(2) Label location
* Reel * Carton
Tape reel direction
Label position Label position * The aluminum package in which the reel is supplied also has a copy of the label attached to center of one side.
17
2006-06-13
TL(RE,SE,OE,YE,PYE,GE,FGE,PGE)1002A(T02)
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
18
2006-06-13


▲Up To Search▲   

 
Price & Availability of TLRE1002A06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X