|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TLP165J TOSHIBA Photocoupler GaAs Ired & Photo-Triac TLP165J Triac Drive Programmable Controllers AC-Output Module Solid State Relay Unit in mm The TOSHIBA mini flat coupler TLP165J is a small outline coupler, suitable for surface mount assembly. The TLP165J consists of a photo triac, optically coupled to a gallium arsenide infrared emitting diode. * * * * * * Peak off-state voltage: 600 V (min.) Trigger LED current: 10 mA (max.) On-state current: 70 mA (max.) Isolation voltage: 2500 Vrms (min.) UL recognized: UL1577, file no. E67349 Option (V4) type VDE approved: EN 60747-5-2 satisfied Maximum operating insulation voltage: 565Vpk Highest permissible over voltage: 4000Vpk TOSHIBA Weight: 0.09 g 11-4C3 Trigger LED Current Type (Note 1) (IFT7) None Trigger LED Current (mA) VT=6V, Ta=25C Min. Max. 7 10 T7 T7, blank Marking Of Classification Pin Configurations 1 6 * Exp. rank IFT7: TLP165J (IFT7) (Note 1) Application type name for certification test, please use standard product type name, i.e. TLP165J(IFT7): TLP165J 3 1 . Anode 3 . Cathode 4 . Terminal 1 6 . Terminal 2 4 1 2007-10-01 TLP165J Absolute Maximum Ratings (Ta = 25C) Characteristic Forward current Forward current derating (Ta 53C) LED Peak forward current (100s pulse, 100 pps) Reverse voltage Junction temperature Off- state output terminal voltage On-state RMS current Detector Ta=25C Ta=70C Symbol IF IF / C IFP VR Tj VDRM IT(RMS) IT / C ITP ITSM Tj Tstg Topr Tsol (Note 2) BVS Rating 50 -0.7 1 5 125 600 70 40 -0.67 2 1.2 115 -55~125 -40~100 260 2500 Unit mA mA / C A V C V mA mA / C A A C C C C Vrms On-state current derating (Ta 25C) Peak on-state current (100s pulse, 120 pps) Peak nonrepetitive surge current (PW=10ms, DC=10%) Junction temperature Storage temperature range Operating temperature range Lead soldering temperature (10s) Isolation voltage (AC, 1 min., R.H. 60%) Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (Note 2) Device considered a two terminal device: Pins 1 and 3 shorted together and 4 and 6 shorted together. Recommended Operating Conditions Characteristic Supply voltage Forward current Peak on-state current Operating temperature Symbol VAC IF ITP Topr Min. 15 -25 Typ. 20 Max. 240 25 1 85 Unit Vac mA A C Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document. 2 2007-10-01 TLP165J Electrical Characteristics (Ta = 25C) Characteristic Forward voltage LED Reverse current Capacitance Peak off-state current Peak on-state voltage Detector Holding current Critical rate of rise of off-state voltage Critical rate of rise of commutating voltage Symbol VF IR CT IDRM VTM IH dv / dt dv / dt(c) IF=10mA VR=5V V=0, f=1MHz VDRM=600V ITM=70mA Vin=240Vrms, Ta=85C IT=15mA, Vin=60Vrms (Note 3) (Note 3) Test Condition Min. 1.0 Typ. 1.15 30 10 1.7 1.0 500 0.2 Max. 1.3 10 1000 2.8 Unit V A pF nA V mA V / s V / s Coupled Electrical Characteristics (Ta = 25C) Characteristic Trigger LED current Capacitance input to output Isolation resistance Symbol IFT Cs RS VT=6V VS=0, f=1MHz VS=500V, R.H. 60% AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Turn-on time tON VD=64V, RL = 100 IF=Rated IFTx1.5 Test Condition Min. 1x10 12 Typ. 0.8 10 14 Max. 10 100 Unit mA pF Vrms Vdc s 2500 5000 5000 (Note 3) dv / dt test circuit Rin VCC + 120 1 3 6 4 Vin RL 4K 5VVCC 0V dv / dt (c) dv / dt 3 2007-10-01 TLP165J RESTRICTIONS ON PRODUCT USE * The information contained herein is subject to change without notice. 20070701-EN * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. 4 2007-10-01 |
Price & Availability of TLP165J07 |