Part Number Hot Search : 
5250A SI4477 EPR1517S 2SC9011 381XS22D HC1G0 BZX84C15 RB731U
Product Description
Full Text Search
 

To Download TLP12607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP126
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP126
Programmable Controllers AC / DC-Input Module Telecommunication
The TOSHIBA mini flat coupler TLP126 is a small outline coupler, suitable for surface mount assembly. TLP126 consists of a photo transistor, optically coupled to a gallium arsenide infrared emitting diode connected inverse parallel, and provides high CTR at low AC input current. * * * * Collector-emitter voltage: 80 V (min.) Current transfer ratio: 100% (min.) Isolation voltage: 3750Vrms (min.) UL recognized: UL1577, file No. E67349 Unit in mm
TOSHIBA Weight: 0.09 g
11-4C1
view)
Pin Configurations (top
1 6
3
4 1 : Anode, Cathode 3 : Cathode, Anode 4 : Emitter 6 : Collector
1
2007-10-01
TLP126
Absolute Maximum Ratings (Ta = 25C)
Characteristic Forward current LED Forward current derating (Ta 53C) Peak forward current(100s pulse,100pps) Junction temperature Collector-emitter voltage Emitter-collector voltage Detector Collector current Peak collector current(10ms pulse,100pps) Power dissipation Power dissipation derating (Ta 25C) Junction temperature Storage temperature range Operating temperature range Lead soldering temperature(10 sec.) Total package power dissipation Total package power dissipation derating (Ta25C) Isolation voltage (AC, 1min., RH 60%) (Note 1) Symbol IF(RMS) IF / C IFP Tj VCEO VECO IC ICP PC PC / C Tj Tstg Topr Tsold PT PT / C BVS Rating 50 -0.7 1 125 80 7 50 100 150 -1.5 125 -55~125 -55~100 260 200 -2.0 3750 Unit mA mA / C A C V V mA mA mW mW / C C C C C mW mW / C Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (Note 1) Device considered a two terminal device: Pins1, and 3 shorted together and 4 and 6 shorted together.
Recommended Operating Conditions
Characteristic Supply voltage Forward current Collector current Operating temperature Symbol VCC IF(RMS) IC Topr Min. -25 Typ. 5 1.6 1 Max. 48 20 10 75 Unit V mA mA C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document.
2
2007-10-01
TLP126
Individual Electrical Characteristics (Ta = 25C)
Characteristic LED Forward voltage Capacitance Collector-emitter breakdown voltage Detector Emitter-collector breakdown voltage Collector dark current Capacitance collector to emitter Symbol VF CT V(BR) CEO V(BR) ECO ICEO CCE Test Condition IF = 10 mA V = 0, f = 1 MHz IC = 0.5 mA IE = 0.1 mA VCE = 48 V VCE = 48 V, Ta = 85C V = 0, f = 1 MHz Min. 1.0 Typ. 1.15 60 Max. 1.3 Unit V pF V V nA A pF
80 7

10 2 12

100 50

Coupled Electrical Characteristics (Ta = 25C)
Characteristic Current transfer ratio Low input CTR Collector-emitter saturation voltage Off-state collector current CTR symmetry Symbol IC / IF IC / IF (low) VCE (sat) IC(off) IC (ratio) Test Condition IF = 1 mA, VCE = 0.5 V IF = 0.5 mA, VCE = 1.5 V IC = 0.5 mA, IF = 1 mA IC = 1 mA, IF = 1 mA VF = 0.7V, VCE = 48 V IC (IF = -1mA) / IC (IF = 1mA) MIn. 100 50 0.3 Typ. 0.2 1 Max. 1200 0.4 10 3 Unit % % V A --
Coupled Electrical Characteristics (Ta = -25~75C)
Characteristic Current transfer ratio Low input CTR Symbol IC / IF IC / IF (low) Test Condition IF = 1 mA, VCE = 0.5 V IF = 0.5 mA, VCE = 1.5 V MIn. 50 Typ. 50 Max. Unit % %
3
2007-10-01
TLP126
Isolation characteristics (Ta = 25C)
Characteristic Capacitance input to output Isolation resistance Symbol CS RS Test Condition VS = 0, f = 1 MHz VS = 500 V AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Min. 5x10
10
Typ. 0.8 10
14
Max.
Unit pF Vrms Vdc
3750
10000 10000
Switching Characteristics (Ta = 25C)
Characteristic Rise time Fall time Turn-on time Turn-off time Turn-on time Storage time Turn-off time Symbol tr tf ton toff tON tS tOFF RL = 4.7 k VCC = 5 V, IF = 1.6 mA (Fig.1) VCC = 10 V, IC = 2 mA RL = 100 Test Condition Min. Typ. 8 8 10 8 10 50 300 Max. s s Unit
Fig. 1 Switching time test circuit
IF VCC VCE IF ts VCE VCC 4.5V 0.5V tON tOFF
RL
4
2007-10-01
TLP126
IF - Ta
100 200
PC - Ta
Allowable collector power dissipation PC (mW)
Allowable forward current IF (mA)
80
160
60
120
40
80
20
40
0 -20
0
20
40
60
80
100
120
0 -20
0
20
40
60
80
100
120
Ambient temperature
Ta
(C)
Ambient temperature
Ta
(C)
IFP - DR IFP (mA)
3000 100 Pulse width 100s Ta = 25C 50 Ta = 25C
IF - V F
500
(mA) IF Forward current
10-3 3 10-2 3 10-1 3 100
1000
30 10 5 3 1 0.5 0.3
Pulse forward current
300
100 50 30
10 3
Duty cycle ratio
DR
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
Forward voltage
VF
(V)
VF / Ta - IF Forward voltage temperature coefficient VF / Ta (mV / C)
-3.2 -2.8 -2.4 -2.0 -1.6 -1.2 -0.8 -0.4 0.1
(mA)
IFP - VFP
1000 500 300
PULSE FORWARD CURRENT IFP
100 50 30
10 5 3 1 0.6 Pulse width 10s Repetitive Frequency = 100Hz Ta = 25C 1.0 1.4 1.8 2.2 2.6 3.0
0.3 0.5
1
3
5
10
30
50
Forward current
IF (mA)
Pulse forward voltage
VFP
(V)
5
2007-10-01
TLP126
IC - VCE
4 Ta = 25C 4 Ta = 25C IF = 1.0mA
IC - VCE
(mA)
(mA)
IF = 1.0mA 3
3 0.8mA
IC
IC
Collector current
Collector current
0.8mA 2 0.6mA 1 0.5mA 0.4mA 0.2mA
2 0.6mA 0.5mA 1 0.4mA 0.2mA 0 0 2 4 6 8 10
0 0
0.2
0.4
0.6
0.8
1.0
Collector-emitter voltage
VCE (V)
Collector-emitter voltage
VCE (V)
I C - IF
50 30 101
ICEO - Ta
IC (mA)
10 5 Sample A 1 0.5 0.3 0.1 0.05 0.03 0.1 Sample B 10
0
Collector current
(A)
3
VCE = 48V 10-1
24V 10V 5V
Ta = 25C VCE = 5V VCE = 1.5V VCE = 0.5V
Collector dark current
ICEO
3 5 10
10-2
0.3
0.5
1
Forward current
IF
(mA)
10-3
IC / IF - IF
1000 Ta = 25C
10-4 0
20
40
60
80
100
120
Ambient temperature
Ta
(C)
IC / IF (%)
500 Sample A 300
Current transfer ratio
Sample B 100 VCE = 5V VCE = 1.5V 50 30 0.1 VCE = 0.5V
0.3
0.5
1
3
5
10
Forward current
IF (mA)
6
2007-10-01
TLP126
VCE(sat) - Ta
0.14 30
IC - Ta
VCE = 1.5V VCE = 0.5V 10 IF = 2mA
Collector-emitter saturation voltage VCE(sat) (V)
0.12
(mA)
0.10
5 3
0.06
Collector current
IC
0.08
1mA
1 0.5 0.3
0.5mA
0.04 IF = 1mA Ic = 0.5mA -20 0 20 40 60 80 100
0.02
0.2mA
0 -40
0.1 0.05
Ambient temperature
Ta
()
-20
0
20
40
60
80
100
Ambient temperature Switching Time - RL
5000 3000 Ta = 25C IF = 1.6mA VCC = 5V
Ta
()
1000
tOFF
(s) Switching time
500 300 ts 100
50 30
10
tON
5 1
3
5
10
30
50
100
Load resistance
RL
(k)
7
2007-10-01
TLP126
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
8
2007-10-01


▲Up To Search▲   

 
Price & Availability of TLP12607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X