Part Number Hot Search : 
CPQ130 7234BRZ 32CDT SMBJ10 01906 C89E53A LM6500 C2012C0
Product Description
Full Text Search
 

To Download TD62930P06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TD62930P/F
TOSHIBA BIPOLAR DIGITAL IC SILICON MONOLITHIC
TD62930P,TD62930F
THREE-CHANNEL SMALL-SIGNAL IGBT GATE DRIVER
The TD62930P and TD62930F are drivers using 5 V-signal input to output the signals required to drive IGBT gates. TD62930P / F is the most suitable for low-side drive of a miniature IGBT to use for inverter for the household electric appliances mainly. The outputs are separated into high-side and low-side outputs. This separation simplifies the IGBT gate on / off timing control. Two output signals are assigned for one input signal. The high-side output is high-level for high-level input, and high impedance for low-level input. The low-side output is high impedance for high-level input, and low-level for low-level input.
TD62930P
TD62930F
FEATURES
Power supply voltage (absolute maximum rating) High-voltage block power supply voltage VCC = 30 V Low-voltage block power supply voltage VDD = 7 V Output current (absolute maximum rating) High-side peak current IOUT = -0.4 A (max) Low-side peak current IOUT = 0.4 A (max) Input-output response speed tpHL, tpLH 1 s (max) Package : DIP16 / SSOP16 (1.00 mm pitch)
Weight DIP16-P-300-2.54A: 1.11 g (typ.) SSOP16-P-225-1.00A: 0.14 g (typ.)
1
2006-06-14
TD62930P/F
PIN ASSIGNMENT (TOP VIEW)
INTERNAL EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No. 1, 8 2 3, 7 4, 5, 6 11, 14 9, 12, 15 10, 13, 16 PIN NAME VCC VDD L-GND IN1~3 P-GND OUT-L1~3 OUT-H1~3 30 V supply pins 5 V supply pin Ground pins for 5 V supply Input pins for 5 V output control signals Ground pins for 30 V supply Low-side output pins High-side output pins FUNCTION
2
2006-06-14
TD62930P/F
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
CHARACTERISTIC Power Supply Voltage Power Supply Voltage Input Voltage PIN / PACKAGE VCC VDD IN1~3 OUT-H1~3 Output Voltage OUT-L1~3 High-level Output Peak Current Low-level Output Peak Current Operating Frequency Power Dissipation Operating Ambient Temperature Storage Temperature OUT-H1~3 OUT-L1~3 IN1~3 DIP16 SSOP16 VOUT (L) IOPH (Note 1) IOPL (Note 1) f PD1 (Note 2) PD2 (Note 2) Topr Tstg SYMBOL VCC VDD VIN VOUT (H) RATING 30 7 -0.5~VDD + 0.5 0~20 (Ta = -20~85C) 0~30 (Ta = -20~70C) -0.5~20 (Ta = -20~85C) -0.5~30 (Ta = -20~70C) -0.4 +0.4 25 1.47 (FREE AIR) 0.78 (ON PCB) -20~85 -55~150 UNIT V V V V
V A / ch A / ch kHz W W C C
Note 1: Output pin current The pulse width of the output pin current at peak is 1 s, 300 pps. Note 2: When ambient temperature exceeds 25C Derate the power dissipation of DIP-type devices at 11.76 mW / 1C (device only) and Derate the power dissipation of SMD-type devices at 6.24 mW / 1C (mounted on the board).
RECOMMENDED OPERATING CONDITIONS
(Unless otherwise specified, Ta = -20 to 70C)
CHARACTERISTIC Input Voltage High level Low level High level Low level PIN IN1~3 SYMBOL VIH VIL IIH IIL VCC VDD IOH (DC) IOH (Peak) IOL (DC) IOL (Peak) Topr VCC = 20 V, VDD = 4.5 V TEST CONDITION VCC = 15 V, VDD = 4.5~5.5 V VCC = 15 V, VDD = 4.5~5.5 V MIN 3.5 10 4.5 -20 -20 TYP. 15 5.0 25 25 MAX 1.0 5 -5 25 5.5 -0.1 -0.35 0.1 0.35 70 85 C A UNIT V
Input Current
IN1~3 VCC VDD OUT-H1~3
mA
Input Power Supply Voltage
V
Output Current OUT-L1~3
VCC = 20 V, VDD = 4.5 V VCC = 30 V, VDD = 5.5 V VCC = 20 V, VDD = 5.5 V
Operating Temperature
3
2006-06-14
TD62930P/F
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Ta = -20 to 70C)
CHARACTERISTIC Input Current High level Low level High level Low level PIN IN1~3 OUT-H1~3 OUT-L1~3 SYMBOL IIH IIL VOH VOL TEST CONDITION VCC = 15 V, VIN = 5 V VCC = 15 V, VIN = 0 V VCC = 15 V, VIH = 5 V, RLH = 100 VCC = 15 V, VIL = 0 V, RLL = 100 VDD = 5.5 V, VIH = 0 V, Ta = 25C VDD = 5.5 V, VIH = 0 V, Ta = -20~85C VDD = 5.5 V, VIH = 5 V, Ta = 25C VDD = 5.5 V, VIH = 5 V, Ta = -20~85C VCC = 30 V, VDD = 5.5 V, VIH = 0 V, Ta = 25C VCC = 30 V, VDD = 5.5 V, VIH = 0 V VCC = 30 V, VDD = 5.5 V, VIH = 5 V, Ta = 25C VCC = 30 V, VDD = 5.5 V, VIH = 5 V MIN 0.1 VCC -4.0 0.3 10 TYP. 0.2 0 VCC -1.9 0.5 1.5 1.8 10.2 7.5 MAX 0.4 VCC -1.0 2.5 3.0 3.5 mA 3.5 4.0 15.0 18.0 mA 11.0 14.0 30 V UNIT mA
Output Voltage
V
IDDL Dissipation Current 1 VDD IDDH
ICCL Dissipation Current 2 VCC ICCH
Operating Power Supply Voltage
VCC
VCCopr
SWITCHING CHARACTERISTICS (Unless otherwise specified, Ta = -20~70C)
CHARACTERISTIC High level PIN OUT-H1~3 SYMBOL tPLH TEST CONDITION VDD = 5.0 V, VCC = 15 V RLH = RLL = 100 , VIN = 0.7 to 4 V VDD = 5.0 V, VCC = 15 V RLH = RLL = 100 , VIN = 4 to 0.7 V MIN TYP. 0.25 MAX 1.00 s 0.25 1.00 UNIT
Output Propagation Delay Time
Low level
OUT-L1~3
tPHL
4
2006-06-14
TD62930P/F
SWITCHING WAVEFORM
PROPAGATION DELAY TIME TEST CIRCUIT
Toshiba recommends connecting load resistors as in the above diagram, utilizing the independence of the high-level and low-level sides of this IC.
5
2006-06-14
TD62930P/F
TEST CIRCUIT
(1) IIH (2) IIL
(3)
VIH, VOH
(4)
VIL, VOL
(5) IDDL, IDDH
(6) ICCL, ICCH
6
2006-06-14
TD62930P/F
APPLICATION CIRCUIT
PRECAUTIONS for USING
This IC does not integrate protection circuits such as overcurrent and overvoltage protectors. Thus, if excess current or voltage is applied to the IC, the IC may be damaged. Please design the IC so that excess current or voltage will not be applied to the IC. Utmost care is necessary in the design of the output line, VCC and GND (L-GND, P-GND) line since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
7
2006-06-14
TD62930P/F
PACKAGE DIMENSIONS
DIP16-P-300-2.54A Unit: mm
Weight: 1.11 g (typ.)
8
2006-06-14
TD62930P/F
PACKAGE DIMENSIONS
SSOP16-P-225-1.00A Unit: mm
Weight: 0.14 g (typ.)
9
2006-06-14
TD62930P/F
Notes on Contents
1. Equivalent Circuits
The equivalent circuit diagrams may be simplified or some parts of them may be omitted for explanatory purposes.
2. Application Circuits
The application circuits shown in this document are provided for reference purposes only. Thorough evaluation is required, especially at the mass production design stage. Toshiba does not grant any license to any industrial property rights by providing these examples of application circuits.
3. Test Circuits
Components in the test circuits are used only to obtain and confirm the device characteristics. These components and circuits are not guaranteed to prevent malfunction or failure from occurring in the application equipment.
IC Usage Considerations
Notes on Handling of ICs
(1) The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded, even for a moment. Do not exceed any of these ratings. Exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. Use an appropriate power supply fuse to ensure that a large current does not continuously flow in case of over current and/or IC failure. The IC will fully break down when used under conditions that exceed its absolute maximum ratings, when the wiring is routed improperly or when an abnormal pulse noise occurs from the wiring or load, causing a large current to continuously flow and the breakdown can lead smoke or ignition. To minimize the effects of the flow of a large current in case of breakdown, appropriate settings, such as fuse capacity, fusing time and insertion circuit location, are required. If your design includes an inductive load such as a motor coil, incorporate a protection circuit into the design to prevent device malfunction or breakdown caused by the current resulting from the inrush current at power ON or the negative current resulting from the back electromotive force at power OFF. IC breakdown may cause injury, smoke or ignition. Use a stable power supply with ICs with built-in protection functions. If the power supply is unstable, the protection function may not operate, causing IC breakdown. IC breakdown may cause injury, smoke or ignition. Do not insert devices in the wrong orientation or incorrectly. Make sure that the positive and negative terminals of power supplies are connected properly. Otherwise, the current or power consumption may exceed the absolute maximum rating, and exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. In addition, do not use any device that is applied the current with inserting in the wrong orientation or incorrectly even just one time. Carefully select external components (such as inputs and negative feedback capacitors) and load components (such as speakers), for example, power amp and regulator. If there is a large amount of leakage current such as input or negative feedback condenser, the IC output DC voltage will increase. If this output voltage is connected to a speaker with low input withstand voltage, overcurrent or IC failure can cause smoke or ignition. (The over current can cause smoke or ignition from the IC itself.) In particular, please pay attention when using a Bridge Tied Load (BTL) connection type IC that inputs output DC voltage to a speaker directly.
(2)
(3)
(4)
(5)
10
2006-06-14
TD62930P/F
Points to Remember on Handling of ICs
(1) Heat Radiation Design In using an IC with large current flow such as power amp, regulator or driver, please design the device so that heat is appropriately radiated, not to exceed the specified junction temperature (Tj) at any time and condition. These ICs generate heat even during normal use. An inadequate IC heat radiation design can lead to decrease in IC life, deterioration of IC characteristics or IC breakdown. In addition, please design the device taking into considerate the effect of IC heat radiation with peripheral components. Back-EMF When a motor rotates in the reverse direction, stops or slows down abruptly, a current flow back to the motor's power supply due to the effect of back-EMF. If the current sink capability of the power supply is small, the device's motor power supply and output pins might be exposed to conditions beyond maximum ratings. To avoid this problem, take the effect of back-EMF into consideration in system design.
(2)
11
2006-06-14
TD62930P/F
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice. 021023_D
060116EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. 021023_A * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C * The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E
12
2006-06-14


▲Up To Search▲   

 
Price & Availability of TD62930P06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X