Part Number Hot Search : 
19330003 A02019 XP4212 HY5V66GF MAX96 JA3508 3052A 48LC3
Product Description
Full Text Search
 

To Download TC7MPN3125FTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC7MPN3125FTG
TOSHIBA Digital Integrated Circuit Silicon Monolithic
TC7MPN3125FTG
Low Voltage/Low Power 2-Bit x 2 Dual Supply Bus Transceiver
The TC7MPN3125FTG is a dual supply, advanced high-speed CMOS 4-bit dual supply voltage interface bus transceiver fabricated with silicon gate CMOS technology. It is also designed with over voltage tolerant inputs and outputs up to 3.6 V. Designed for use as an interface between a 1.2-V, 1.5-V, 1.8-V, or 2.5-V bus and a 1.8-V, 2.5-V or 3.6-V bus in mixed 1.2-V, 1.5-V, 1.8-V or 2.5-V/1.8-V, 2.5-V or 3.6-V supply systems. The A-port interfaces with the 1.2-V, 1.5-V, 1.8-V or 2.5-V bus, the B-port with the 1.8-V, 2.5-V, 3.3-V bus. Weight: 0.013 g (typ.) The direction of data transmission is determined by the level of the DIR input. The enable input ( OE ) can be used to disable the device so that the buses are effectively isolated. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
* * Bidirectional interface between 1.2-V and 1.8-V, 1.2-V and 2.5-V, 1.2-V and 3.3-V, 1.5-V and 2.5-V, 1.5-V and 3.3-V, 1.8-V and 2.5-V, 1.8-V and 3.3-V or 2.5-V and 3.3-V buses. High-speed operation: tpd = 13.7 ns (max) (VCCA = 2.5 0.2 V, VCCB = 3.3 0.3 V) tpd = 14.8 ns (max) (VCCA = 1.8 0.15 V, VCCB = 3.3 0.3 V) tpd = 16.0 ns (max) (VCCA = 1.5 0.1 V, VCCB = 3.3 0.3 V) tpd = 61 ns (max) (VCCA = 1.2 0.1 V, VCCB = 3.3 0.3 V) tpd = 18.5 ns (max) (VCCA = 1.8 0.15 V, VCCB = 2.5 0.2 V) tpd = 19.7 ns (max) (VCCA = 1.5 0.15 V, VCCB = 2.5 0.2 V) tpd = 60 ns (max) (VCCA = 1.2 0.15 V, VCCB = 2.5 0.2 V) tpd = 58 ns (max) (VCCA = 1.2 0.1 V, VCCB = 1.8 0.15 V) Output current: IOHB/IOLB = 3 mA (min) (VCCB = 3.0 V) IOHB/IOLB = 2 mA (min) (VCCB = 2.3 V) IOHB/IOLB = 0.5 mA (min) (VCCB = 1.65 V) IOHA/IOLA = 9 mA (min) (VCCA = 2.3 V) IOHA/IOLA = 3 mA (min) (VCCA = 1.65 V) IOHA/IOLA = 1 mA (min) (VCCA = 1.4 V) Latch-up performance: 300 mA ESD performance: Machine model 200 V Human body model 2000 V Ultra-small package: VQON16 Low current consumption: Using the new circuit significantly reduces current consumption when OE = "H". Suitable for battery-driven applications such as PDAs and cellular phones. Floating A-bus and B-bus are permitted. (when OE = "H") 3.6-V tolerant function and power-down protection provided on all inputs and outputs. Note 1: Do not apply a signal to any bus pins when it is in the output mode. Damage may result. Note: When mounting VQON package, the type of recommended flux is RA or RMA.
*
* * * * *
1
2007-10-19
TC7MPN3125FTG
Pin Assignment (top view)
1DIR VCCA VCCB 1OE 16 15 14 13
IEC Logic Symbol
1OE
1DIR 13 16 12 1 G3 3 EN1 (BA) 3 EN2 (AB) G6 6 EN4 (BA) 6 EN5 (AB) 1 2 4 5 11 10 9 8 1B1 1B2 2B1 2B2
2DIR 1 1A1 1A2 2A1 2 3 4 5 6 7 8
12
2OE
2OE 2DIR
11 1B1 10 1B2 9 2B1 1A1 1A2 2 3 4 5
2A1
2A2 GND GND 2B2 2A2
Truth Table
Inputs Function
1OE L L H
1DIR L H X
Bus 1A1-1A2 Output Input Z
Bus 1B1-1B2 Input Output
Outputs A=B B=A Z
Inputs 2OE L L H 2DIR L H X
Function Bus 2A1-2A2 Output Input Z Bus 2B1-2B2 Input Output Outputs A=B B=A Z
X: Don't care Z: High impedance
Marking
FTG (VQON16-P-0303-0.50)
P05 ***
1 pin
Product name
Lot trace code
2
2007-10-19
TC7MPN3125FTG
Block Diagram
VCCA VCCB
1DIR
1OE
Logic level converter
1A1-2
1B1-2
VCCA
VCCB
2DIR
2OE
Logic level converter
2A1-2
2B1-2
3
2007-10-19
TC7MPN3125FTG
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage (DIR, OE ) (Note 2) Symbol VCCA VCCB VIN Rating
-0.5 to 4.6 -0.5 to 4.6 -0.5 to 4.6 -0.5 to 4.6 (Note 3) -0.5 to VCCA + 0.5 (Note 4) -0.5 to 4.6 (Note 3) -0.5 to VCCB + 0.5 (Note 4) -50 50 25 6 50 50
Unit V
V
VI/OA DC bus I/O voltage VI/OB Input diode current Output diode current DC output current IIK II/OK IOUTA IOUTB ICCA ICCB PD Tstg
V
mA (Note 5) mA mA
DC VCC/ground current per supply pin Power dissipation Storage temperature
mA mW
C
180
-65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: Don't supply a voltage to VCCB pin when VCCA is in the OFF state. Note 3: Output in OFF state Note 4: High or Low stats. IOUT absolute maximum rating must be observed. Note 5: VOUT < GND, VOUT > VCC
4
2007-10-19
TC7MPN3125FTG
Operating Ranges (Note 1)
Characteristics Power supply voltage (Note 2) Input voltage (DIR, OE ) Symbol VCCA VCCB VIN Rating 1.1 to 2.7 1.65 to 3.6 0 to 3.6 0 to 3.6 (Note 3) V Unit V
V
VI/OA Bus I/O voltage VI/OB
0 to VCCA (Note 4) 0 to 3.6 (Note 3)
0 to VCCB (Note 4)
9
(Note 5) (Note 6) (Note 7) (Note 8) (Note 9) (Note 10) C (Note 11) ns/V mA
IOUTA Output current IOUTB
3 1 3 2 0.5
Operating temperature Input rise and fall time
Topr dt/dv
-40 to 85
0 to 10
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs and bus inputs must be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with VCC or GND when the I/O of the bus terminal changes by the function. In this case, please note that the output is not short-circuited. Note 2: Don't use in VCCA > VCCB Note 3: Output in OFF state Note 4: High or low state Note 5: VCCB= 2.3 to 2.7 V Note 6: VCCB = 1.65 to 1.95 V Note 7: VCCB = 1.4 to 1.6 V Note 8: VCCA = 3.0 to 3.6 V Note 9: VCCA = 2.3 to 2.7 V Note 10: VCCA = 1.65 to 1.95 V Note 11: VIN = 0.8 to 2.0 V, VCCA = 2.5 V, VCCB = 3.0 V
5
2007-10-19
TC7MPN3125FTG
Electrical Characteristics DC Characteristics (2.3 V VCCA 2.7 V, 2.7 V < VCCB 3.6 V)
Characteristics Symbol VIHA VIHB L-level input voltage VILA VILB VOHA H-level output voltage VOHB VIN = VIH or VIL Test Condition DIR, OE , An Bn DIR, OE , An Bn IOHA = -100 A IOHA = -9 mA IOHB = -100 A IOHB = -3 mA VOLA L-level output voltage VOLB VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V VIN = VIH or VIL IOLA = 100 A IOLA = 9 mA IOLB = 100 A IOLB = 3 mA VCCA (V) 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 2.3 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 2.3 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 VCCB (V) 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 3.0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 3.0 2.7 to 3.6 Ta = -40 to 85C Min 1.6 2.0

Max

Unit
H-level input voltage
V
0.7 0.8

V
VCCA - 0.2 1.7 VCCB - 0.2 2.2

V
0.2 0.6 0.2 0.55
2.0 A
V
IOZA 3-state output OFF state current IOZB Input leakage current IIN IOFF1 Power-off leakage current IOFF2 IOFF3 ICCA
2.3 to 2.7 2.3 to 2.7 0
2.7 to 3.6 2.7 to 3.6 0 0 Open 2.7 to 3.6

2.0 1.0 A
2.0 2.0 2.0 2.0
A A
VIN, VOUT = 0 to 3.6 V
2.3 to 2.7 2.3 to 2.7
VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCA (VIN, VOUT) 3.6 V VCCB (VIN, VOUT) 3.6 V VINB = VCCB - 0.6 V per input
2.3 to 2.7
Quiescent supply current
ICCB ICCA ICCB ICCTB
2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7
2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6

2.0
2.0 2.0
A A
750.0
6
2007-10-19
TC7MPN3125FTG
DC Characteristics (1.65 V VCCA < 2.3 V, 2.7 V < VCCB 3.6 V)
Characteristics Symbol VIHA VIHB L-level input voltage VILA VILB VOHA H-level output voltage VOHB VIN = VIH or VIL Test Condition DIR, OE , An Bn DIR, OE , An Bn VCCA (V) VCCB (V) Ta = -40 to 85C Min 0.65 x VCCA 2.0

Max

Unit
H-level input voltage
1.65 to 2.3 2.7 to 3.6 1.65 to 2.3 2.7 to 3.6 1.65 to 2.3 2.7 to 3.6 1.65 to 2.3 2.7 to 3.6 IOHA = -100 A 1.65 to 2.3 2.7 to 3.6 IOHA = -3 mA 1.65 2.7 to 3.6
V
0.35 x VCCA 0.8

V
VCCA - 0.2 1.25 VCCB - 0.2 2.2

V
IOHB = -100 A 1.65 to 2.3 2.7 to 3.6 IOHB = -3 mA 1.65 to 2.3 3.0
VOLA L-level output voltage VOLB VIN = VIH or VIL VIN = VIH or VIL
IOLA = 100 A IOLA = 3 mA IOLB = 100 A IOLB = 3 mA VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V
1.65 to 2.3 2.7 to 3.6 1.65 2.7 to 3.6
0.2 0.3 0.2 0.55
2.0 A
1.65 to 2.3 2.7 to 3.6 1.65 to 2.3 3.0
V
IOZA 3-state output OFF state current IOZB Input leakage current IIN IOFF1 Power-off leakage current IOFF2 IOFF3 ICCA
1.65 to 2.3 2.7 to 3.6
1.65 to 2.3 2.7 to 3.6 1.65 to 2.3 2.7 to 3.6 0 0 0 Open

2.0 1.0 A
2.0 2.0 2.0 2.0
A A
VIN, VOUT = 0 to 3.6 V
1.65 to 2.3 1.65 to 2.3
VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCA (VIN, VOUT) 3.6 V VCCB (VIN, VOUT) 3.6 V VINB = VCCB - 0.6 V per input
1.65 to 2.3 2.7 to 3.6
Quiescent supply current
ICCB ICCA ICCB ICCTB
1.65 to 2.3 2.7 to 3.6 1.65 to 2.3 2.7 to 3.6 1.65 to 2.3 2.7 to 3.6 1.65 to 2.3 2.7 to 3.6

2.0
2.0 2.0
A A
750.0
7
2007-10-19
TC7MPN3125FTG
DC Characteristics (1.4 V VCCA < 1.65 V, 2.7 V < VCCB 3.6 V)
Characteristics Symbol VIHA VIHB L-level input voltage VILA VILB VOHA H-level output voltage VOHB VIN = VIH or VIL Test Condition DIR, OE , An Bn DIR, OE , An Bn VCCA (V) VCCB (V) Ta = -40 to 85C Min 0.65 x VCCA 2.0

Max

Unit
H-level input voltage
1.4 to 1.65 2.7 to 3.6 1.4 to 1.65 2.7 to 3.6 1.4 to 1.65 2.7 to 3.6 1.4 to 1.65 2.7 to 3.6 IOHA = -100 A 1.4 to 1.65 2.7 to 3.6 IOHA = -1 mA 1.4 2.7 to 3.6
V
0.30 x VCCA 0.8

V
VCCA - 0.2 1.05 VCCB - 0.2 2.2

V
IOHB = -100 A 1.4 to 1.65 2.7 to 3.6 IOHB = -3 mA 1.4 to 1.65 3.0
VOLA L-level output voltage VOLB VIN = VIH or VIL VIN = VIH or VIL
IOLA = 100 A IOLA = 1 mA IOLB = 100 A IOLB = 3 mA VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V
1.4 to 1.65 2.7 to 3.6 1.4 2.7 to 3.6
0.2 0.35 0.2 0.55
2.0 A
1.4 to 1.65 2.7 to 3.6 1.4 to 1.65 3.0
V
IOZA 3-state output OFF state current IOZB Input leakage current IIN IOFF1 Power-off leakage current IOFF2 IOFF3 ICCA
1.4 to 1.65 2.7 to 3.6
1.4 to 1.65 2.7 to 3.6 1.4 to 1.65 2.7 to 3.6 0 0 0 Open

2.0 1.0 A
2.0 2.0 2.0 2.0
A A
VIN, VOUT = 0 to 3.6 V
1.4 to 1.65 1.4 to 1.65
VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCA (VIN, VOUT) 3.6 V VCCB (VIN, VOUT) 3.6 V VINB = VCCB - 0.6 V per input
1.4 to 1.65 2.7 to 3.6
Quiescent supply current
ICCB ICCA ICCB ICCTB
1.4 to 1.65 2.7 to 3.6 1.4 to 1.65 2.7 to 3.6 1.4 to 1.65 2.7 to 3.6 1.4 to 1.65 2.7 to 3.6

2.0
2.0 2.0
A A
750.0
8
2007-10-19
TC7MPN3125FTG
DC Characteristics (1.1 V VCCA < 1.4 V, 2.7 V < VCCB 3.6 V)
Characteristics Symbol VIHA VIHB L-level input voltage VILA VILB VOHA H-level output voltage VOHB VOLA L-level output voltage VOLB VIN = VIH or VIL Test Condition DIR, OE , An Bn DIR, OE , An Bn IOHA = -100 A IOHB = -100 A IOHB = -3 mA IOLA = 100 A VIN = VIH or VIL IOLB = 100 A IOLB = 3 mA VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V VCCA (V) 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 VCCB (V) 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 3.0 2.7 to 3.6 2.7 to 3.6 3.0 2.7 to 3.6 Ta = -40 to 85C Min 0.65 x VCCA 2.0

Max

Unit
H-level input voltage
V
0.30 x VCCA 0.8

V
VCCA - 0.2 VCCB - 0.2 2.2

V
0.2 0.2 0.55
2.0 A
V
IOZA 3-state output OFF state current IOZB Input leakage current IIN IOFF Power-off leakage current IOFF IOFF ICCA
1.1 to 1.4 1.1 to 1.4 0
2.7 to 3.6 2.7 to 3.6 0 0 Open 2.7 to 3.6

2.0 1.0 A
2.0 2.0 2.0 2.0
A A
VIN, VOUT = 0 to 3.6 V
1.1 to 1.4 1.1 to 1.4
VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCA (VIN, VOUT) 3.6 V VCCB (VIN, VOUT) 3.6 V VINB = VCCA - 0.6 V per input
1.1 to 1.4
Quiescent supply current
ICCB ICCA ICCB ICCTB
1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4
2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6

2.0
2.0 2.0 A
750.0
9
2007-10-19
TC7MPN3125FTG
DC Characteristics (1.65 V VCCA < 2.3 V, 2.3 V VCCB 2.7 V)
Characteristics Symbol VIHA VIHB L-level input voltage VILA VILB VOHA H-level output voltage VOHB VIN = VIH or VIL Test Condition DIR, OE , An Bn DIR, OE , An Bn VCCA (V) VCCB (V) Ta = -40 to 85C Min 0.65 x VCCA 1.6

Max

Unit
H-level input voltage
1.65 to 2.3 2.3 to 2.7 1.65 to 2.3 2.3 to 2.7 1.65 to 2.3 2.3 to 2.7 1.65 to 2.3 2.3 to 2.7 IOHA = -100 A 1.65 to 2.3 2.3 to 2.7 IOHA = -3 mA 1.65 2.3 to 2.7
V
0.35 x VCCA 0.7

V
VCCA - 0.2 1.25 VCCB - 0.2 1.7

V
IOHB = -100 A 1.65 to 2.3 2.3 to 2.7 IOHB = -2 mA 1.65 to 2.3 2.3
VOLA L-level output voltage VOLB VIN = VIH or VIL VIN = VIH or VIL
IOLA = 100 A IOLA = 3 mA IOLB = 100 A IOLB = 2 mA VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V
1.65 to 2.3 2.3 to 2.7 1.65 2.3 to 2.7
0.2 0.3 0.2 0.6
2.0 A
1.65 to 2.3 2.3 to 2.7 1.65 to 2.3 2.3
V
IOZA 3-state output OFF state current IOZB Input leakage current IIN IOFF1 Power-off leakage current IOFF2 IOFF3 ICCA
1.65 to 2.3 2.3 to 2.7
1.65 to 2.3 2.3 to 2.7 1.65 to 2.3 2.3 to 2.7 0 0 0 Open

2.0 1.0 A
2.0 2.0 2.0 2.0
A A
VIN, VOUT = 0 to 3.6 V
1.65 to 2.3 1.65 to 2.3
VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCA (VIN, VOUT) 3.6 V VCCB (VIN, VOUT) 3.6 V
1.65 to 2.3 2.3 to 2.7
Quiescent supply current
ICCB ICCA ICCB
1.65 to 2.3 2.3 to 2.7 1.65 to 2.3 2.3 to 2.7 1.65 to 2.3 2.3 to 2.7

2.0
2.0 2.0
A
10
2007-10-19
TC7MPN3125FTG
DC Characteristics (1.4 V VCCA < 1.65 V, 2.3 V VCCB 2.7 V)
Characteristics Symbol VIHA VIHB L-level input voltage VILA VILB VOHA H-level output voltage VOHB VIN = VIH or VIL Test Condition DIR, OE , An Bn DIR, OE , An Bn VCCA (V) VCCB (V) Ta = -40 to 85C Min 0.65 x VCCA 1.6

Max

Unit
H-level input voltage
1.4 to 1.65 2.3 to 2.7 1.4 to 1.65 2.3 to 2.7 1.4 to 1.65 2.3 to 2.7 1.4 to 1.65 2.3 to 2.7 IOHA = -100 A 1.4 to 1.65 2.3 to 2.7 IOHA = -1 mA 1.4 2.3 to 2.7
V
0.30 x VCCA 0.7

V
VCCA - 0.2 1.05 VCCB - 0.2 1.7

V
IOHB = -100 A 1.4 to 1.65 2.3 to 2.7 IOHB = -2 mA 1.4 to 1.65 2.3
VOLA L-level output voltage VOLB VIN = VIH or VIL VIN = VIH or VIL
IOLA = 100 A IOLA = 1 mA IOLB = 100 A IOLB = 2 mA VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V
1.4 to 1.65 2.3 to 2.7 1.4 2.3 to 2.7
0.2 0.35 0.2 0.6
2.0 A
1.4 to 1.65 2.3 to 2.7 1.4 to 1.65 2.3
V
IOZA 3-state output OFF state current IOZB Input leakage current IIN IOFF1 Power-off leakage current IOFF2 IOFF3 ICCA
1.4 to 1.65 2.3 to 2.7
1.4 to 1.65 2.3 to 2.7 1.4 to 1.65 2.3 to 2.7 0 0 0 Open

2.0 1.0 A
2.0 2.0 2.0 2.0
A A
VIN, VOUT = 0 to 3.6 V
1.4 to 1.65 1.4 to 1.65
VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCA (VIN, VOUT) 3.6 V VCCB (VIN, VOUT) 3.6 V
1.4 to 1.65 2.3 to 2.7
Quiescent supply current
ICCB ICCA ICCB
1.4 to 1.65 2.3 to 2.7 1.4 to 1.65 2.3 to 2.7 1.4 to 1.65 2.3 to 2.7

2.0
2.0 2.0
A
11
2007-10-19
TC7MPN3125FTG
DC Characteristics (1.1 V VCCA < 1.4 V, 2.3 V VCCB 2.7 V)
Characteristics Symbol VIHA VIHB L-level input voltage VILA VILB VOHA H-level output voltage VOHB VOLA L-level output voltage VOLB VIN = VIH or VIL Test Condition DIR, OE , An Bn DIR, OE , An Bn IOHA = -100 A IOHB = -100 A IOHB = -2 mA IOLA = 100 A VIN = VIH or VIL IOLB = 100 A IOLB = 2 mA VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V VCCA (V) 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 1.1 to 1.4 VCCB (V) 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 2.3 to 2.7 2.3 2.3 to 2.7 2.3 to 2.7 2.3 2.3 to 2.7 Ta = -40 to 85C Min 0.65 x VCCA 1.6

Max

Unit
H-level input voltage
V
0.30 x VCCA 0.7

V
VCCA - 0.2 VCCB - 0.2 1.7

V
0.2 0.2 0.6
2.0 A
V
IOZA 3-state output OFF state current IOZB Input leakage current IIN IOFF Power-off leakage current IOFF IOFF ICCA
1.1 to 1.4 1.1 to 1.4 0
2.3 to 2.7 2.3 to 2.7 0 0 Open 2.3 to 2.7

2.0 1.0 A
2.0 2.0 2.0 2.0
A A
VIN, VOUT = 0 to 3.6 V
1.1 to 1.4 1.1 to 1.4
VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCA (VIN, VOUT) 3.6 V VCCB (VIN, VOUT) 3.6 V
1.1 to 1.4
Quiescent supply current
ICCB ICCA ICCB
1.1 to 1.4 1.1 to 1.4 1.1 to 1.4
2.3 to 2.7 2.3 to 2.7 2.3 to 2.7

2.0
2.0 2.0
A
12
2007-10-19
TC7MPN3125FTG
DC Characteristics (1.1 V VCCA < 1.4 V, 1.65 V VCCB < 2.3 V)
Characteristics Symbol Test Condition VCCA (V) VCCB (V) Ta = -40 to 85C Min 0.65 x VCCA 0.65 x VCCB

Max
Unit
VIHA H-level input voltage VIHB VILA L-level input voltage VILB VOHA H-level output voltage VOHB VOLA L-level output voltage VOLB
DIR, OE , An Bn DIR, OE , An Bn IOHA = -100 A VIN = VIH or VIL IOHB = -100 A IOHB = -0.5 mA IOLA = 100 A VIN = VIH or VIL IOLB = 100 A IOLB = 0.5 mA VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V
1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65
V
0.30 x VCCA 0.35 x VCCB

V
VCCA - 0.2 VCCB - 0.2 1.25

V
1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65
0.2 0.2 0.3
2.0 A
V
IOZA 3-state output OFF state current IOZB Input leakage current IIN IOFF1 Power-off leakage current IOFF2 IOFF3 ICCA
1.1 to 1.4 1.65 to 2.3
1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65 to 2.3 0 0 0 Open

2.0 1.0 A
2.0 2.0 2.0 2.0
A A
VIN, VOUT = 0 to 3.6 V
1.1 to 1.4 1.1 to 1.4
VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCA (VIN, VOUT) 3.6 V VCCB (VIN, VOUT) 3.6 V
1.1 to 1.4 1.65 to 2.3
Quiescent supply current
ICCB ICCA ICCB
1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65 to 2.3 1.1 to 1.4 1.65 to 2.3

2.0
2.0 2.0
A
13
2007-10-19
TC7MPN3125FTG
AC Characteristics (Ta = -40 to 85C, Input: tr = tf = 2.0 ns) VCCA = 2.5 0.2 V, VCCB= 3.3 0.3 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 5.4 Unit
Figure 1, Figure 3
1.0
8.4
ns
Figure 1, Figure 3
1.0
6.7
Figure 1, Figure 2
1.0
13.7
Figure 1, Figure 3
1.0
16.6
ns
Figure 1, Figure 3
1.0
7.2
(Note)
0.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCA = 1.8 0.15 V, VCCB = 3.3 0.3 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 8.9 Unit
Figure 1, Figure 3
1.0
13.4
ns
Figure 1, Figure 3
1.0
10.9
Figure 1, Figure 2
1.0
14.8
Figure 1, Figure 3
1.0
18.9
ns
Figure 1, Figure 3
1.0
8.7
(Note)
0.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
14
2007-10-19
TC7MPN3125FTG
VCCA = 1.5 0.1 V, VCCB = 3.3 0.3 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 10.3 Unit
Figure 1, Figure 3
1.0
18.5
ns
Figure 1, Figure 3
1.0
13.0
Figure 1, Figure 2
1.0
16.0
Figure 1, Figure 3
1.0
22.8
ns
Figure 1, Figure 3
1.0
10.2
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCA = 1.2 0.1 V, VCCB = 3.3 0.3 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 61 Unit
Figure 1, Figure 3
1.0
95
ns
Figure 1, Figure 3
1.0
44
Figure 1, Figure 2
1.0
29
Figure 1, Figure 3
1.0
63
ns
Figure 1, Figure 3
1.0
23
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
15
2007-10-19
TC7MPN3125FTG
VCCA = 1.8 0.15 V, VCCB = 2.5 0.2 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 9.1 Unit
Figure 1, Figure 3
1.0
13.5
ns
Figure 1, Figure 3
1.0
11.8
Figure 1, Figure 2
1.0
18.5
Figure 1, Figure 3
1.0
23.6
ns
Figure 1, Figure 3
1.0
6.9
(Note)
0.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCA = 1.5 0.1 V, VCCB = 2.5 0.2 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 10.8 Unit
Figure 1, Figure 3
1.0
18.3
ns
Figure 1, Figure 3
1.0
14.2
Figure 1, Figure 2
1.0
19.7
Figure 1, Figure 3
1.0
26.6
ns
Figure 1, Figure 3
1.0
8.3
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
16
2007-10-19
TC7MPN3125FTG
VCCA = 1.2 0.1 V, VCCB = 2.5 0.2 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 60 Unit
Figure 1, Figure 3
1.0
95
ns
Figure 1, Figure 3
1.0
45
Figure 1, Figure 2
1.0
33
Figure 1, Figure 3
1.0
66
ns
Figure 1, Figure 3
1.0
20
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCA = 1.2 0.1 V, VCCB = 1.8 0.15 V
Characteristics Propagation delay time (Bn An) 3-state output enable time ( OE An) 3-state output disable time ( OE An) Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 58 Unit
Figure 1, Figure 3
1.0
92
ns
Figure 1, Figure 3
1.0
47
Figure 1, Figure 2
1.0
43
Figure 1, Figure 3
1.0
78
ns
Figure 1, Figure 3
1.0
20
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
17
2007-10-19
TC7MPN3125FTG
Dynamic Switching Characteristics (Ta = 25C, Input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics Symbol Test Condition VCCA (V) VCCB (V) 2.5 AB Quiet output maximum dynamic VOL BA VOLP VIH = VCC, VIL = 0 V (Note) 1.8 1.8 2.5 1.8 1.8 2.5 AB Quiet output minimum dynamic VOL BA VOLV VIH = VCC, VIL = 0 V (Note) 1.8 1.8 2.5 1.8 1.8 2.5 AB Quiet output maximum dynamic VOH BA VOHP VIH = VCC, VIL = 0 V (Note) 1.8 1.8 2.5 1.8 1.8 2.5 AB Quiet output minimum dynamic VOH BA VOHV VIH = VCC, VIL = 0 V (Note) 1.8 1.8 2.5 1.8 1.8 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 Typ. 0.35 0.35 0.25 0.6 0.25 0.25
-0.35 -0.35 -0.25 -0.6 -0.25 -0.25
Unit
V
V
3.95 3.95 2.95 3.3 2.3 2.3 2.65 2.65 2.05 1.7 1.3 1.3 V V
Note: Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Bus I/O capacitance Symbol CIN CI/O DIR, OE An, Bn OE = "L" CPDA Power dissipation capacitance (Note) CPDB OE = "H" OE = "H" A B (DIR = "H") B A (DIR = "L") A B (DIR = "H") B A (DIR = "L") A B (DIR = "H") B A (DIR = "L") A B (DIR = "H") B A (DIR = "L") Test Circuit VCCA (V) VCCB (V) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.3 Typ. 7 8 3 16 0 0 16 5 0 0 pF Unit pF pF
OE = "L"
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/4 (per bit)
18
2007-10-19
TC7MPN3125FTG
AC Test Circuit
Switch
RL2
6.0 V or VCC x 2 Open GND Measure
Parameter tpLH, tpHL 6.0 V VCC x 2 tpLZ, tpZL
Switch Open @ VCC = 3.3 0.3 V @ VCC = 2.5 0.2 V @ VCC = 1.8 0.15 V @ VCC = 1.5 0.1 V @ VCC = 1.2 0.1 V
Output
CL RL1
tpHZ, tpZH
GND
VCC (output) Symbol 3.3 0.3 V 2.5 0.2 V 500 30 pF
1.8 0.15 V 1 k 30 pF
1.5 0.1 V 2 k 15 pF
1.2 0.1 V 10 k 15 pF
RL1/2A CLA RL1B RL2B CLB
1 k 30 pF
1 k 30 pF
1 k 30 pF
1 k 30 pF
Figure 1
19
2007-10-19
TC7MPN3125FTG
AC Waveform
tr 2.0 ns Input (An, Bn) tf 2.0 ns 90% VM 10% VIH GND VOH VM tpLH tpHL VOL
Output (Bn, An)
Figure 2 tpLH, tpHL
tr 2.0 ns Output enable control ( OE ) tpLZ Output (An, Bn) low to off to low tpHZ tf 2.0 ns 90% VM VIH 10% tpZL 3.0 V or VCC VX VM tpZH VOL VOH VM GND Outputs enabled Outputs disabled Outputs enabled GND
Output (An, Bn) high to off to high
VY
Figure 3 tpLZ, tpHZ, tpZL, tpZH
VCC Symbol 3.3 0.3 V 2.7 V 1.5 V VOL + 0.3 V VOH - 0.3 V 2.5 0.2 V 1.8 0.15 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V 1.5 0.1 V 1.2 0.1 V VCC VCC/2 VOL + 0.1 V VOH - 0.1 V
VIH VM VX VY
20
2007-10-19
TC7MPN3125FTG
Package Dimensions
Weight: 0.013 g (typ.)
21
2007-10-19
TC7MPN3125FTG
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
22
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC7MPN3125FTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X