Part Number Hot Search : 
LC4256V DTQS3 FP1016A SKY65 GP2U05 LTC4054L EMG29DX 44025
Product Description
Full Text Search
 

To Download TC75S59AFC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC75S59AFE/AFC
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC75S59AFE,TC75S59AFC
Single ComparatorOpen-Drain Output
The TC75S59AFE and TC75S59AFC are CMOS general-purpose single comparators. The devices can operate from a single supply voltage and are designed for a lower supply-current than conventional general-purpose bipolar comparators. The output is designed for Open-Drain Output and can supply a higher voltage than the power supply. Therefore, it is possible to pull-up the voltage to a level higher than that of the power supply. The Open-Drain Output can be wired-OR with another Open-Drain Output circuit. * Output voltage should not exceed the maximum rating.
TC75S59AFC TC75S59AFE
Features
* * * * * * Low Supply Current: IDD = 100 A (typ.) Single Power Supply Operation Wide Common Mode Input Voltage Range: VSS~VDD - 0.9 V Open-Drain Output Circuit Low Input Bias Current Small Package
CSON6-P-0.45
Weight SON5-P-0.50 : 0.003 g (typ.) CSON6-P-0.45 : 0.002 g (typ.)
Marking (top view)
TC75S59AFE
5 4
Pin Assignment (top view)
TC75S59AFE
VDD 5 OUT 4
TH
1
2
3
1 IN (-)
2 VSS
3 IN (+)
TC75S59AFC
Marking
6 5 4
TC75S59AFC
VDD
6
NC
5
OUT
4
TH
1 2 3
Monthly Indication
1
2
3
IN (-)
Vss
IN (+)
1
2007-10-01
TC75S59AFE/AFC
Absolute Maximum Ratings (Ta = 25C)
Characteristics Supply Voltage Differential Input Voltage Input Voltage Output Current Output Voltage Power Dissipation Operating Temperature Strage Temperature Symbol VDD, VSS DVIN VIN IO VO PD Topr Tstg Rating 3.5 or 7 7 VSS~VDD 35 VSS ~ VSS + 7 TC75S59AFE TC75S59AFC 100 100 (Note 1) Unit V V V mA V mW C C
-40~85 -55~125
Note: Due to the CMOS structure, this device may be susceptible to latch-up. following precautions; *
To prevent latch-up, please take the In addition, check the
Ensure that no I/O pin's voltage level ever exceeds Vdd or drops below Vss. power-on timing.
* Do not subject the device to excessive noise. (Note 1) : FR4 in board implementation 25.4mm x 25.4mm x 1.6t, Cu Pad: 0.4mm2
2
2007-10-01
TC75S59AFE/AFC
Electrical Characteristics (VDD = 5 V, VSS = GND, Ta = 25C)
Characteristics Input Offset Voltage Input Offset Current Input Bias Current Common Mode Input Voltage Supply Current Voltage Gain Sink Current Output Leakage Current Off-state Leakage Current Output Low Voltage Operating Supply Voltage Range Propagation Delay (Turn on) Propagation Delay (Turn off) Response Time Symbol VIO IIO II CMVIN IDD (Note1) GV Isink ILEAK IOFF VOL VDD tPLH (1) tPLH (2) tPHL (1) tPHL (2) tTLH tTHL Test Circuit VOL = 0.5 V VDD = 5 V , VO = 5 V VDD = 0 V , VO = 5 V Isink = 5.0 mA Over Drive = 100 mV TTLStep Input Over Drive = 100 mV TTL Step Input Over Drive = 100 mV Over Drive = 100 mV Test Condition Min. 0 13 1.8 Typ. 1 1 1 110 94 25 5 5 0.1 200 140 80 60 160 3 Max. 7 4.1 220 0.3 7.0 Unit mV pA pA V A dB mA nA nA V V ns

ns
ns
Electrical Characteristics (VDD = 3 V, VSS = GND, Ta = 25C)
Characteristics Input Offset Voltage Input Offset Current Input Bias Current Common Mode Input Voltage Supply Current Sink Current Output Leakage Current Off-State Leakage Current Output Low Voltage Propagation Delay (Turn On) Propagation Delay (Turn Off) Response Time Symbol VIO IIO II CMVIN IDD (Note1) Isink ILEAK IOFF VOL tPLH tPHL tTLH tTHL Test Circuit VOL = 0.5 V VDD = 3 V , VO = 3 V VDD = 0 V , VO = 3 V Isink = 5.0 mA Over Drive = 100 mV Over Drive = 100 mV Over Drive = 100 mV Over Drive = 100 mV Test Condition Min. 0 6 Typ. 1 1 1 100 18 5 5 0.15 160 70 170 3 Max. 7 2.1 200 0.35 Unit mV pA pA V A mA nA nA V ns ns ns

Note1: The current consumption of this device increases as its operating frequency increases. dissipation should not exceed the allowable power.
Note that the power
3
2007-10-01
TC75S59AFE/AFC
IDD - f
10000 VDD = 3 V
(A)
VSS = GND Ta = 25C 1000
Supply Current
IDD
100
10 0.01
0.1
1
10
100
1000
10000
Frequency f
(kHz)
IDD - f
10000 VDD = 5 V
(A)
VSS = GND Ta = 25C 1000
Supply Current
IDD
100
10 0.01
0.1
1
10
100
1000
10000
Frequency f
(kHz)
4
2007-10-01
TC75S59AFE/AFC
VOL - Isink
3.0 5.0 VDD = 3 V 4.5 VDD = 5 V VSS = GND Ta = 25C
VOL - Isink
VOL (V)
2.5
VSS = GND Ta = 25C
VOL (V) Output Low Voltage
15 20 25 30 35 40
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0
2.0
Output Low Voltage
1.5
1.0
0.5
0.0 0
5
10
5
10
15
20
25
30
35
40
Sink Current
Isink
(mA)
Sink Current
Isink
(mA)
PD - Ta
300 This data was obtained from an unmounted standalone IC. will be greater. 200 If the IC is
(mW)
mounted on a PCB, its power dissipation Note that, depending on the PCB's thermal characteristics, the curves may differ substantially from those shown.
Power Dissipation
PD
100
0 -40
0
40
80
120
Ambient Temperature
Ta
(C)
5
2007-10-01
TC75S59AFE/AFC
Package Dimensions
Weight: 0.003 g (Typ.)
6
2007-10-01
TC75S59AFE/AFC
Package Dimensions
CSON6-P-0.45
Weight: 0.002 g (Typ.)
7
2007-10-01
TC75S59AFE/AFC
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
8
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC75S59AFC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X