|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TC75S58AFE/AFC TC75S58AFE,TC75S58AFC Single ComparatorOpen-Drain Output The TC75S58AFE and TC75S58AFC are CMOS general-purpose single comparators. The devices can operate from a single supply voltage and are designed for a lower supply-current than conventional general-purpose bipolar comparators. The output is designed for Open-Drain Output and can supply a higher voltage than the power supply. Therefore, it is possible to pull-up the voltage to a level higher than that of the power supply. The Open-Drain Output can be wired-OR with another Open-Drain Output circuit. * Output voltage should not exceed the maximum rating TC75S58AFC TC75S58AFE Feature * * * * * * Low Supply Current: IDD = 10 A (Typ.) Single Power Supply Operation Wide Common Mode Input : VSS~VDD - 0.9 V Open-Drain Output Circuit Low Input Bias Current Small Package CSON6-P-0.45 Weight SON5-P-0.50 : 0.003 g (Typ.) CSON6-P-0.45 : 0.002 g (Typ.) Marking (top view) TC75S58AFE 5 4 Pin Assignment (top view) TC75S58AFE VDD 5 OUT 4 TG 1 2 3 1 IN (-) 2 VSS 3 IN (+) TC75S58AFC Marking 6 5 4 TC75S58AFC VDD 6 NC 5 OUT 4 TG 1 2 3 Monthly Indication 1 2 3 IN (-) Vss IN (+) 1 2007-10-01 TC75S58AFE/AFC Absolute Maximum Ratings (Ta = 25C) Characteristics Supply Voltage Differential Input Voltage Input Voltage Output Current Output Voltage Power Dissipation Operating Temperature Storage Temperature Symbol VDD, VSS DVIN VIN IO VO PD Topr Tstg Rating 3.5 or 7 7 VSS~VDD 35 VSS ~ VSS + 7 TC75S58AFE TC75S58AFC 100 100Note1 Unit V V V mA V mW C C -40~85 -55~125 Note: Due to the CMOS structure, this device may be susceptible to latch-up . To prevent latch-up, please take the following precautions; * Ensure that no I/O pin's voltage level ever exceeds Vdd or drops below Vss. power-on timing. In addition, check the * Do not subject the device to excessive noise. Note FR4 in board implementation 25.4mm x 25.4mm x 1.6t, Cu Pad: 0.4mm2 2 2007-10-01 TC75S58AFE/AFC Electrical Characteristics (VDD = 5 V, VSS = GND, Ta = 25C) Characteristics Input Offset Voltage Input Offset Current Input Bias Current Common Mode Input Voltage Supply Current Voltage Gain Sink Current Output Leakage Current Off-State Leakage Current Output-Low Voltage Operating Supply Voltage Range Propagation Delay (Turn On) Propagation Delay (Turn Off) Response Time Symbol VIO IIO II CMVIN IDD GV Isink ILEAK IOFF VOL VDD tPLH (1) tPLH (2) tPHL (1) tPHL (2) tTLH tTHL () Test Circuit VOL = 0.5 V VDD = 5 V , VO = 5 V VDD = 0 V , VO = 5 V Isink = 5.0 mA Over Drive = 100 mV TTL Step Input Over Drive = 100 mV TTL Step Input Over Drive = 100 mV Over Drive = 100 mV Test Condition Min. 0 13 1.8 Typ. 1 1 1 11 94 25 5 5 0.1 800 620 230 350 190 6 Max. 7 4.1 22 0.3 7.0 Unit mV pA pA V A dB mA nA nA V V ns ns ns Electrical Characteristics (VDD = 3 V, VSS = GND, Ta = 25C) Characteristics Input Offset Voltage Input Offset Current Input Bias Current Common Mode Input Voltage Supply Current Sink Current Output Leakage Current Off-State Leakage Current Output-Low Voltage Propagation Delay (Turn On) Propagation Delay (Turn Off) Response Time Symbol VIO IIO II CMVIN IDD (Note) Isink ILEAK IOFF VOL tPLH tPHL tTLH tTHL Test Circuit VOL = 0.5 V VDD = 3 V , VO = 3 V VDD = 0 V , VO = 3 V Isink = 5.0 mA Over Drive = 100 mV Over Drive = 100 mV Over Drive = 100 mV Over Drive = 100 mV Test Condition Min. 0 6 Typ. 1 1 1 10 18 5 5 0.15 590 230 170 5 Max. 7 2.1 20 0.35 Unit mV pA pA V A mA nA nA V ns ns ns Note:The current consumption of this device increases as its operating frequency increases. Note that the power dissipation should not exceed the allowable power. 3 2007-10-01 TC75S58AFE/AFC IDD - f 1000 VDD = 3 V (A) VSS = GND Ta = 25C 100 Supply Current IDD 10 1 0.001 0.01 0.1 1 10 100 1000 Frequency f (kHz) IDD - f 1000 VDD = 5 V (A) VSS = GND Ta = 25C 100 Supply Current IDD 10 1 0.001 0.01 0.1 1 10 100 1000 Frequency f (kHz) 4 2007-10-01 TC75S58AFE/AFC VOL - Isink 3.0 5.0 VDD = 3 V 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 5 10 VDD = 5 V VSS = GND Ta = 25C VOL - Isink VOL (V) 2.5 VSS = GND Ta = 25C 2.0 Output-Low Voltage 1.5 1.0 0.5 0.0 0 5 10 15 20 25 30 35 40 Output-Low Voltage VOL (V) 15 20 25 30 35 40 Sink Current Isink (mA) Sink Current Isink (mA) PD - Ta 300 This data was obtained from an unmounted standalone IC. will be greater. 200 If the IC is (mW) mounted on a PCB, its power dissipation Note that, depending on the PCB's thermal characteristics, the curves may differ substantially from those shown. Power Dissipation PD 100 0 -40 0 40 80 120 Ambient Temperature Ta (C) 5 2007-10-01 TC75S58AFE/AFC Package Dimension Weight: 0.003 g (Typ.) 6 2007-10-01 TC75S58AFE/AFC Package Dimension CSON6-P-0.45 Weight: 0.002 g (Typ.) 7 2007-10-01 TC75S58AFE/AFC RESTRICTIONS ON PRODUCT USE * The information contained herein is subject to change without notice. 20070701-EN * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. 8 2007-10-01 |
Price & Availability of TC75S58AFE07 |