Part Number Hot Search : 
D473J M1330 FPF1016 FN3277 40151 1N4448W 2SK10 AT29LV
Product Description
Full Text Search
 

To Download TC75S56F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC75S56F/FU/FE
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC75S56F,TC75S56FU,TC75S56FE
Single Comparator
The TC75S56F/TC75S56FU/TC75S56FE is a CMOS generalpurpose single comparator. The device can operate off a single power supply and draws a lower supply current than a conventional bipolar general-purpose comparator. This device's push-pull output stage can be directly connected to TTL or CMOS logic ICs, among others.
TC75S56F
Features
* * * * * * Low-current power supply Single power supply operation Wide common mode input voltage range : VSS~VDD - 0.9 V Push-pull output circuit Low input bias current Small package
TC75S56FU
: IDD = 10 A (typ.)
TC75S56FE
Weight SSOP5-P-0.95 : 0.014 g (typ.) SSOP5-P-0.65A : 0.006 g (typ.) SON5-P-0.50 : 0.003 g (typ.)
Marking (top view)
5 4
Pin Connection (top view)
VDD 5 OUT 4
TC
1
2
3
1 IN (-)
2 VSS
3 IN (+)
1
2007-11-01
TC75S56F/FU/FE
Absolute Maximum Ratings (Ta = 25C)
Characteristics Supply voltage Differential input voltage Input voltage Output Current Power dissipation TC75S56F/FU TC75S56FE Symbol VDD, VSS DVIN VIN IOUT PD Topr Tstg Rating 3.5 or 7 7 VSS~VDD 35 200 100 -40~85 -55~125 Unit V V V mA mW C C
Operating temperature Storage temperature
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note: This device's CMOS structure makes it prone to latch-up. To prevent latch-up, please take the following precautions: * * Ensure that no I/O pin's voltage level ever exceeds VDD or drops below VSS. In addition, check the power-on timing. Do not subject the device to excessive noise.
2
2007-11-01
TC75S56F/FU/FE
Electrical Characteristics (unless otherwise specified, VDD = 5 V, VSS = GND, Ta = 25C)
Characteristics Input offset voltage Input offset current Input bias current Common mode input voltage Supply current Voltage gain Sink current Source current Output voltage Operating supply voltage Propagation delay time (turn on) Symbol VIO IIO II CMVIN IDD (Note) GV Isink Isource VOL VOH VDD tPLH (1) tPLH (2) tPHL (1) tPHL (2) tTLH tTHL Test Circuit VOL = 0.5 V VOH = 4.5 V Isink = 5.0 mA Isource = 5.0 mA Over drive = 100 mV TTL step input Over drive = 100 mV TTL step input Over drive = 100 mV Over drive = 100 mV Test Condition Min 0 13 9 4.7 1.8 Typ. 1 1 1 11 94 25 21 0.1 4.9 680 500 250 380 60 8 Max 7 4.1 22 0.3 7.0 Unit mV pA pA V A dB mA mA V V ns
Propagation delay time (turn off)

ns
Response time
ns
Electrical Characteristics (unless otherwise specified, VDD = 3 V, VSS = GND, Ta = 25C)
Characteristics Input offset voltage Input offset current Input bias current Common mode input voltage Supply current Sink current Source current Output voltage Propagation delay time (turn on) Propagation delay time (turn off) Response time Symbol VIO IIO II CMVIN IDD (Note) Isink Isource VOL VOH tPLH tPHL tTLH tTHL Test Circuit VOL = 0.5 V VOH = 2.5 V Isink = 5.0 mA Isource = 5.0 mA Over drive = 100 mV Over drive = 100 mV Over drive = 100 mV Over drive = 100 mV Test Condition Min 0 6 3 2.65 Typ. 1 1 1 10 18 15 0.15 2.85 550 250 30 8 Max 7 2.1 20 0.35 Unit mV pA pA V A mA mA V ns ns ns

Note: This device's current consumption increases as its operating frequency increases. Note that the power dissipation should not exceed the allowable power dissipation.
3
2007-11-01
TC75S56F/FU/FE
IDD - f
1000 VDD = 3 V VSS = GND
(A)
Ta = 25C 100
Supply current IDD
10
1 0.001
0.01
0.1
1
10
100
1000
Frequency f
(kHz)
IDD - f
1000 VDD = 5 V VSS = GND
(A)
Ta = 25C 100
Supply current IDD
10
1 0.001
0.01
0.1
1
10
100
1000
Frequency f
(kHz)
4
2007-11-01
TC75S56F/FU/FE
VOL - Isink
3.0 VDD = 3 V 2.5 VSS = GND 5.0 4.5 4.0 VDD = 5 V VSS = GND Ta = 25C
VOL - Isink
(V)
(V) Output voltage VOL
15 20 25 30 35 40
Ta = 25C 2.0
3.5 3.0 2.5 2.0 1.5 1.0 0.5
Output voltage VOL
1.5
1.0
0.5
0.0 0
5
10
0.0 0
5
10
15
20
25
30
35
40
Sink current Isink
(mA)
Sink current Isink
(mA)
VOH - Isource
3.0 5.0 4.5 2.5
VOH - Isource
(V)
4.0
(V) Output voltage VOH
2.0 1.5 1.0 VDD = 3 V 0.5 VSS = GND Ta = 25C 0.0 0 5 10 15 20 25 30 35 40
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 VDD = 5 V VSS = GND Ta = 25C 5 10 15 20 25 30 35 40
Output voltage VOH
Source current Isource
(mA)
Source current Isource
(mA)
PD - Ta
300 This data was obtained from an unmounted standalone IC. If the IC is mounted on a PCB, its power dissipation will be greater. Note that, depending on the PCB's thermal characteristics, the curves may differ substantially from those shown.
(mW) Power dissipation PD
200 100 0 -40
0
40
80
120
Ambient temperature Ta (C)
5
2007-11-01
TC75S56F/FU/FE
Package Dimensions
Weight: 0.014 g (typ.)
6
2007-11-01
TC75S56F/FU/FE
Package Dimensions
Weight: 0.006 g (typ.)
7
2007-11-01
TC75S56F/FU/FE
Package Dimensions
Weight: 0.003 g (typ.)
8
2007-11-01
TC75S56F/FU/FE
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-11-01


▲Up To Search▲   

 
Price & Availability of TC75S56F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X