Part Number Hot Search : 
04304 1215Z 51163 SBT6045 10B08 BT4401 216GA60 WR303
Product Description
Full Text Search
 

To Download TC75S51F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC75S51F/FU/FE
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC75S51F,TC75S51FU,TC75S51FE
Single Operational Amplifier
The TC75S51F/TC75S51FU/TC75S51FE is a CMOS singleoperation amplifier which incorporates a phase compensation circuit. It is designed for use with a low-voltage, low-current power supply; this differentiates this device from conventional general-purpose bipolar op-amps.
TC75S51F
Features
* * * * Low-voltage operation : VDD = 0.75~3.5 V or 1.5~7 V Low-current power supply : IDD (VDD = 3 V) = 60 A (typ.) Built-in phase-compensated op-amp, obviating the need for any external device Ultra-compact package
TC75S51FU
TC75S51FE
Absolute Maximum Ratings (Ta = 25C)
Characteristics Supply voltage Differential input voltage Input voltage Power dissipation TC75S51F/FU TC75S51FE Symbol VDD, VSS DVIN VIN PD Topr Tstg Rating 7 7 VDD~VSS 200 100 -40~85 -55~125 Unit V V V mW C C
Weight SSOP5-P-0.95 : 0.014 g (typ.) SSOP5-P-0.65A : 0.006 g (typ.) SON5-P-0.50 : 0.003 g (typ.)
Operating temperature Storage temperature
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
1
2007-11-01
TC75S51F/FU/FE
Marking (top view)
5 4
Pin Connection (top view)
VDD 5 OUT 4
SC
1
2
3
1 IN (+)
2 VSS
3 IN (-)
Electrical Characteristics DC Characteristics (VDD = 3.0 V, VSS = GND, Ta = 25C)
Characteristics Input offset voltage Input offset current Input bias current Common mode input voltage Voltage gain (open loop) Maximum output voltage Common mode input signal rejection ratio Supply voltage rejection ratio Supply current Symbol VIO IIO II CMVIN GV VOH VOL CMRR SVRR IDD Test Circuit 1 2 3 4 2 1 5 RL > 100 k = RL > 100 k = VIN = 0.0~2.5 V VDD = 1.5~7.0 V Test Condition RS = 1 k, RF = 100 k RS = 1 k, RF = 100 k Min 0 60 2.9 55 60 Typ. 2 1 1 70 65 70 60 Max 10 2.5 0.1 200 Unit mV pA pA V dB V dB dB A
DC Characteristics (VDD = 1.5 V, VSS = GND, Ta = 25C)
Characteristics Input offset voltage Input offset current Input bias current Common mode input voltage Voltage gain (open loop) Maximum output voltage Supply current Symbol VIO IIO II CMVIN GV VOH VOL IDD Test Circuit 1 2 3 4 5 RL > 100 k = RL > 100 k = Test Condition RS = 10 k, RF = 100 k RS = 10 k, RF = 100 k Min 0 60 1.4 Typ. 2 1 1 70 50 Max 10 1.0 0.1 150 Unit mV pA pA V dB V A
Note: For this device, please use a source current of no more than 70 A.
2
2007-11-01
TC75S51F/FU/FE
AC Characteristics (VDD = 3.0 V, VSS = GND, Ta = 25C)
Characteristics Slew rate Unity gain cross frequency Symbol SR fT Test Circuit Test Condition AV = 0 dB AV = 40 dB Min Typ. 0.5 0.6 Max Unit V/s MHz
AC Characteristics (VDD = 1.5 V, VSS = GND, Ta = 25C)
Characteristics Slew rate Unity gain cross frequency Symbol SR fT Test Circuit Test Condition AV = 0 dB AV = 40 dB Min Typ. 0.3 0.5 Max Unit V/s MHz
Test Circuit
1. SVRR, VIO
VDD RF RS VOUT RS RF * * SVRR For each of the two VDD values, measure the VOUT value, as indicated below, and calculate the value of SVRR using the equation shown. When VDD = 1.5 V, VDD = VDD1 and VOUT = VOUT1 When VDD = 7.0 V, VDD = VDD2 and VOUT = VOUT2
V 1 - V OUT 2 RS SVRR = 20 log OUT x V 1- V RF + RS DD DD 2
VDD/2
VIO Measure the value of VOUT and calculate the value of VIO using the following equation.
RS VDD x VIO = V OUT - 2 RF + RS
2. CMRR, CMVIN
VDD RF RS VOUT RF VIN RS VDD/2 * * CMRR Measure the VOUT value, as indicated below, and calculate the value of the CMRR using the equation shown. When VIN = 0.0 V, VIN = VIN1 and VOUT = VOUT1 When VIN = 2.5 V, VIN = VIN2 and VOUT = VOUT2
V 1 - V OUT 2 RS CMRR = 20 log OUT x RF + RS VIN1 - VIN 2
CMVIN Input range within which the CMRR specification guarantees VOUT value (as varied by the VIN value).
3
2007-11-01
TC75S51F/FU/FE
3. VOH
VDD * VOH
VIN1 = VDD - 0.05 V 2
VOH RL
VIN2 =
VDD + 0.05 V 2
VIN1
VIN2
4. VOL
VDD
*
VOL VIN1 = VDD + 0.05 V 2 VDD - 0.05 V 2
RL VOL
VIN2 =
VIN1
VIN2
5. IDD
VDD M IDD
VDD/2
4
2007-11-01
TC75S51F/FU/FE
IDD - VDD
100 VSS = GND VIN = VDD/2 120
GV - f
VDD = 3 V VSS = GND Ta = 25C 80
(mA)
80
Supply current IDD
60
40
VDD IDD M VDD/2
Voltage gain
GV (dB)
2 3 4 5 6
Ta = 25C
40
20
0 0
1
7
0 10
100
1k
10 k
100 k
1M
10 M
Supply voltage
VDD
(V)
Frequency f
(Hz)
RL - VDD
1M 7
VOH - VDD
VSS = GND
(V)
VDD
()
6 5 4 3 2 1 0 0
Isource = 70 A Ta = 25C
Load resistance RL
RL
100 k
VOH Isource = 70 A
High-level output voltage VOH
VDD VOH Isource = 70 A
6 7
VSS = GND Isource = 70 A Ta = 25C 10 k 0 1 2 3 4 5 6 7
RL
1 2 3 4 5
Supply voltage
VDD
(V)
Supply voltage
VDD
(V)
5
2007-11-01
TC75S51F/FU/FE
VOL - Isink
10 VDD = 1.5 V VSS = GND Ta = 25C 10 VDD = 3.0 V VSS = GND Ta = 25C
VOL - Isink
VOL (V)
Low-level output voltage
0.1
Low-level output voltage
100
VOL (V)
1
1
0.1
0.01
0.01
0.001 10
1m
10 m
0.001 10
100
1m
10 m
Sink current Isink
(A)
Sink current Isink
(A)
PD - Ta
300
(mW) Power dissipation PD
200
100
0 -40
This data was obtained from an unmounted standalone IC. If the IC is mounted on a PCB, its power dissipation will be greater. Note that, depending on the PCB's thermal characteristics, the curves may differ substantially from those shown. 0 40 80 120
Ambient temperature Ta (C)
6
2007-11-01
TC75S51F/FU/FE
Package Dimensions
Weight: 0.014 g (typ.)
7
2007-11-01
TC75S51F/FU/FE
Package Dimensions
Weight: 0.006 g (typ.)
8
2007-11-01
TC75S51F/FU/FE
Package Dimensions
Weight: 0.003 g (typ.)
9
2007-11-01
TC75S51F/FU/FE
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
10
2007-11-01


▲Up To Search▲   

 
Price & Availability of TC75S51F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X