Part Number Hot Search : 
7805S 3N212 IK2804D 7805S 3N212 3N212 3N212 4C256
Product Description
Full Text Search
 

To Download TC74VHCT08AF07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VHCT08AF/AFN/AFT/AFK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT08AF,TC74VHCT08AFN,TC74VHCT08AFT,TC74VHCT08AFK
Quad 2-Input AND Gate
The TC74VHCT08A is an advanced high speed CMOS 2-INPUT AND GATE fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The input voltage are compatible with TTL output voltage. This device may be used as a level converter for interfacing 3.3 V to 5 V system. Input protection and output circuit ensure that 0 to 5.5 V can be applied to the input and output (Note) pins without regard to the supply voltage. These structure prevents device destruction due to mismatched supply and input/output voltages such as battery back up, hot board insertion, etc. Note: VCC = 0 V
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74VHCT08AF
TC74VHCT08AFN
Features
* * * * * * * High speed: tpd = 5.0 ns (typ.) at VCC = 5 V Low power dissipation: ICC = 2 A (max) at Ta = 25C Compatible with TTL outputs: VIL = 0.8 V (max) VIH = 2.0 V (min) Power down protection is provided on all inputs and outputs. Balanced propagation delays: tpLH - tpHL Low noise: VOLP = 0.8 V (max) Pin and function compatible with the 74 series (74AC/HC/F/ALS/LS etc.) 08 type.
TC74VHCT08AFK TC74VHCT08AFT
Weight SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A VSSOP14-P-0030-0.50
: 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.) : 0.02 g (typ.)
1
2007-10-01
TC74VHCT08AF/AFN/AFT/AFK
Pin Assignment IEC Logic Symbol
1A 1B 2A 2B 3A 3B 4A 4B (1) (2) (4) (5) (9) (10) (12) (13) & (3) (6) (8) (11)
1A 1B 1Y 2A 2B 2Y GND
1 2 3 4 5 6 7 (top view)
14 13 12 11 10 9 8
VCC 4B 4A 4Y 3B 3A 3Y
1Y 2Y 3Y 4Y
Truth Table
A L L H H B L H L H Y L L L H
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating -0.5 to 7.0 -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -20 20 25 50 180 -65 to 150 (Note 4) (Note 2) (Note 3) Unit V V V mA mA mA mA mW C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: VCC = 0 V Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC
2
2007-10-01
TC74VHCT08AF/AFN/AFT/AFK
Operating Ranges (Note 1)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Input rise and fall time Symbol VCC VIN VOUT Topr dt/dV Rating 4.5 to 5.5 0 to 5.5 0 to 5.5 0 to VCC -40 to 85 0 to 20 (Note 2) (Note 3) Unit V V V C ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: VCC = 0 V Note 3: High or low state.
Electrical Characteristics
DC Characteristics
Characteristics High-level input voltage Low-level input voltage High-level output voltage Low-level output voltage Input leakage current Quiescent supply current Output leakage current Symbol Test Condition VCC (V) VIH VIL VOH IOH = -50 A VIN = VIH or VIL I OH = -8 mA IOL = 50 A VIN = VIH or VIL I = 8 mA OL VIN = 5.5 V or GND VIN = VCC or GND Per input: VIN = 3.4 V Other input: VCC or GND VOUT = 5.5 V 4.5 to 5.5 4.5 to 5.5 4.5 4.5 4.5 4.5 0 to 5.5 5.5 5.5 0 Min 2.0 4.40 3.94 Ta = 25C Typ. 4.50 0.0 Max 0.8 0.1 0.36 0.1 2.0 1.35 0.5 Ta = -40 to 85C Min 2.0 4.40 3.80 Max 0.8 0.1 0.44 1.0 20.0 1.50 5.0 A A mA A V V V V Unit
VOL IIN ICC ICCT IOPD
3
2007-10-01
TC74VHCT08AF/AFN/AFT/AFK
AC Characteristics (input: tr = tf = 3 ns)
Characteristics Symbol tpLH tpHL CIN CPD Test Condition VCC (V) Propagation delay time Input capacitance Power dissipation capacitance 5.0 0.5 (Note) CL (pF) 15 50 Min Ta = 25C Typ. 5.0 5.5 4 18 Max 6.9 7.9 10 Ta = -40 to 85C Min 1.0 1.0 Max 8.0 9.0 10 ns pF pF Unit
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD*VCC*fIN + ICC/4 (per gate)
Noise Characteristics (input: tr = tf = 3 ns)
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Minimum high level dynamic input voltage Maximum low level dynamic input voltage Symbol VOLP VOLV VIHD VILD CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF Test Condition VCC (V) 5.0 5.0 5.0 5.0 Ta = 25C Typ. 0.4 -0.4 Max 0.8 -0.8 2.0 0.8 Unit V V V V
4
2007-10-01
TC74VHCT08AF/AFN/AFT/AFK
Package Dimensions
Weight: 0.18 g (typ.)
5
2007-10-01
TC74VHCT08AF/AFN/AFT/AFK
Package Dimensions (Note)
Note:
This package is not available in Japan.
Weight: 0.12 g (typ.)
6
2007-10-01
TC74VHCT08AF/AFN/AFT/AFK
Package Dimensions
Weight: 0.06 g (typ.)
7
2007-10-01
TC74VHCT08AF/AFN/AFT/AFK
Package Dimensions
Weight: 0.02 g (typ.)
8
2007-10-01
TC74VHCT08AF/AFN/AFT/AFK
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74VHCT08AF07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X