Part Number Hot Search : 
HT46C47 47M63V 3CD4C 1N5244B SM5847 BFG94 102304E SMC36
Product Description
Full Text Search
 

To Download TC74VHC74F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VHC74F/FN/FT/FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC74F,TC74VHC74FN,TC74VHC74FT,TC74VHC74FK
Dual D-Type Flip-Flop with Preset and Clear
The TC74VHC74 is an advanced high speed CMOS D-FLIP FLOP fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The signal level applied to the D INPUT is transferred to Q OUTPUT during the positive going transition of the CK pulse. CLR and PR are independent of the CK and are accomplished by setting the appropriate input low. An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.
Note: The JEDEC SOP (FN) is not available in Japan. TC74VHC74F
TC74VHC74FN
Features
* * * * * * * High speed: fmax = 170 MHz (typ.) at VCC = 5 V Low power dissipation: ICC = 2 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Power down protection is provided on all inputs. Balanced propagation delays: tpLH tpHL - Wide operating voltage range: VCC (opr) = 2 V to 5.5 V Pin and function compatible with 74ALS74
TC74VHC74FT
TC74VHC74FK
Weight SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A VSSOP14-P-0030-0.50
: 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.) : 0.02 g (typ.)
1
2007-10-01
TC74VHC74F/FN/FT/FK
Pin Assignment IEC Logic Symbol
1PR 1CK 1D 1CLR 2PR 2CK 2D 2CLR (4) (3) (2) (1) (10) (11) (12) (13) S C1 1D R (5) (6) (9) (8)
1CLR
1D 1CK
1PR
1 2 3 4 5 6 7 (top view) CK Q D Q CK Q D Q
14 13 12 11 10 9 8
VCC
1Q
2CLR 2D 2CK 2PR 2Q
1Q
2Q
2Q
1Q
1Q
GND
2Q
Truth Table
Inputs Outputs
CLR
L H L H H H
PR H L L H H H
D X X X L H X
CK X X X
Q L H H L H Qn
Q
H L H H L
Qn
Function Clear Preset No Change
X: Don't care
Absolute Maximum Ratings (Note)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -20 20 25 50 180 -65 to 150 Unit V V V mA mA mA mA mW C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
2
2007-10-01
TC74VHC74F/FN/FT/FK
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Input rise and fall time Symbol VCC VIN VOUT Topr dt/dv Rating 2.0 to 5.5 0 to 5.5 0 to VCC -40 to 85 0 to 100 (VCC = 3.3 0.3 V) 0 to 20 (VCC = 5 0.5 V) Unit V V V C ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Characteristics Symbol Test Condition VCC (V) High-level input voltage 2.0 VIH 3.0 to 5.5 2.0 VIL 3.0 to 5.5 2.0 High-level output voltage VIN = VIH or VIL IOH = -50 A 3.0 4.5 IOH = -4 mA IOH = -8 mA 3.0 4.5 2.0 Low-level output voltage VIN = VIH or VIL IOL = 50 A 3.0 4.5 IOL = 4 mA IOL = 8 mA Input leakage current Quiescent supply current IIN ICC VIN = 5.5 V or GND VIN = VCC or GND 3.0 4.5 0 to 5.5 5.5 Min 1.50 VCC x 0.7 1.9 2.9 4.4 2.58 3.94 Ta = 25C Typ. 2.0 3.0 4.5 0.0 0.0 0.0 Max 0.50 VCC x 0.3 0.1 0.1 0.1 0.36 0.36 0.1 2.0 Ta = -40 to 85C Min 1.50 VCC x 0.7 1.9 2.9 4.4 2.48 3.80 Max 0.50 VCC x 0.3 0.1 0.1 0.1 0.44 0.44 1.0 20.0 A A V V V V Unit
Low-level input voltage
VOH
VOL
3
2007-10-01
TC74VHC74F/FN/FT/FK
Timing Requirements (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) Minimum pulse width (CK) Minimum pulse width ( CLR , PR ) Minimum set-up time tw (L) tw (H) tw (L) 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 Ta = 25C Limit 6.0 5.0 6.0 5.0 6.0 5.0 0.5 0.5 5.0 3.0 Ta = -40 to 85C Limit 7.0 5.0 7.0 5.0 7.0 5.0 0.5 0.5 5.0 3.0 ns Unit
ns
ts
ns
Minimum hold time Minimum removal time ( CLR , PR )
th
ns
trem
ns
AC Characteristics (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) Propagation delay time (CK-Q, Q ) 3.3 0.3 5.0 0.5 CL (pF) 15 50 15 50 15 50 15 50 15 50 15 50 Min 80 50 130 90 (Note) Ta = 25C Typ. 6.7 9.2 4.6 6.1 7.6 10.1 4.8 6.3 125 75 170 115 4 25 Max 11.9 15.4 7.3 9.3 12.3 15.8 7.7 9.7 10 Ta = -40 to 85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 70 45 110 75 Max 14.0 17.5 8.5 10.5 14.5 18.0 9.0 11.0 10 pF pF MHz ns ns Unit
tpLH tpHL
Propagation delay time ( CLR , PR -Q, Q )
tpLH tpHL
3.3 0.3 5.0 0.5
3.3 0.3 Maximum clock frequency fmax 5.0 0.5 Input capacitance Power dissipation capacitance CIN CPD
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD*VCC*fIN + ICC/2 (per F/F)
4
2007-10-01
TC74VHC74F/FN/FT/FK
Input Equivalent Circuit
INPUT
5
2007-10-01
TC74VHC74F/FN/FT/FK
Package Dimensions
Weight: 0.18 g (typ.)
6
2007-10-01
TC74VHC74F/FN/FT/FK
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.12 g (typ.)
7
2007-10-01
TC74VHC74F/FN/FT/FK
Package Dimensions
Weight: 0.06 g (typ.)
8
2007-10-01
TC74VHC74F/FN/FT/FK
Package Dimensions
Weight: 0.02 g (typ.)
9
2007-10-01
TC74VHC74F/FN/FT/FK
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
10
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74VHC74F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X