Part Number Hot Search : 
KTB1151 R6545 GBU1010 P010204 69204 MUR150 AV4232 SDA168N
Product Description
Full Text Search
 

To Download TC74VHC273F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VHC273F/FT/FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC273F,TC74VHC273FT,TC74VHC273FK
Octal D-Type Flip-Flop with Clear
The TC74VHC273 is an advanced high speed CMOS OCTAL D-TYPE FLIP FLOP fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. Information signals applied to D inputs are transferred to the Q outputs on the positive going edge of the clock pulse. When the CLR input is held "L", the Q outputs are at a low logic level independent of the other inputs. An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.
TC74VHC273F
TC74VHC273FT
Features
* * * * * * * * High speed: fmax = 165 MHz (typ.) at VCC = 5 V Low power dissipation: ICC = 4 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Power down protection is provided on all inputs. Balanced propagation delays: tpLH tpHL - Wide operating voltage range: VCC (opr) = 2 to 5.5 V Low noise: VOLP = 0.9 V (max) Pin and function compatible with 74ALS273
TC74VHC273FK
Weight SOP20-P-300-1.27A TSSOP20-P-0044-0.65A VSSOP20-P-0030-0.50
: 0.22 g (typ.) : 0.08 g (typ.) : 0.03 g (typ.)
1
2007-10-01
TC74VHC273F/FT/FK
Pin Assignment IEC Logic Symbol
(1) (11) (3) (4) (7) (8) (13) (14)
CLR
Q1 D1 D2 Q2 Q3 D3 D4 Q4
1 2 3 4 5 6 7 8 9
20 19 18 17 16 15 14 13 12 11 (top view)
VCC Q8 D8 D7 Q7 Q6 D6 D5 Q5 CK
CLR CK
D1 D2 D3 D4 D5
R C1 1D (2) (5) (6) (9) (12) (15) Q1 Q2 Q3 Q4 Q5 Q6
D6 D7 D8
(17) (18)
(16) (19)
Q7 Q8
GND 10
Truth Table
Inputs
CLR
Output CK X Q L L H Qn
Function Clear No Change
D X L H X
L H H H
X: Don't care
System Diagram
D1 3 DR D2 4 DR D3 7 DR D4 8 DR D5 13 DR D6 14 DR D7 17 DR D8 18 DR
CLR
1
CK CK 11
Q
CK
Q
CK
Q
CK
Q
CK
Q
CK
Q
CK
Q
CK
Q
2 Q1
5 Q2
6 Q3
9 Q4
12 Q5
15 Q6
16 Q7
19 Q8
2
2007-10-01
TC74VHC273F/FT/FK
Absolute Maximum Ratings (Note)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating
-0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -20 20 25 75
Unit V V V mA mA mA mA mW C
180
-65 to 150
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Input rise and fall time Symbol VCC VIN VOUT Topr dt/dv Rating 2.0 to 5.5 0 to 5.5 0 to VCC
-40 to 85
Unit V V V C ns/V
0 to 100 (VCC = 3.3 0.3 V) 0 to 20 (VCC = 5 0.5 V)
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
3
2007-10-01
TC74VHC273F/FT/FK
Electrical Characteristics
DC Characteristics
Characteristics Symbol Test Condition VCC (V) High-level input voltage 2.0 VIH
Ta = 25C Min 1.50 VCC x 0.7

Ta = -40 to 85C Max

Unit
Typ.

Min 1.50 VCC x 0.7

Max

3.0 to 5.5 2.0
V
Low-level input voltage
0.50 VCC x 0.3

0.50 VCC x 0.3

VIL
3.0 to 5.5 2.0
V
1.9 2.9 4.4 2.58 3.94

2.0 3.0 4.5

1.9 2.9 4.4 2.48 3.80

IOH = -50 A High-level output voltage VOH VIN = VIH or VIL IOH = -4 mA IOH = -8 mA IOL = 50 A Low-level output voltage VOL VIN = VIH or VIL IOL = 4 mA IOL = 8 mA Input leakage current Quiescent supply current IIN ICC VIN = 5.5 V or GND VIN = VCC or GND
3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 4.5 0 to 5.5 5.5
V
0.0 0.0 0.0

0.1 0.1 0.1 0.36 0.36
0.1
0.1 0.1 0.1 0.44 0.44
1.0 A A
V
4.0
40.0
Timing Requirements (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) Minimum pulse width (CK) tw (L) tw (H) tw (L)
Ta = 25C Typ.

Ta = -40 to 85C Limit 6.5 5.0 6.0 5.0 6.5 4.5 1.0 1.0 2.5 2.0
Unit
Limit 5.5 5.0 5.0 5.0 5.5 4.5 1.0 1.0 2.5 2.0
3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5
ns
Minimum pulse width ( CLR )
ns
Minimum set-up time
ts
ns
Minimum hold time
th
ns
Minimum removal time ( CLR )
trem
ns
4
2007-10-01
TC74VHC273F/FT/FK
AC Characteristics (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) Propagation delay time (CK-Q) 3.3 0.3
Ta = 25C CL (pF) 15 50 15 50 15 50 15 50 15 50 15 50 50 50 Min

Ta = -40 to 85C Max 13.6 17.1 9.0 11.0 13.6 17.1 8.5 10.5

Unit
Typ. 8.7 11.2 5.8 7.3 8.9 11.4 5.2 6.7 120 75 165 110

Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 65 45 100 70

Max 16.0 19.5 10.5 12.5 16.0 19.5 10.0 12.0

tpLH tpHL
ns
5.0 0.5
Propagation delay time ( CLR -Q)
3.3 0.3 tpHL
ns
5.0 0.5
3.3 0.3 Maximum clock frequency fmax
75 50 120 80

MHz
5.0 0.5 tosLH tosHL CIN CPD 3.3 0.3 5.0 0.5
Output to output skew Input capacitance Power dissipation capacitance
(Note 1)
1.5 1.0 10
1.5 1.0 10
ns pF pF
4 31
(Note 2)
Note 1: Parameter guaranteed by design. tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn| Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD*VCC*fIN + ICC/8 (per bit) And the total CPD when n pcs.of flip flop operate can be gained by the following equation: CPD (total) = 22 + 9*n
Noise Characteristics (input: tr = tf = 3 ns)
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Minimum high level dynamic input voltage Maximum low level dynamic input voltage Symbol VOLP VOLV VIHD VILD CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF Test Condition VCC (V) 5.0 5.0 5.0 5.0 Ta = 25C Typ. 0.5
-0.5
Max 0.8
-0.8
Unit V V V V
3.5 1.5
5
2007-10-01
TC74VHC273F/FT/FK
Input Equivalent Circuit
INPUT
6
2007-10-01
TC74VHC273F/FT/FK
Package Dimensions
Weight: 0.22 g (typ.)
7
2007-10-01
TC74VHC273F/FT/FK
Package Dimensions
Weight: 0.08 g (typ.)
8
2007-10-01
TC74VHC273F/FT/FK
Package Dimensions
Weight: 0.03 g (typ.)
9
2007-10-01
TC74VHC273F/FT/FK
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
10
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74VHC273F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X