Part Number Hot Search : 
SM1126 AS56VDC5 EMC1413 04102 IRLR210A BLF647PS PESD15V 2SB932
Product Description
Full Text Search
 

To Download TC74VHC14F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VHC14F/FN/FT/FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC14F,TC74VHC14FN,TC74VHC14FT,TC74VHC14FK
Hex Schmitt Inverter
The TC74VHC14 is an advanced high speed CMOS SCHMITT INVERTER fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. Pin configuration and function are the same as the TC74VHC04 but the inputs have hysteresis and with its schmitt trigger function, the TC74VHC14 can be used as a line receivers which will receive slow input signals. An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74VHC14F
TC74VHC14FN
Features
* * * * * * * High speed: tpd = 5.5 ns (typ.) at VCC = 5 V Low power dissipation: ICC = 2 A (max) at Ta = 25C Power down protection is provided on all inputs. Balanced propagation delays: tpLH - tpHL Wide operating voltage range: VCC (opr) = 2 V to 5.5 V Low noise: VOLP = 0.8 V (max) Pin and function compatible with 74ALS14
TC74VHC14FT
TC74VHC14FK
Weight SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A VSSOP14-P-0030-0.50
: 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.) : 0.02 g (typ.)
1
2007-10-01
TC74VHC14F/FN/FT/FK
Pin Assignment IEC Logic Symbol
1A 2A 3A 4A (1) (3) (5) (9) (2) (4) (6) (8) 1Y 2Y 3Y
1A 1Y 2A 2Y 3A 3Y GND
1 2 3 4 5 6 7 (top view)
14 13 12 11 10 9 8
VCC 6A 6Y 5A 5Y 4A 4Y
(11) 5A (13) 6A
4Y (10) 5Y (12) 6Y
Truth Table
A L H Y H L
System Diagram, Waveform
A Y VH VIN (A) VP VN VOUT (Y)
Absolute Maximum Ratings (Note)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -20 20 25 50 180 -65 to 150 Unit V V V mA mA mA mA mW C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
2
2007-10-01
TC74VHC14F/FN/FT/FK
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Symbol VCC VIN VOUT Topr Rating 2.0 to 5.5 0 to 5.5 0 to VCC -40 to 85 Unit V V V C
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition Characteristics Symbol VCC (V) 3.0 Positive threshold voltage VP 4.5 5.5 3.0 Negative threshold voltage VN 4.5 5.5 3.0 Hysteresis voltage VH 4.5 5.5 2.0 IOH = -50 A High-level output voltage VOH VIN = VIL IOH = -4 mA IOH = -8 mA 3.0 4.5 3.0 4.5 2.0 IOL = 50 A Low-level output voltage VOL VIN = VIH IOL = 4 mA IOL = 8 mA Input leakage current Quiescent supply current IIN ICC VIN = 5.5 V or GND VIN = VCC or GND 3.0 4.5 3.0 4.5 0 to 5.5 5.5 Min 0.90 1.35 1.65 0.30 0.40 0.50 1.9 2.9 4.4 2.58 3.94 Ta = 25C Typ. 2.0 3.0 4.5 0.0 0.0 0.0 Max 2.20 3.15 3.85 1.20 1.40 1.60 0.1 0.1 0.1 0.36 0.36 0.1 2.0 Ta = -40 to 85C Min 0.90 1.35 1.65 0.30 0.40 0.50 1.9 2.9 4.4 2.48 3.80 Max 2.20 3.15 3.85 1.20 1.40 1.60 0.1 0.1 0.1 0.44 0.44 1.0 20.0 A A V V V V V Unit
3
2007-10-01
TC74VHC14F/FN/FT/FK
AC Characteristics (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) 3.3 0.3 5.0 0.5 (Note) CL (pF) 15 50 15 50 Min Ta = 25C Typ. 8.3 10.8 5.5 7.0 4 21 Max 12.8 16.3 8.6 10.6 10 Ta = -40 to 85C Min 1.0 1.0 1.0 1.0 Max 15.0 18.5 10.0 12.0 10 pF pF ns Unit
Propagation delay time
tpLH tpHL
Input capacitance Power dissipation capacitance
CIN CPD
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD*VCC*fIN + ICC/6 (per gate)
Noise Characteristics (input: tr = tf = 3 ns)
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Minimum high level dynamic input voltage Maximum low level dynamic input voltage Symbol VOLP VOLV VIHD VILD CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF Test Condition VCC (V) 5.0 5.0 5.0 5.0 Ta = 25C Typ. 0.4 -0.4 Limit 0.8 -0.8 3.5 1.5 Unit V V V V
Input Equivalent Circuit
INPUT
4
2007-10-01
TC74VHC14F/FN/FT/FK
Package Dimensions
Weight: 0.18 g (typ.)
5
2007-10-01
TC74VHC14F/FN/FT/FK
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.12 g (typ.)
6
2007-10-01
TC74VHC14F/FN/FT/FK
Package Dimensions
Weight: 0.06 g (typ.)
7
2007-10-01
TC74VHC14F/FN/FT/FK
Package Dimensions
Weight: 0.02 g (typ.)
8
2007-10-01
TC74VHC14F/FN/FT/FK
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74VHC14F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X